Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HERA805G Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # HERA805G
Description  8.0AMPS. Glass Passivated High Efficient Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

HERA805G Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  HERA805G Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd HERA805G Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CREAT BY ART
Glass passivated chip junction
High efficiency, Low VF
High current capability
High reliability
High surge current capability
HERA80XG
= Specific Device Code
G
= Green Compound
Y
= Year
WW
= Work Week
Maximum Ratings and Electrical Characteristics
Rating at 25 ℃ ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
Symbol
HERA
801G
HERA
802G
HERA
803G
HERA
804G
HERA
805G
HERA
806G
HERA
807G
HERA
808G
Unit
VRRM
50
100
200
300
400
600
800
1000
V
VRMS
35
70
140
210
280
420
560
700
V
VDC
50
100
200
300
400
600
800
1000
V
Trr
nS
Cj
pF
RθjC
OC/W
TJ
OC
TSTG
OC
Terminals: Pure tin plated, lead free, solderable per
MIL-STD-202, Method 208 guaranteed
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Repetitive Peak Reverse Voltage
For use in low voltage, high frequency inventor,
free wheeling, and polarity protection application
Green compound with suffix "G" on packing
code & prefix "G" on datecode
High temperature soldering guaranteed:
260℃/10s/.16", (4.06mm) from case
Mechanical Data
Epoxy: UL 94V-0 rate flame retardant
Case: TO-220AC Molded plastic
Type Number
Polarity: As marked
55
65
Note 1: Pulse Test with PW=300 usec, 1% Duty Cycle
Weight: 2.24 grams
50
uA
Typical Thermal Resistance
10
HERA801G - HERA808G
8.0AMPS. Glass Passivated High Efficient Rectifiers
Marking Diagram
TO-220AC
Dimensions in inches and (millimeters)
Features
80
Version:F11
- 65 to + 150
Typical Junction Capacitance (Note 3)
Note 2: Reverse Recovery Test Conditions: IF=0.5A, IR=1.0A, IRR=0.25A
2
Note 3: Measured at 1 MHz and Applied Reverse Voltage of 4.0V D.C.
Operating Temperature Range
Storage Temperature Range
- 65 to + 150
400
Maximum Reverse Recovery Time (Note 2)
Maximum Reverse Current @ Rated VR TA=25 ℃
T A=125 ℃
IR
Maximum Average Forward Rectified Current
IF(AV)
8A
Peak Forward Surge Current, 8.3 ms Single Half Sine-
wave Superimposed on Rated Load (JEDEC method)
IFSM
150
A
1.7
V
Maximum Instantaneous Forward Voltage (Note 1)
@ 8 A
VF
1.0
1.3
Pb
RoHS
COMPLIANCE
RoHS
COMPLIANCE


Similar Part No. - HERA805G

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
HERA805G TSC-HERA805G Datasheet
56Kb / 2P
   8.0 AMPS. Glass Passivated High Efficient Rectifiers
HERA805G TSC-HERA805G Datasheet
259Kb / 2P
   8.0 AMPS. Glass Passivated High Efficient Rectifiers
logo
RFE international
HERA805G RFE-HERA805G Datasheet
101Kb / 1P
   LEADED (THRU-HOLE) High Efficiency & Super Fast Rectifiers
logo
Taiwan Semiconductor Co...
HERA805G TSC-HERA805G Datasheet
608Kb / 2P
   8.0 AMPS. Glass Passivated High Efficient Rectifiers
More results

Similar Description - HERA805G

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
HERAF801G TSC-HERAF801G_12 Datasheet
205Kb / 2P
   8.0AMPS. Isolated Glass Passivated High Efficient Rectifiers
UF4001 TSC-UF4001_14 Datasheet
378Kb / 4P
   Glass Passivated High Efficient Rectifiers
logo
GOOD-ARK Electronics
HER601G GOOD-ARK-HER601G Datasheet
195Kb / 2P
   Glass Passivated High Efficient Rectifiers
logo
Taiwan Semiconductor Co...
SF801G TSC-SF801G_11 Datasheet
196Kb / 2P
   8.0AMPS. Glass Passivated Super Fast Rectifiers
UG8J TSC-UG8J Datasheet
203Kb / 2P
   8.0AMPS. Glass Passivated Super Fast Rectifiers
SF801G TSC-SF801G_13 Datasheet
399Kb / 3P
   8.0AMPS. Glass Passivated Super Fast Rectifiers
HER101G TSC-HER101G_14 Datasheet
362Kb / 4P
   Glass Passivated High Efficient Rectifiers
HER601G TSC-HER601G_14 Datasheet
378Kb / 4P
   Glass Passivated High Efficient Rectifiers
HER301G TSC-HER301G_14 Datasheet
379Kb / 4P
   Glass Passivated High Efficient Rectifiers
logo
GOOD-ARK Electronics
HER2001G GOOD-ARK-HER2001G Datasheet
148Kb / 2P
   Glass Passivated High Efficient Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com