Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BZY55C2V7 Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # BZY55C2V7
Description  500mW,5% Tolerance SMD Zener Diode
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

BZY55C2V7 Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  BZY55C2V7 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd BZY55C2V7 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd BZY55C2V7 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
BZY55C2V4~BZY55C36
500mW,5% Tolerance SMD Zener Diode
Surface device type mounting
Moisture sensitivity level 1
Matte Tin(Sn) lead finish with Nickel(Ni) underplate
Pb free version and RoHS compliant
Case :0805 standard package, molded plastic
Min
Max
Min
Max
1.80
2.20 0.071 0.086
1.05
1.45 0.041 0.057
0.25
0.65 0.010 0.026
0.75
0.95 0.030 0.037
Package code Package
Packing
RYG
0805
5K / 7" Reel
Maximum Ratings
Notes:1. Valid provided that electrodes are kept at ambient temperature
VBR
: Voltage at IZK
IZK
: Test current for voltage VBR
ZZK
: Dynamic impedance at IZK
IZT
: Test current for voltage VZ
VZ
: Voltage at current IZT
ZZT
: Dynamic impedance at IZT
IZM
: Maximum steady state current
VZM
: Voltage at IZM
°C/W
°C
0805
Dimensions
A
B
V
Unit (inch)
C
D
Zener I vs. V Characteristics
TJ, TSTG
Ordering Information
Rating at 25°C ambient temperature unless otherwise specified.
Pin Configutation
Suggested PAD Layout
Thermal Resistance (Junction to Ambient) (Note 1)
RθJA
Units
PD
mW
Type Number
Power Dissipation
Symbol
-55 to + 150
Value
500
Junction and Storage Temperature Range
VF
300
1.5
Maximum Ratings and Electrical Characteristics
Features
Mechanical Data
Terminal: Matte tin plated, lead free., solderable
per MIL-STD-202, Method 208 guaranteed
Unit (mm)
Wide zener voltage range selection : 2.4V to 36V
High temperature soldering guaranteed:260°C/10s
Polarity : Indicated by cathode band
Halogen free
IF=10mA
BZY55C2V4~BZY55C36
Weight :0.006 gram (approximately)
Part No.
Forward Voltage
Voltage
Current
IF
VF
VR
IR
VBR
IZK
VZ
IZT
VZM
IZM
Forward Region
Leakage Region
BreakdownRegion
Small Signal Diode
B
A
C
D
mm
inch
Unit :
1.40
0.055
1.20
0.047
1.10
0.043
0.133
3.40
Version :
B11


Similar Part No. - BZY55C2V7

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
BZY55C2V7 TSC-BZY55C2V7 Datasheet
241Kb / 5P
   5% Tolerance SMD Zener Diode
More results

Similar Description - BZY55C2V7

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
BZT52C2V4 TSC-BZT52C2V4 Datasheet
145Kb / 3P
   500mW, 5% Tolerance SMD Zener Diode
MMSZ5221B TSC-MMSZ5221B_14 Datasheet
155Kb / 6P
   500mW, 5% Tolerance SMD Zener Diode
MMSZ5221B TSC-MMSZ5221B_09 Datasheet
124Kb / 3P
   500mW, 5% Tolerance SMD Zener Diode
MMSZ5221B TSC-MMSZ5221B_10 Datasheet
170Kb / 4P
   500mW, 5% Tolerance SMD Zener Diode
BZT55C2V4 TSC-BZT55C2V4 Datasheet
130Kb / 3P
   500mW, 5% Tolerance SMD Zener Diode
BZX79C2V0 TSC-BZX79C2V0_11 Datasheet
360Kb / 4P
   500mW,5% Tolerance Zener Diode
BZX79C2V4 TSC-BZX79C2V4 Datasheet
330Kb / 4P
   500mW,5% Tolerance Zener Diode
BZV55C2V4 TSC-BZV55C2V4 Datasheet
1Mb / 4P
   500mW,5% Tolerance Zener Diode
BZT55B2V4 TSC-BZT55B2V4 Datasheet
128Kb / 3P
   500mW, 2% Tolerance SMD Zener Diode
BZX55B2V4 TSC-BZX55B2V4 Datasheet
126Kb / 3P
   500mW, 2% Tolerance SMD Zener Diode
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com