Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BAT54CRFG Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # BAT54CRFG
Description  200mW SMD Schottky Barrier Diode
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

BAT54CRFG Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  BAT54CRFG Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd BAT54CRFG Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd BAT54CRFG Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
BAT54 / A / C / S
200mW SMD Schottky Barrier Diode
Small Signal Diode
Surface device type mounting
Moisture sensitivity level 1
Matte Tin(Sn) lead finish with Nickel(Ni) underplate
Pb free version and RoHS compliant
Min
Max
Min
Max
Case :SOT-23 small outline plastic package
2.80
3.00
0.110
0.118
1.20
1.40
0.047
0.055
0.30
0.50
0.012
0.020
1.80
2.00
0.071
0.079
2.25
2.55
0.089
0.100
0.90
1.20
0.035
0.043
Package
Packing
Marking
SOT-23
3K / 7" Reel
KL1
SOT-23
3K / 7" Reel
KL2
SOT-23
3K / 7" Reel
KL3
SOT-23
3K / 7" Reel
KL4
SOT-23
3K / 7" Reel
KL1
SOT-23
3K / 7" Reel
KL2
SOT-23
3K / 7" Reel
KL3
SOT-23
3K / 7" Reel
KL4
Maximum Ratings
Operating and Storage temperature
Tj, TSTG
-55 to 150
°C
Thermal resistance,junction to ambient air
RθJA
500
°C/W
F
Maximum Ratings and Electrical Characteristics
mW
230
300
600
Peak Repetitive Peak reverse voltage
BAT54C RFG
BAT54 RF
BAT54A RF
Unit (inch)
A
Fast switching speed
Unit (mm)
Dimensions
Green compound (Halogen free) with suffix "G" on
packing code and prefix "G" on date code
Weight : 0.008gram (approximately)
G
Pin Configuration
Features
Mechanical Data
Terminal: Matte tin plated, lead free., solderable
per MIL-STD-202, Method 208 guaranteed
B
C
D
E
BAT54C RF
BAT54S RF
BAT54S RFG
IF
Type Number
VRWM
Working Peak Reverse Voltage
DC Reverse Voltage
VR
Forward Continuous Current
0.550 REF
0.022 REF
VRRM
Suggested PAD Layout
Symbol
mA
30
V
Units
200
Value
Power Dissipation
Pd
IFRM
mA
Forward surge current
@t<1.0s
IFSM
mA
Repetitive Peak Forward Current(tp≤1S;δ≤0.5)
BAT54 RFG
BAT54A RFG
Rating at 25°C ambient temperature unless otherwise specified.
SOT-23
Ordering Information
Part No.
Marking Code : KL1,KL2,KL3,KL4
High temperature soldering guaranteed: 260°C/10s
BAT54
BAT54S
BAT54C
BAT54A
B
A
C
D
2.0
0.079
0.95
0.037
0.9
0.035
0.8
0.031
F
E
G
Version : D11


Similar Part No. - BAT54CRFG

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
BAT54CRFG TSC-BAT54CRFG Datasheet
126Kb / 3P
   200mW SMD Schottky Barrier Diode
More results

Similar Description - BAT54CRFG

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
BAT54 TSC-BAT54_10 Datasheet
126Kb / 3P
   200mW SMD Schottky Barrier Diode
RB751V-40WS TSC-RB751V-40WS Datasheet
155Kb / 3P
   200mW, Low VF SMD Schottky Barrier Diode
B0530WS TSC-B0530WS_14 Datasheet
99Kb / 5P
   200mW, Low VF SMD Schottky Barrier Diode
RB521S-30 TSC-RB521S-30_14 Datasheet
203Kb / 5P
   200mW, Low VF SMD Schottky Barrier Diode
RB500V-40 TSC-RB500V-40 Datasheet
242Kb / 3P
   200mW, Low VF SMD Schottky Barrier Diode
B0530WS TSC-B0530WS Datasheet
82Kb / 2P
   200mW, Low VF SMD Schottky Barrier Diode
BAS40 TSC-BAS40 Datasheet
95Kb / 2P
   200mW, Low VF, SMD Schottky Barrier Diode
RB520S-30 TSC-RB520S-30_14 Datasheet
138Kb / 5P
   200mW, Low VF SMD Schottky Barrier Diode
B0530WS_1005 TSC-B0530WS_1005 Datasheet
171Kb / 3P
   200mW, Low VF SMD Schottky Barrier Diode
BAS40 TSC-BAS40_11 Datasheet
213Kb / 2P
   200mW, Low VF, SMD Schottky Barrier Diode
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com