Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Q62702-F1287 Datasheet(PDF) 1 Page - Siemens Semiconductor Group

Part # Q62702-F1287
Description  NPN Silicon RF Transistors (Suitable for common emitter RF, IF amplifiers Low collector-base capacitance due to contact shield diffusion)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

Q62702-F1287 Datasheet(HTML) 1 Page - Siemens Semiconductor Group

  Q62702-F1287 Datasheet HTML 1Page - Siemens Semiconductor Group Q62702-F1287 Datasheet HTML 2Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Semiconductor Group
1
NPN Silicon RF Transistors
BF 840
BF 841
q
Suitable for common emitter RF, IF amplifiers
q
Low collector-base
capacitance due to contact shield diffusion
q
Low output conductance
Maximum Ratings
Type
Ordering Code
Marking
Package1)
Pin Configuration
BF 840
Q62702-F1240
NC
SOT-23
1
2
3
B
E
C
BF 841
Q62702-F1287
ND
Parameter
Symbol
Values
Unit
Collector-emitter voltage
VCE0
40
V
Collector-base voltage
VCB0
40
Emitter-base voltage
VEB0
4
Thermal Resistance
Junction - ambient2)
Rth JA
450
K/W
Total power dissipation, TA
25 ˚C2)
Ptot
280
mW
Storage temperature range
Tstg
– 65 … + 150
Base current
IB
2
Junction temperature
Tj
150
˚C
Collector current
IC
25
mA
1)
For detailed information see chapter Package Outlines.
2)
Package mounted on alumina 15 mm
× 16.7 mm × 0.7 mm.
07.94


Similar Part No. - Q62702-F1287

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
Q62702-F1282 SIEMENS-Q62702-F1282 Datasheet
60Kb / 7P
   NPN Silicon RF Transistor (For low noise, high-gain amplifiers up to 2GHz For linear broadband amplifiers)
More results

Similar Description - Q62702-F1287

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BF599 SIEMENS-BF599 Datasheet
61Kb / 4P
   NPN Silicon RF Transistor (Common emitter IF/RF amplifier Low feedback capacitance due to shield diffusion)
logo
General Electric Compan...
SL1610 GEC-SL1610 Datasheet
269Kb / 3P
   RF/IF AMPLIFIERS
logo
Siemens Semiconductor G...
BF775A SIEMENS-BF775A Datasheet
19Kb / 3P
   NPN Silicon RF Transistor (Especially suitable for amplifiers and TV-sat tuners)
BFR34R SIEMENS-BFR34R Datasheet
90Kb / 4P
   NPN SILICON TRANSISTOR FOR LOW-NOISE RF BROADBAND AMPLIFIERS
BF414 SIEMENS-BF414 Datasheet
13Kb / 2P
   NPN Silicon RF Transistor (For low-noise, common base VHF and FM stages)
BSP50BSP52 SIEMENS-BSP50BSP52 Datasheet
152Kb / 5P
   NPN Silicon Darlington Transistors (High collector current Low collector-emitter saturation voltage)
logo
Infineon Technologies A...
SMBTA42 INFINEON-SMBTA42_07 Datasheet
71Kb / 6P
   NPN Silicon High-Voltage Transistors Low collector-emitter saturation voltage
2007-04-19
logo
Siemens Semiconductor G...
BFQ29P SIEMENS-BFQ29P Datasheet
228Kb / 10P
   NPN Silicon RF Transistor (For low-noise IF and broadband amplifiers up to 1 GHz at collector currents from 1 mA to 20 mA.)
logo
Infineon Technologies A...
PZTA42 INFINEON-PZTA42_07 Datasheet
67Kb / 6P
   NPN Silicon High-Voltage Transistors Low collector-emitter saturation voltage
2007-04-26
logo
Siemens Semiconductor G...
BFP182R SIEMENS-BFP182R Datasheet
58Kb / 7P
   NPN Silicon RF Transistor (For low noise, high-gain broadband amplifiers at collector currents from 1mA to 20mA)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com