Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

QBVW033A0B641-PHZ Datasheet(PDF) 6 Page - Lineage Power Corporation

Part # QBVW033A0B641-PHZ
Description  QBVW033A0B Series Power Modules; DC-DC Converters
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAGEPOWER [Lineage Power Corporation]
Direct Link  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

QBVW033A0B641-PHZ Datasheet(HTML) 6 Page - Lineage Power Corporation

Back Button QBVW033A0B641-PHZ Datasheet HTML 2Page - Lineage Power Corporation QBVW033A0B641-PHZ Datasheet HTML 3Page - Lineage Power Corporation QBVW033A0B641-PHZ Datasheet HTML 4Page - Lineage Power Corporation QBVW033A0B641-PHZ Datasheet HTML 5Page - Lineage Power Corporation QBVW033A0B641-PHZ Datasheet HTML 6Page - Lineage Power Corporation QBVW033A0B641-PHZ Datasheet HTML 7Page - Lineage Power Corporation QBVW033A0B641-PHZ Datasheet HTML 8Page - Lineage Power Corporation QBVW033A0B641-PHZ Datasheet HTML 9Page - Lineage Power Corporation QBVW033A0B641-PHZ Datasheet HTML 10Page - Lineage Power Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
Data Sheet
September 23, 2011
QBVW033A0B Series Power Modules; DC-DC Converters
36-75Vdc Input; 12Vdc Output; 33A Output Current
LINEAGE POWER
6
Characteristic Curves, 12Vdc Output (continued)
.
INPUT VOLTAGE, Vin (V)
OUTPUT CURRENT, IO (A)
Figure 7. Typical Output Voltage Regulation vs. Input
Voltage.
Figure 8. Typical Output Voltage Regulation vs.
Output Current.
INPUT VOLTAGE, Vin (V)
OUTPUT CURRENT, IO (A)
Figure 9. Typical Output Voltage Regulation vs. Input
Voltage for the –P Version.
Figure 10. Typical Output Voltage Regulation vs.
Output Current for the –P Version.


Similar Part No. - QBVW033A0B641-PHZ

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
QBVW033A0B641-HZ LINEAGEPOWER-QBVW033A0B641-HZ Datasheet
974Kb / 15P
   QBVW033A0B Series Power Modules; DC-DC Converters
More results

Similar Description - QBVW033A0B641-PHZ

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
QBVW033A0B41Z LINEAGEPOWER-QBVW033A0B41Z Datasheet
974Kb / 15P
   QBVW033A0B Series Power Modules; DC-DC Converters
QBDW033A0B41Z LINEAGEPOWER-QBDW033A0B41Z Datasheet
774Kb / 17P
   QBDW033A0B Series Power Modules; DC-DC Converters
logo
Bel Fuse Inc.
SLIN-20F1AX BEL-SLIN-20F1AX_17 Datasheet
1Mb / 23P
   power modules are non-isolated DC/DC converters
logo
List of Unclassifed Man...
FC020 ETC1-FC020 Datasheet
892Kb / 15P
   FC020-SERIES POWER MODULES : DC-DC CONVERTERS ; 28 VDC INPUT, 20W
logo
Delta Electronics, Inc.
HA1SV12004 DELTA-HA1SV12004 Datasheet
893Kb / 11P
   50W DC/DC Power Modules
Q48SC12042 DELTA-Q48SC12042 Datasheet
1Mb / 26P
   500W DC/DC Power Modules
Q48SK12448NNFB DELTA-Q48SK12448NNFB Datasheet
761Kb / 10P
   600W DC/DC Power Modules
E48SC12030 DELTA-E48SC12030 Datasheet
1Mb / 27P
   360W DC/DC Power Modules
E48SD12020 DELTA-E48SD12020_14 Datasheet
935Kb / 28P
   240W DC/DC Power Modules
logo
Lineage Power Corporati...
KSTW002A5B LINEAGEPOWER-KSTW002A5B Datasheet
1Mb / 16P
   DC-DC Converter Power Modules
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com