Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

QBVW033A0B_1109 Datasheet(PDF) 2 Page - Lineage Power Corporation

Part # QBVW033A0B_1109
Description  QBVW033A0B Series Power Modules; DC-DC Converters
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAGEPOWER [Lineage Power Corporation]
Direct Link  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

QBVW033A0B_1109 Datasheet(HTML) 2 Page - Lineage Power Corporation

  QBVW033A0B_1109 Datasheet HTML 1Page - Lineage Power Corporation QBVW033A0B_1109 Datasheet HTML 2Page - Lineage Power Corporation QBVW033A0B_1109 Datasheet HTML 3Page - Lineage Power Corporation QBVW033A0B_1109 Datasheet HTML 4Page - Lineage Power Corporation QBVW033A0B_1109 Datasheet HTML 5Page - Lineage Power Corporation QBVW033A0B_1109 Datasheet HTML 6Page - Lineage Power Corporation QBVW033A0B_1109 Datasheet HTML 7Page - Lineage Power Corporation QBVW033A0B_1109 Datasheet HTML 8Page - Lineage Power Corporation QBVW033A0B_1109 Datasheet HTML 9Page - Lineage Power Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
Data Sheet
September 23, 2011
QBVW033A0B Series Power Modules; DC-DC Converters
36-75Vdc Input; 12Vdc Output; 33A Output Current
LINEAGE POWER
2
Absolute Maximum Ratings
Stresses in excess of the absolute maximum ratings can cause permanent damage to the device. These are absolute
stress ratings only, functional operation of the device is not implied at these or any other conditions in excess of those
given in the operations sections of the Data Sheet. Exposure to absolute maximum ratings for extended periods can
adversely affect device reliability.
Parameter
Device
Symbol
Min
Max
Unit
Input Voltage*
Continuous
VIN
-0.3
75
Vdc
Operating transient ≤ 100mS
100
Vdc
Non- operating continuous
VIN
80
100
Vdc
Operating Ambient Temperature
All
TA
-40
85
°C
(See Thermal Considerations section)
Storage Temperature
All
Tstg
-55
125
°C
I/O Isolation Voltage (100% factory Hi-Pot tested)
All
2250
Vdc
* Input over voltage protection will shutdown the output voltage when the input voltage exceeds threshold level.
Electrical Specifications
Unless otherwise indicated, specifications apply over all operating input voltage, resistive load, and temperature
conditions.
Parameter
Device
Symbol
Min
Typ
Max
Unit
Operating Input Voltage
VIN
36
48
75
Vdc
Maximum Input Current
IIN,max
-
-
12
Adc
(VIN=0V to 75V, IO=IO, max)
Input No Load Current
All
IIN,No load
80
mA
(VIN = VIN, nom, IO = 0, module enabled)
Input Stand-by Current
All
IIN,stand-by
22
mA
(VIN = VIN, nom, module disabled)
External Input Capacitance
All
100
-
-
μF
Inrush Transient
All
I
2t
-
-
1
A
2s
Input Reflected Ripple Current, peak-to-peak
(5Hz to 20MHz, 12μH source impedance; VIN= 48V, IO=
IOmax ; see Figure 11)
All
-
40
-
mAp-p
Input Ripple Rejection (120Hz)
All
-
25
-
dB
CAUTION: This power module is not internally fused. An input line fuse must always be used.
This power module can be used in a wide variety of applications, ranging from simple standalone operation to an
integrated part of sophisticated power architecture. To preserve maximum flexibility, internal fusing is not included,
however, to achieve maximum safety and system protection, always use an input line fuse. The safety agencies require a
fast-acting fuse with a maximum rating of 30 A in the ungrounded input lead of the power supply (see Safety
Considerations section). Based on the information provided in this Data Sheet on inrush energy and maximum dc input
current, the same type of fuse with a lower rating can be used. Refer to the fuse manufacturer’s Data Sheet for further
information.


Similar Part No. - QBVW033A0B_1109

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
QBVW033A0B41-HZ LINEAGEPOWER-QBVW033A0B41-HZ Datasheet
974Kb / 15P
   QBVW033A0B Series Power Modules; DC-DC Converters
QBVW033A0B41-PHZ LINEAGEPOWER-QBVW033A0B41-PHZ Datasheet
974Kb / 15P
   QBVW033A0B Series Power Modules; DC-DC Converters
QBVW033A0B41Z LINEAGEPOWER-QBVW033A0B41Z Datasheet
974Kb / 15P
   QBVW033A0B Series Power Modules; DC-DC Converters
QBVW033A0B61-PHZ LINEAGEPOWER-QBVW033A0B61-PHZ Datasheet
974Kb / 15P
   QBVW033A0B Series Power Modules; DC-DC Converters
More results

Similar Description - QBVW033A0B_1109

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
QBVW033A0B41Z LINEAGEPOWER-QBVW033A0B41Z Datasheet
974Kb / 15P
   QBVW033A0B Series Power Modules; DC-DC Converters
QBDW033A0B41Z LINEAGEPOWER-QBDW033A0B41Z Datasheet
774Kb / 17P
   QBDW033A0B Series Power Modules; DC-DC Converters
logo
Bel Fuse Inc.
SLIN-20F1AX BEL-SLIN-20F1AX_17 Datasheet
1Mb / 23P
   power modules are non-isolated DC/DC converters
logo
List of Unclassifed Man...
FC020 ETC1-FC020 Datasheet
892Kb / 15P
   FC020-SERIES POWER MODULES : DC-DC CONVERTERS ; 28 VDC INPUT, 20W
logo
Delta Electronics, Inc.
HA1SV12004 DELTA-HA1SV12004 Datasheet
893Kb / 11P
   50W DC/DC Power Modules
Q48SC12042 DELTA-Q48SC12042 Datasheet
1Mb / 26P
   500W DC/DC Power Modules
Q48SK12448NNFB DELTA-Q48SK12448NNFB Datasheet
761Kb / 10P
   600W DC/DC Power Modules
E48SC12030 DELTA-E48SC12030 Datasheet
1Mb / 27P
   360W DC/DC Power Modules
E48SD12020 DELTA-E48SD12020_14 Datasheet
935Kb / 28P
   240W DC/DC Power Modules
logo
Lineage Power Corporati...
KSTW002A5B LINEAGEPOWER-KSTW002A5B Datasheet
1Mb / 16P
   DC-DC Converter Power Modules
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com