Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ESTW025A0F41-HZ Datasheet(PDF) 10 Page - Lineage Power Corporation

Part # ESTW025A0F41-HZ
Description  ESTW025A0F Series (Eighth-Brick) DC-DC Converter Power Modules
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAGEPOWER [Lineage Power Corporation]
Direct Link  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

ESTW025A0F41-HZ Datasheet(HTML) 10 Page - Lineage Power Corporation

Back Button ESTW025A0F41-HZ Datasheet HTML 6Page - Lineage Power Corporation ESTW025A0F41-HZ Datasheet HTML 7Page - Lineage Power Corporation ESTW025A0F41-HZ Datasheet HTML 8Page - Lineage Power Corporation ESTW025A0F41-HZ Datasheet HTML 9Page - Lineage Power Corporation ESTW025A0F41-HZ Datasheet HTML 10Page - Lineage Power Corporation ESTW025A0F41-HZ Datasheet HTML 11Page - Lineage Power Corporation ESTW025A0F41-HZ Datasheet HTML 12Page - Lineage Power Corporation ESTW025A0F41-HZ Datasheet HTML 13Page - Lineage Power Corporation ESTW025A0F41-HZ Datasheet HTML 14Page - Lineage Power Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
Data Sheet
October 11, 2011
ESTW025A0F Series Eighth-Brick Power Modules
36–75Vdc Input; 3.3Vdc Output; 25A Output
LINEAGE POWER
10
Surface Mount Information
Pick and Place
The ESTW025A0F modules use an open frame
construction and are designed for a fully automated
assembly process. The modules are fitted with a
label designed to provide a large surface area for pick
and place operations. The label meets all the
requirements for surface mount processing, as well as
safety standards, and is able to withstand reflow
temperatures of up to 300
oC. The label also carries
product information such as product code, serial
number and the location of manufacture.
Figure 18. Pick and Place Location.
Nozzle Recommendations
The module weight has been kept to a minimum by
using open frame construction. Even so, these
modules have a relatively large mass when compared
to conventional SMT components. Variables such as
nozzle size, tip style, vacuum pressure and placement
speed should be considered to optimize this process.
The minimum recommended nozzle diameter for
reliable operation is 6mm. The maximum nozzle outer
diameter, which will safely fit within the allowable
component spacing, is 9 mm.
Oblong or oval nozzles up to 11 x 9 mm may also be
used within the space available.
Tin Lead Soldering
The ESTW025A0F power modules are lead free
modules and can be soldered either in a lead-free
solder process or in a conventional Tin/Lead (Sn/Pb)
process. It is recommended that the customer review
data sheets in order to customize the solder reflow
profile for each application board assembly. The
following instructions must be observed when
soldering these units. Failure to observe these
instructions may result in the failure of or cause
damage to the modules, and can adversely affect
long-term reliability.
In a conventional Tin/Lead (Sn/Pb) solder process
peak reflow temperatures are limited to less than
235
oC. Typically, the eutectic solder melts at 183oC,
wets the land, and subsequently wicks the device
connection. Sufficient time must be allowed to fuse
the plating on the connection to ensure a reliable
solder joint. There are several types of SMT reflow
technologies currently used in the industry. These
surface mount power modules can be reliably
soldered using natural forced convection, IR (radiant
infrared), or a combination of convection/IR. For
reliable soldering the solder reflow profile should be
established by accurately measuring the modules CP
connector temperatures.
REFLOW TIME (S)
Figure 19. Reflow Profile for Tin/Lead (Sn/Pb)
process.
Figure 20. Time Limit Curve Above 205
oC for
Tin/Lead (Sn/Pb) process
Lead Free Soldering
The –Z version of the ESTW025A0F modules are
lead-free (Pb-free) and RoHS compliant and are both
forward and backward compatible in a Pb-free and a
SnPb soldering process. Failure to observe the
instructions below may result in the failure of or cause
damage to the modules and can adversely affect
long-term reliability.
Reflow Soldering Information
The surface mountable modules in the
ESTW025A0F-S family use our newest SMT
0
50
100
150
200
250
300
P reheat zone
max 4oCs-1
Soak zone
30-240s
Heat zone
max 4oCs-1
P eak Temp 235oC
Cooling
zone
1-4oCs-1
T
lim above
205oC
200
205
210
215
220
225
230
235
240
0
10
203040
5060


Similar Part No. - ESTW025A0F41-HZ

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
ESTW004A2C LINEAGEPOWER-ESTW004A2C Datasheet
1Mb / 18P
   ESTW004A2C Series (Eighth-Brick) DC-DC Converter Power Modules
ESTW004A2C41-HZ LINEAGEPOWER-ESTW004A2C41-HZ Datasheet
1Mb / 18P
   ESTW004A2C Series (Eighth-Brick) DC-DC Converter Power Modules
ESTW004A2C41-SZ LINEAGEPOWER-ESTW004A2C41-SZ Datasheet
1Mb / 18P
   ESTW004A2C Series (Eighth-Brick) DC-DC Converter Power Modules
ESTW004A2C41Z LINEAGEPOWER-ESTW004A2C41Z Datasheet
1Mb / 18P
   ESTW004A2C Series (Eighth-Brick) DC-DC Converter Power Modules
ESTW004A2C841Z LINEAGEPOWER-ESTW004A2C841Z Datasheet
1Mb / 18P
   ESTW004A2C Series (Eighth-Brick) DC-DC Converter Power Modules
More results

Similar Description - ESTW025A0F41-HZ

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
ESTW004A2C LINEAGEPOWER-ESTW004A2C Datasheet
1Mb / 18P
   ESTW004A2C Series (Eighth-Brick) DC-DC Converter Power Modules
ESTW015A0F LINEAGEPOWER-ESTW015A0F_11 Datasheet
1Mb / 17P
   ESTW015A0F Series (Eighth-Brick) DC-DC Converter Power Modules
ESTW010A0A LINEAGEPOWER-ESTW010A0A Datasheet
1Mb / 19P
   ESTW010A0A Series (Eighth-Brick) DC-DC Converter Power Modules
ESTW015A0F61 LINEAGEPOWER-ESTW015A0F61 Datasheet
914Kb / 17P
   ESTW015A0F Series (Eighth-Brick) DC-DC Converter Power Modules
EHHD006A0B41Z LINEAGEPOWER-EHHD006A0B41Z Datasheet
1Mb / 19P
   EHHD006A0B Series (Eighth-Brick) DC-DC Converter Power Modules
logo
SynQor Worldwide Headqu...
NQ40X40ETC15 SYNQOR-NQ40X40ETC15 Datasheet
675Kb / 9P
   Eighth-brick DC-DC Converter
PQ30033EGA20 SYNQOR-PQ30033EGA20 Datasheet
548Kb / 14P
   Eighth-brick DC/DC Converter
PQ60033EML15 SYNQOR-PQ60033EML15 Datasheet
518Kb / 13P
   Eighth-brick DC/DC Converter
PQ60033ETL30 SYNQOR-PQ60033ETL30 Datasheet
488Kb / 13P
   Eighth-brick DC/DC Converter
PQ60018EGL20 SYNQOR-PQ60018EGL20 Datasheet
697Kb / 13P
   Eighth-brick DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com