Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZMM5246B Datasheet(PDF) 2 Page - Yangzhou yangjie electronic co., ltd

Part # ZMM5246B
Description  Zener Diodes
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YANGJIE [Yangzhou yangjie electronic co., ltd]
Direct Link  http://www.21yangjie.com/
Logo YANGJIE - Yangzhou yangjie electronic co., ltd

ZMM5246B Datasheet(HTML) 2 Page - Yangzhou yangjie electronic co., ltd

  ZMM5246B Datasheet HTML 1Page - Yangzhou yangjie electronic co., ltd ZMM5246B Datasheet HTML 2Page - Yangzhou yangjie electronic co., ltd ZMM5246B Datasheet HTML 3Page - Yangzhou yangjie electronic co., ltd ZMM5246B Datasheet HTML 4Page - Yangzhou yangjie electronic co., ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
扬州扬杰电子科技股份有限公司
Yangzhou Yangjie Electronic Technology Co., Ltd. 
www.21yangjie.com
Document Number 0246
Rev. 1.0, 22-Sep-11
ZMM52 SERIES
■电性参数 (TA=25℃ 除非另有规定)
Electrical Characteristics (TA=25
unless otherwise noted)
ZMM5221B...ZMM5267B
齐纳电压范围
Zener voltage
range
1)
动态阻抗
Dynamic resistance
测试电流
Test current
反向漏电流
Reverse leakage
current
温度系数
Temperature Coefficient
VZ
rZjT at IZT
rZjK at IZK
IZT
IZK
IR at VR
TKVZ
V
Ω
Ω
mA
mA
μA
V
%K
产品型号
Part Number
Typ.
Typ.
Typ.
ZMM5221B
2.4
< 30
< 1200
20
0.25
< 100
1
< - 0.085
ZMM5222B
2.5
< 30
< 1250
20
0.25
< 100
1
< - 0.085
ZMM5223B
2.7
< 30
< 1300
20
0.25
< 75
1
< - 0.080
ZMM5224B
2.8
< 30
< 1400
20
0.25
< 75
1
< - 0.080
ZMM5225B
3
< 29
< 1600
20
0.25
< 50
1
< - 0.075
ZMM5226B
3.3
< 28
< 1600
20
0.25
< 25
1
< - 0.070
ZMM5227B
3.6
< 24
< 1700
20
0.25
< 15
1
< - 0.065
ZMM5228B
3.9
< 23
< 1900
20
0.25
< 10
1
< - 0.060
ZMM5229B
4.3
< 22
< 2000
20
0.25
< 5
1
< ± 0.055
ZMM5230B
4.7
< 19
< 1900
20
0.25
< 5
2
< ± 0.030
ZMM5231B
5.1
< 17
< 1600
20
0.25
< 5
2
< ± 0.030
ZMM5232B
5.6
< 11
< 1600
20
0.25
< 5
3
< + 0.038
ZMM5233B
6
< 7
< 1600
20
0.25
< 5
3.5
< + 0.038
ZMM5234B
6.2
< 7
< 1000
20
0.25
< 5
4
< + 0.045
ZMM5235B
6.8
< 5
< 750
20
0.25
< 3
5
< + 0.050
ZMM5236B
7.5
< 6
< 500
20
0.25
< 3
6
< + 0.058
ZMM5237B
8.2
< 8
< 500
20
0.25
< 3
6.5
< + 0.062
ZMM5238B
8.7
< 8
< 600
20
0.25
< 3
6.5
< + 0.065
ZMM5239B
9.1
< 10
< 600
20
0.25
< 3
7
< + 0.068
ZMM5240B
10
< 17
< 600
20
0.25
< 3
8
< + 0.075
ZMM5241B
11
< 22
< 600
20
0.25
< 2
8.4
< + 0.076
ZMM5242B
12
< 30
< 600
20
0.25
< 1
9.1
< + 0.077
ZMM5243B
13
< 13
< 600
9.5
0.25
< 0.5
9.9
< + 0.079
ZMM5244B
14
< 15
< 600
9
0.25
< 0.1
10
< + 0.082
ZMM5245B
15
< 16
< 600
8.5
0.25
< 0.1
11
< + 0.082
ZMM5246B
16
< 17
< 600
7.8
0.25
< 0.1
12
< + 0.083
ZMM5247B
17
< 19
< 600
7.4
0.25
< 0.1
13
< + 0.084
ZMM5248B
18
< 21
< 600
7
0.25
< 0.1
14
< + 0.085
ZMM5249B
19
< 23
< 600
6.6
0.25
< 0.1
14
< + 0.086
ZMM5250B
20
< 25
< 600
6.2
0.25
< 0.1
15
< + 0.086
ZMM5251B
22
< 29
< 600
5.6
0.25
< 0.1
17
< + 0.087
ZMM5252B
24
< 33
< 600
5.2
0.25
< 0.1
18
< + 0.088
ZMM5253B
25
< 35
< 600
5
0.25
< 0.1
19
< + 0.089
ZMM5254B
27
< 41
< 600
4.6
0.25
< 0.1
21
< + 0.090
ZMM5255B
28
< 44
< 600
4.5
0.25
< 0.1
21
< + 0.091
ZMM5256B
30
< 49
< 600
4.2
0.25
< 0.1
23
< + 0.091
ZMM5257B
33
< 58
< 700
3.8
0.25
< 0.1
25
< + 0.092
ZMM5258B
36
< 70
< 700
3.4
0.25
< 0.1
27
< + 0.093
ZMM5259B
39
< 80
< 800
3.2
0.25
< 0.1
30
< + 0.094
ZMM5260B
43
< 93
< 900
3
0.25
< 0.1
33
< + 0.095


Similar Part No. - ZMM5246B

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
ZMM5246B RECTRON-ZMM5246B Datasheet
23Kb / 2P
   500mW 5% mini-M.E.L.F ZENER DIODE
logo
Shanghai Shunye Electro...
ZMM5246B SY-ZMM5246B Datasheet
316Kb / 3P
   ZENER DIODES
logo
Diodes Incorporated
ZMM5246B DIODES-ZMM5246B Datasheet
82Kb / 5P
   500mW SURFACE MOUNT ZENER DIODE
logo
Jinan Gude Electronic D...
ZMM5246B JGD-ZMM5246B Datasheet
198Kb / 2P
   SURFACE MOUNT ZENER DIODES/MINI MELF
logo
Shenzhen Ping Sheng Ele...
ZMM5246B PFS-ZMM5246B Datasheet
139Kb / 3P
   500mW SURFACE MOUNT ZENER DIODE
More results

Similar Description - ZMM5246B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
RZ39A STMICROELECTRONICS-RZ39A Datasheet
555Kb / 3P
   ZENER DIODES DIODES ZENER
logo
Sangdest Microelectroni...
1N5225 SMC-1N5225 Datasheet
205Kb / 5P
   ZENER DIODES Diodes
logo
Hi-Sincerity Mocroelect...
HMBZ5221B HSMC-HMBZ5221B Datasheet
86Kb / 12P
   ZENER DIODES
logo
Vishay Siliconix
1N4728 VISHAY-1N4728 Datasheet
46Kb / 3P
   Zener Diodes
18-Apr-02
logo
General Semiconductor
BZX84 GE-BZX84 Datasheet
396Kb / 9P
   Zener Diodes
logo
Motorola, Inc
1N2804 MOTOROLA-1N2804 Datasheet
145Kb / 4P
   ZENER DIODES
logo
General Semiconductor
1N4681 GE-1N4681 Datasheet
40Kb / 2P
   ZENER DIODES
1N746 GE-1N746 Datasheet
36Kb / 2P
   ZENER DIODES
logo
Vishay Siliconix
BZY97-C3V9 VISHAY-BZY97-C3V9 Datasheet
164Kb / 5P
   Zener Diodes
29-Apr-02
logo
Guangdong Kexin Industr...
1SMA4728 KEXIN-1SMA4728 Datasheet
1Mb / 5P
   Zener Diodes
1SMA5914 KEXIN-1SMA5914 Datasheet
1Mb / 4P
   Zener Diodes
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com