Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ESTW010A0A Datasheet(PDF) 9 Page - Lineage Power Corporation

Part # ESTW010A0A
Description  ESTW010A0A Series (Eighth-Brick) DC-DC Converter Power Modules
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAGEPOWER [Lineage Power Corporation]
Direct Link  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

ESTW010A0A Datasheet(HTML) 9 Page - Lineage Power Corporation

Back Button ESTW010A0A Datasheet HTML 5Page - Lineage Power Corporation ESTW010A0A Datasheet HTML 6Page - Lineage Power Corporation ESTW010A0A Datasheet HTML 7Page - Lineage Power Corporation ESTW010A0A Datasheet HTML 8Page - Lineage Power Corporation ESTW010A0A Datasheet HTML 9Page - Lineage Power Corporation ESTW010A0A Datasheet HTML 10Page - Lineage Power Corporation ESTW010A0A Datasheet HTML 11Page - Lineage Power Corporation ESTW010A0A Datasheet HTML 12Page - Lineage Power Corporation ESTW010A0A Datasheet HTML 13Page - Lineage Power Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
Data Sheet
November 29, 2011
ESTW010A0A Series Eighth-Brick Power Modules
36
–75Vdc Input; 5.0Vdc Output; 10A Output Current
LINEAGE POWER
9
Thermal Considerations
The power modules operate in a variety of thermal
environments; however, sufficient cooling should be
provided to help ensure reliable operation.
Considerations include ambient temperature, airflow,
module power dissipation, and the need for increased
reliability. A reduction in the operating temperature of
the module will result in an increase in reliability. The
thermal data presented here is based on physical
measurements taken in a wind tunnel.
The thermal reference points, Tref1 and Tref2, used in
the specifications for open frame modules are shown
in Figure 13. For reliable operation these
temperatures should not exceed 110
oC and 125 oC
respectively.
Figure 13. Tref 1 & Tref2 Temperature Measurement
Locations for Open Frame Module.
The thermal reference point, Tref, used in the
specifications for modules with heatplate is shown in
Figure 14. For reliable operation this temperature
should not exceed 110
oC.
Figure 14. Tref Temperature Measurement
Location for Module with Heatplate.
Heat Transfer via Convection
Increased airflow over the module enhances the heat
transfer via convection. Derating curves showing the
maximum output current that can be delivered by
each module versus local ambient temperature (TA)
for natural convection and up to 1m/s (200 ft./min)
forced airflow are shown in Figure 15.
Please refer
to the Application Note “Thermal
Characterization Process For Open-Frame Board-
Mounted Power Modules” for a detailed discussion of
thermal aspects including maximum device
temperatures.
AMBIENT TEMEPERATURE, TA (
oC)
Figure 15. Output Current Derating for the Open
Frame Module; Airflow in the Transverse Direction
from Vout(+) to Vout(-); Vin =48V.
AMBIENT TEMEPERATURE, TA (
oC)
Figure 16. Output Current Derating for the Module
with Heatplate; Airflow in the Transverse Direction
from Vout(+) to Vout(-); Vin =48V.
AMBIENT TEMEPERATURE, TA (
oC)
Figure 17. Output Current Derating for the Open
Frame Module with Heatplate
and 0.25” Heatsink;
Airflow in the Transverse Direction from Vout(+) to
Vout(-); Vin =48V.
AIRFLOW


Similar Part No. - ESTW010A0A

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
ESTW015A0A LINEAGEPOWER-ESTW015A0A Datasheet
1Mb / 19P
   36-75Vdc Input; 5.0Vdc, 15A, 75W Output
ESTW015A0A41HZ LINEAGEPOWER-ESTW015A0A41HZ Datasheet
1Mb / 19P
   36-75Vdc Input; 5.0Vdc, 15A, 75W Output
ESTW015A0A41SZ LINEAGEPOWER-ESTW015A0A41SZ Datasheet
1Mb / 19P
   36-75Vdc Input; 5.0Vdc, 15A, 75W Output
ESTW015A0A41Z LINEAGEPOWER-ESTW015A0A41Z Datasheet
1Mb / 19P
   36-75Vdc Input; 5.0Vdc, 15A, 75W Output
ESTW015A0F41-SZ LINEAGEPOWER-ESTW015A0F41-SZ Datasheet
914Kb / 17P
   ESTW015A0F Series (Eighth-Brick) DC-DC Converter Power Modules
More results

Similar Description - ESTW010A0A

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
ESTW025A0F LINEAGEPOWER-ESTW025A0F Datasheet
1Mb / 20P
   ESTW025A0F Series (Eighth-Brick) DC-DC Converter Power Modules
ESTW004A2C LINEAGEPOWER-ESTW004A2C Datasheet
1Mb / 18P
   ESTW004A2C Series (Eighth-Brick) DC-DC Converter Power Modules
ESTW015A0F LINEAGEPOWER-ESTW015A0F_11 Datasheet
1Mb / 17P
   ESTW015A0F Series (Eighth-Brick) DC-DC Converter Power Modules
ESTW015A0F61 LINEAGEPOWER-ESTW015A0F61 Datasheet
914Kb / 17P
   ESTW015A0F Series (Eighth-Brick) DC-DC Converter Power Modules
EHHD006A0B41Z LINEAGEPOWER-EHHD006A0B41Z Datasheet
1Mb / 19P
   EHHD006A0B Series (Eighth-Brick) DC-DC Converter Power Modules
logo
SynQor Worldwide Headqu...
NQ40X40ETC15 SYNQOR-NQ40X40ETC15 Datasheet
675Kb / 9P
   Eighth-brick DC-DC Converter
PQ30033EGA20 SYNQOR-PQ30033EGA20 Datasheet
548Kb / 14P
   Eighth-brick DC/DC Converter
PQ60033EML15 SYNQOR-PQ60033EML15 Datasheet
518Kb / 13P
   Eighth-brick DC/DC Converter
PQ60033ETL30 SYNQOR-PQ60033ETL30 Datasheet
488Kb / 13P
   Eighth-brick DC/DC Converter
PQ60018EGL20 SYNQOR-PQ60018EGL20 Datasheet
697Kb / 13P
   Eighth-brick DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com