Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XR16M890IL40 Datasheet(PDF) 4 Page - Exar Corporation

Part # XR16M890IL40
Description  UART WITH 128-BYTE FIFO AND INTEGRATED LEVEL SHIFTERS
Download  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XR16M890IL40 Datasheet(HTML) 4 Page - Exar Corporation

  XR16M890IL40 Datasheet HTML 1Page - Exar Corporation XR16M890IL40 Datasheet HTML 2Page - Exar Corporation XR16M890IL40 Datasheet HTML 3Page - Exar Corporation XR16M890IL40 Datasheet HTML 4Page - Exar Corporation XR16M890IL40 Datasheet HTML 5Page - Exar Corporation XR16M890IL40 Datasheet HTML 6Page - Exar Corporation XR16M890IL40 Datasheet HTML 7Page - Exar Corporation XR16M890IL40 Datasheet HTML 8Page - Exar Corporation XR16M890IL40 Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 63 page
background image
FIGURE 3. PIN OUT ASSIGNMENTS - 40-PIN QFN AND 32-PIN QFN
16/68#
D0
D1
D2
D3
D4
D5
D6
D7
RESET
XR16M890IL40
Intel (16) Mode
CTS#
DTR#/GPIO0
DSR#/GPIO1
CD#/GPIO2
RI#/GPIO3
GND
VCC_UART
GPIO4
GPIO5
GPIO6
1
2
3
4
5
6
7
8
9
10
30
29
28
27
26
25
24
23
22
21
VCC_BUS
GND
16/68#
D0
D1
D2
D3
D4
D5
D6
D7
RESET#
XR16M890IL40
Motorola (68) Mode
CTS#
DTR#/GPIO0
DSR#/GPIO1
CD#/GPIO2
RI#/GPIO3
GND
VCC_UART
GPIO4
GPIO5
GPIO6
1
2
3
4
5
6
7
8
9
10
30
29
28
27
26
25
24
23
22
21
GND
GND
16/68#
AD0
AD1
AD2
AD3
AD4
AD5
AD6
AD7
RESET
XR16M890IL40
VLIO Mode
CTS#
DTR#/GPIO0
DSR#/GPIO1
CD#/GPIO2
RI#/GPIO3
GND
VCC_UART
GPIO4
GPIO5
GPIO6
1
2
3
4
5
6
7
8
9
10
30
29
28
27
26
25
24
23
22
21
GND
VCC_BUS
D0
D1
D2
D3
D4
D5
D6
D7
XR16M890IL32
Intel (16) Mode
DTR#/GPIO0
DSR#/GPIO1
CD#/GPIO2
RI#/GPIO3
VCC_UART
RTS#
RX
TX
1
2
3
4
5
6
7
8
24
23
22
21
20
19
18
17
GND
VCC_BUS
D0
D1
D2
D3
D4
D5
D6
D7
XR16M890IL32
Motorola (68) Mode
DTR#/GPIO0
DSR#/GPIO1
CD#/GPIO2
RI#/GPIO3
VCC_UART
RTS#
RX
TX
1
2
3
4
5
6
7
8
24
23
22
21
20
19
18
17
GND
GND
AD0
AD1
AD2
AD3
AD4
AD5
AD6
AD7
XR16M890IL32
VLIO Mode
DTR#/GPIO0
DSR#/GPIO1
CD#/GPIO2
RI#/GPIO3
VCC_UART
RTS#
RX
TX
1
2
3
4
5
6
7
8
24
23
22
21
20
19
18
17
VCC_BUS
XR16M890
4
UART WITH 128-BYTE FIFO AND INTEGRATED LEVEL SHIFTERS
REV. 1.0.0


Similar Part No. - XR16M890IL40

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR16M890IL40-F EXAR-XR16M890IL40-F Datasheet
755Kb / 2P
   Single-Channel UARTs with Selectable Bus Interfaces
XR16M890IL40-F EXAR-XR16M890IL40-F Datasheet
1Mb / 63P
   UART WITH 128-BYTE FIFO AND INTEGRATED LEVEL SHIFTERS
XR16M890IL40TR-F EXAR-XR16M890IL40TR-F Datasheet
1Mb / 63P
   UART WITH 128-BYTE FIFO AND INTEGRATED LEVEL SHIFTERS
More results

Similar Description - XR16M890IL40

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR16M890IL32-0C EXAR-XR16M890IL32-0C Datasheet
1Mb / 63P
   UART WITH 128-BYTE FIFO AND INTEGRATED LEVEL SHIFTERS
XR20M1280L32-0B EXAR-XR20M1280L32-0B Datasheet
1Mb / 63P
   I2C/SPI UART WITH 128-BYTE FIFO AND INTEGRATED LEVEL SHIFTERS
XR20M1280 EXAR-XR20M1280 Datasheet
1Mb / 63P
   I2C/SPI UART WITH 128-BYTE FIFO AND INTEGRATED LEVEL SHIFTERS
logo
Texas Instruments
TL16C750E TI1-TL16C750E Datasheet
1Mb / 59P
[Old version datasheet]   TL16C750E UART with 128-Byte FIFO
logo
Exar Corporation
XR16C850CM-F EXAR-XR16C850CM-F Datasheet
1Mb / 56P
   2.97V TO 5.5V UART WITH 128-BYTE FIFO
XR16C850 EXAR-XR16C850 Datasheet
331Kb / 55P
   UART with 128-byte FIFO?셲 FIFO Counters and Half-duplex Control
XR16C854 EXAR-XR16C854 Datasheet
476Kb / 51P
   QUAD UART WITH RX/TX FIFO COUNTERS,128-BYTE FIFO
XR16C850 EXAR-XR16C850_05 Datasheet
1Mb / 56P
   2.97V TO 5.5V UART WITH 128-BYTE FIFO
XR28V384 EXAR-XR28V384 Datasheet
511Kb / 42P
   3.3V QUAD LPC UART WITH 128-BYTE FIFO
XR28V382IL32-0A EXAR-XR28V382IL32-0A Datasheet
569Kb / 39P
   3.3V DUAL LPC UART WITH 128-BYTE FIFO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com