Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMCJ16 Datasheet(PDF) 4 Page - Yangzhou yangjie electronic co., ltd

Part # SMCJ16
Description  Transient Voltage Suppressor Diodes
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YANGJIE [Yangzhou yangjie electronic co., ltd]
Direct Link  http://www.21yangjie.com/
Logo YANGJIE - Yangzhou yangjie electronic co., ltd

SMCJ16 Datasheet(HTML) 4 Page - Yangzhou yangjie electronic co., ltd

  SMCJ16 Datasheet HTML 1Page - Yangzhou yangjie electronic co., ltd SMCJ16 Datasheet HTML 2Page - Yangzhou yangjie electronic co., ltd SMCJ16 Datasheet HTML 3Page - Yangzhou yangjie electronic co., ltd SMCJ16 Datasheet HTML 4Page - Yangzhou yangjie electronic co., ltd SMCJ16 Datasheet HTML 5Page - Yangzhou yangjie electronic co., ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
扬州扬杰电子科技体股份有限公司
Yangzhou Yangjie Electronic Technology Co., Ltd. 
Document Number 0241
Rev. 1.0, 22-Sep-11
www.21yangjie.com
SMCJ SERIES
■电性参数 (TA =25℃ 除非另有规定)
Electrical Characteristics (TA =25
unless otherwise n
oted)
击穿电压
VBR@IT
Breakdown Voltage VBR@IT
产品型号(单
向)
Part
Number(Uni)
产品型号(双
向)
Part
Number(Bi)
最小
Min(V)
最大
Max (V)
测试电流
IT
(1)(mA)
最大反向漏电
IR @VWM
Maximum
Reverse
Leakage IR
(3)
(μA)
最大工作电压
VRWM
Working Peak
Reverse
Voltage
VRWM (V)
最大反向浪涌
电流
IPP
Maximum
Reverse Surge
Current IPP
(2)
(A)
最大箝位电压
Maximum
Clamping
Voltage Vc
@ IPP
(V)
SMCJ78
SMCJ78C
86.7
106
1.0
1.0
78
10.8
139
SMCJ78A
SMCJ78CA
86.7
95.8
1.0
1.0
78
11.9
126
SMCJ85
SMCJ85C
94.4
115
1.0
1.0
85
9.9
151
SMCJ85A
SMCJ85CA
94.4
104
1.0
1.0
85
10.9
137
SMCJ90
SMCJ90C
100
122
1.0
1.0
90
9.4
160
SMCJ90A
SMCJ90CA
100
111
1.0
1.0
90
10.3
146
SMCJ100
SMCJ100C
111
136
1.0
1.0
100
8.4
179
SMCJ100A
SMCJ100CA
111
123
1.0
1.0
100
9.3
162
SMCJ110
SMCJ110C
122
149
1.0
1.0
110
7.7
196
SMCJ110A
SMCJ110CA
122
135
1.0
1.0
110
8.5
177
SMCJ120
SMCJ120C
133
163
1.0
1.0
120
7.0
214
SMCJ120A
SMCJ120CA
133
147
1.0
1.0
120
7.8
193
SMCJ130
SMCJ130C
144
176
1.0
1.0
130
6.5
231
SMCJ130A
SMCJ130CA
144
159
1.0
1.0
130
7.2
209
SMCJ150
SMCJ150C
167
204
1.0
1.0
150
5.6
268
SMCJ150A
SMCJ150CA
167
185
1.0
1.0
150
6.2
243
SMCJ160
SMCJ160C
178
218
1.0
1.0
160
5.2
287
SMCJ160A
SMCJ160CA
178
197
1.0
1.0
160
5.8
259
SMCJ170
SMCJ170C
189
231
1.0
1.0
170
4.9
304
SMCJ170A
SMCJ170CA
189
209
1.0
1.0
170
5.5
275
SMCJ188
SMCJ188C
209
255
1.0
1.0
188
4.4
344
SMCJ188A
SMCJ188CA
209
231
1.0
1.0
188
4.6
328
备注:Notes:
(1) 脉冲测试:tp≤50ms Pulse test: tp≤50ms
(2) 浪涌电流波形,如图3,功率降额曲线如图2。
Surge current waveform per Fig. 3 and derated per Fig.2.
(3) 对于双向型,VWM在10V及10V以下,IR值加倍
For bi-directional types having VWM of 10 V and less, the IR limit is doubled
(4) 对于双向SMCJ5.0CA,VBR最大值为7.25V
For the bi-directional SMCJ5.0CA, the maximum VBR is 7.25 V


Similar Part No. - SMCJ16

ManufacturerPart #DatasheetDescription
logo
Guangdong Juxing Electr...
SMCJ16 JUXING-SMCJ16 Datasheet
1Mb / 4P
   TRANSIENT VOLTAGE SUPPRESSORS
logo
Dc Components
SMCJ16 DCCOM-SMCJ16 Datasheet
1Mb / 4P
   TECHNICAL SPECIFICATIONS OF SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Yangzhou yangjie electr...
SMCJ16 YANGJIE-SMCJ16 Datasheet
1Mb / 4P
   SURFACE MOUNT TRANSIERT VOLTAGE SUPPRESSOR
logo
Shenzhen Luguang Electr...
SMCJ16 LUGUANG-SMCJ16 Datasheet
2Mb / 4P
   Transient Voltage Suppressors
logo
Diodes Incorporated
SMCJ16 DIODES-SMCJ16 Datasheet
123Kb / 6P
   1500W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - SMCJ16

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BZG04 PHILIPS-BZG04 Datasheet
31Kb / 7P
   Transient voltage suppressor diodes
1996 Sep 19
logo
Yangzhou yangjie electr...
SMAJ YANGJIE-SMAJ_11 Datasheet
199Kb / 5P
   Transient Voltage Suppressor Diodes
logo
Diotec Semiconductor
P4SMAJ65 DIOTEC-P4SMAJ65_14 Datasheet
128Kb / 4P
   Transient Voltage Suppressor Diodes
logo
Yangzhou yangjie electr...
SA10 YANGJIE-SA10_17 Datasheet
191Kb / 5P
   Transient Voltage Suppressor Diodes
SMBJ10 YANGJIE-SMBJ10_17 Datasheet
213Kb / 5P
   Transient Voltage Suppressor Diodes
logo
Infineon Technologies A...
ESD5V3S1B-02LS INFINEON-ESD5V3S1B-02LS Datasheet
1Mb / 17P
   Transient Voltage Suppressor Diodes
Revision 1.0, 2011-04-08
ESD3V3U4ULC INFINEON-ESD3V3U4ULC_13 Datasheet
1Mb / 18P
   Transient Voltage Suppressor Diodes
Rev. 1.6, 2013-02-20
ESD112-B1-02ELS INFINEON-ESD112-B1-02ELS Datasheet
971Kb / 15P
   Transient Voltage Suppressor Diodes
Rev. 1.3, 2013-11-27
logo
First Silicon Co., Ltd
P4KE6.8 FS-P4KE6.8 Datasheet
336Kb / 5P
   Transient Voltage Suppressor Diodes
logo
Dongguan City Niuhang E...
SMF5.0A NIUHANG-SMF5.0A Datasheet
471Kb / 6P
   TRANSIENT VOLTAGE SUPPRESSOR DIODES
logo
Diotec Semiconductor
P6KE68 DIOTEC-P6KE68_14 Datasheet
114Kb / 4P
   Transient Voltage Suppressor Diodes
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com