Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2500 Datasheet(PDF) 2 Page - 3M Electronics

Part # 2500
Description  3M??Four-Wall Header
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

2500 Datasheet(HTML) 2 Page - 3M Electronics

  2500 Datasheet HTML 1Page - 3M Electronics 2500 Datasheet HTML 2Page - 3M Electronics 2500 Datasheet HTML 3Page - 3M Electronics 2500 Datasheet HTML 4Page - 3M Electronics 2500 Datasheet HTML 5Page - 3M Electronics 2500 Datasheet HTML 6Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
3
Electronic Solutions Division
Interconnect Solutions
http://www.3Mconnector.com
3M is a trademark of 3M Company.
For technical, sales or ordering information call
800-225-5373
3MFour-Wall Header
2500 Series
TS-0770-K
Sheet 2 of 5
Ordering Information
X25XX - 60XX - XX
Inch
(mm)
±
.005
±
±
.01
Tolerance Unless Noted
.0
.00
.000
[ ] Dimensions for
Reference only
C
Table 1
Pin Qty
Dimensions
Polarizing
Notches
A
B
8
0.688 (17.48)
0.608 (15.44)
B
10
0.788 (20.02)
0.708 (17.98)
BC
14
0.988 (25.10)
0.908 (23.06)
BCDE
16
1.088 (27.64)
1.008 (25.60)
ABCDE
20
1.288 (32.72)
1.208 (30.68)
ABCDE
24
1.488 (37.80)
1.408 (35.76)
ABCDE
26
1.588 (40.34)
1.508 (38.30)
ABCDE
30
1.788 (45.42)
1.708 (43.38)
ABCDE
34
1.988 (50.50)
1.908 (48.46)
ABCDE
40
2.288 (58.12)
2.208 (56.08)
ABCDE
50
2.788 (70.82)
2.708 (68.78)
ABCDE
60
3.288 (83.52)
3.208 (81.48)
ABCDE
64
3.488 (88.60)
3.408 (86.56)
ABCDE
Notes:
1. Notches A & C will accomodate 3M Polarizing Keys (3M Part #3518 or N3518).
2. Contact tails .0245 [0.622] wire with .0075 [0.191] corner radii & .028 [.072] diagonal.
3. See page 4 for kink tail positions.
4. Solder stand offs facilitate .01 clearance above board for reflow soldering.
Prefix:
N = High Temp. Black (PCT)
(RB, UB, or UG Pltg. Req’d)
Blank = Std. Temp. Gray (PBT)
(UB or UG Pltg. Req’d)
Pin Quantity:
(See Table 1)
Plating:
RB = 30µ” [0.76µm] Gold with 200µ” [5.08 µm]
Matte Tin Solder Tails (RIA E1 & C1 apply)
UG = 15µ” [0.38µm] Gold with 200µ” [5.08µm] 60:40
Tin-Lead Solder Tails (RIA E3 & C2 apply)
UB = 30µ” [0.76µm] Gold with 200µ” [5.05µm] 60:40
Tin-Lead Solder Tails (RIA E3 & C2 apply)
Solder Tail
02 = for .062 [1.57] thick board (Standard)
03 = for .094 to .125 [2.39 to 3.18] thick board
K2 = for .062 [1.57] thick board
.100”x.100”LowProfile,StraightThrough-Hole


Similar Part No. - 2500

ManufacturerPart #DatasheetDescription
logo
Welwyn Components Limit...
2500 WELWYN-2500 Datasheet
87Kb / 1P
   Low Value Metal Film Resistors
logo
Switchcraft, Inc.
2500 SWITCH-2500 Datasheet
56Kb / 1P
   LONG FRAME (1/4) TWIN ROW JACK PANELS
logo
List of Unclassifed Man...
2500 ETC2-2500 Datasheet
395Kb / 1P
   CAPTIVE PANEL SCREWS
logo
Laird Tech Smart Techno...
2500 LSTD-2500 Datasheet
721Kb / 2P
   Thermal Grease
logo
Moxa Inc.
2500 MOXA-2500 Datasheet
1Mb / 8P
   Smart Ethernet remote I/O with Click&Go Plus logic
More results

Similar Description - 2500

ManufacturerPart #DatasheetDescription
logo
3M Electronics
N3429-630T02RB 3M-N3429-630T02RB Datasheet
1Mb / 5P
   3M??Four-Wall Header .100??횞 .100??Latch/Ejector, Straight, Compliant Pin
3793 3M-3793 Datasheet
682Kb / 5P
   3M Pak 100 4-Wall Header
3000 3M-3000 Datasheet
682Kb / 5P
   3M??Pak 100 4-Wall Header
D3372-6302-AR 3M-D3372-6302-AR Datasheet
1Mb / 5P
   3M??Four-Wall Header .100??횞 .100??Latch/Ejector, Straight and Right Angle
N3431-5203RB 3M-N3431-5203RB Datasheet
1Mb / 5P
   3M??Four-Wall Header .100??횞 .100??Latch/Ejector, Straight and Right Angle
2514-6002-UB 3M-2514-6002-UB Datasheet
1Mb / 6P
   3M??Four-Wall Header .100??x .100??Low Profile, SMT Straight, Straight and Rt Angle Through-Hole
N2524-6002RB 3M-N2524-6002RB Datasheet
1Mb / 6P
   3M??Four-Wall Header .100??x .100??Low Profile, SMT Straight, Straight and Rt Angle Through-Hole
80400031292 3M-80400031292 Datasheet
1Mb / 6P
   3M??Four-Wall Header .100??x .100??Low Profile, SMT Straight, Straight and Rt Angle Through-Hole
3431-D002 3M-3431-D002 Datasheet
910Kb / 5P
   3M??Three-Wall Condo Header .100 횞 .100 Right Angle
3015TWF 3M-3015TWF Datasheet
250Kb / 3P
   3M??Air & Vapor Through Wall Flashing Tape
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com