Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Q62702-F1520 Datasheet(PDF) 3 Page - Siemens Semiconductor Group

Part # Q62702-F1520
Description  NPN Silicon RF Transistor (Especially suitable for TV-sat and UHF tuners)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

Q62702-F1520 Datasheet(HTML) 3 Page - Siemens Semiconductor Group

  Q62702-F1520 Datasheet HTML 1Page - Siemens Semiconductor Group Q62702-F1520 Datasheet HTML 2Page - Siemens Semiconductor Group Q62702-F1520 Datasheet HTML 3Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Semiconductor Group
3
Dec-11-1996
BF 775W
Electrical Characteristics at
TA = 25°C, unless otherwise specified.
Parameter
Symbol
Values
Unit
min.
typ.
max.
AC Characteristics
Transition frequency
IC = 15 mA, VCE = 8 V, f = 500 MHz
fT
3.5
5
-
GHz
Collector-base capacitance
VCB = 10 V, f = 1 MHz
Ccb
-
0.43
0.6
pF
Collector-emitter capacitance
VCE = 10 V, f = 1 MHz
Cce
-
0.26
-
Emitter-base capacitance
VEB = 0.5 V, f = 1 MHz
Ceb
-
0.7
-
Noise figure
IC = 2 mA, VCE = 6 V, ZS = ZSopt
f = 900 MHz
f = 1.8 GHz
F
-
-
2.9
1.8
-
-
dB
Power gain
2)
IC = 15 mA, VCE = 8 V, ZS = ZSopt
ZL = ZLopt
f = 900 MHz
f = 1.8 GHz
Gma
-
-
10.5
16
-
-
Transducer gain
IC = 15 mA, VCE = 8 V, ZS =ZL= 50 Ω
f = 900 MHz
f = 1.8 GHz
|
S21e|2
-
-
8
13.5
-
-
2)
Gma = |S21/S12| (k-(k2-1)1/2)


Similar Part No. - Q62702-F1520

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
Q62702-F1500 SIEMENS-Q62702-F1500 Datasheet
59Kb / 7P
   NPN Silicon RF Transistor (For low-power amplifiers in mobile communication systems pager at collector currents from 0.2 to 2.5mA)
Q62702-F1501 SIEMENS-Q62702-F1501 Datasheet
59Kb / 7P
   NPN Silicon RF Transistor (For low noise, high-gain broadband amplifiers at collector currents from 0.5mA to 12mA)
Q62702-F1502 SIEMENS-Q62702-F1502 Datasheet
58Kb / 7P
   NPN Silicon RF Transistor (For low noise, high-gain broadband amplifiers at collector currents from 1mA to 20mA)
Q62702-F1503 SIEMENS-Q62702-F1503 Datasheet
59Kb / 7P
   NPN Silicon RF Transistor (For low noise, high-gain broadband amplifiers at collector currents from 2 mA to 30 mA)
Q62702-F1504 SIEMENS-Q62702-F1504 Datasheet
59Kb / 7P
   NPN Silicon RF Transistor (For low noise, low-power amplifiers in mobile communication systems)
More results

Similar Description - Q62702-F1520

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BF775 SIEMENS-BF775 Datasheet
19Kb / 3P
   NPN Silicon RF Transistor (Especially suitable for TV-sat and UHF tuners)
BF775A SIEMENS-BF775A Datasheet
19Kb / 3P
   NPN Silicon RF Transistor (Especially suitable for amplifiers and TV-sat tuners)
BF772 SIEMENS-BF772 Datasheet
22Kb / 3P
   NPN Silicon RF Transistor (For application in TV-sat tuners)
BF770A SIEMENS-BF770A Datasheet
19Kb / 3P
   NPN Silicon RF Transistor (For IF amplifiers in TV-sat tuners and for VCR modulators)
BF517 SIEMENS-BF517 Datasheet
44Kb / 4P
   NPN Silicon RF Transistor (For amplifier and oscillator applications in TV-tuners)
logo
Infineon Technologies A...
BB555E7902 INFINEON-BB555E7902 Datasheet
911Kb / 9P
   For UHF-TV-tuners
2011-06-15
logo
Siemens Semiconductor G...
BF771 SIEMENS-BF771 Datasheet
19Kb / 3P
   NPN Silicon RF Transistor (For modulators and amplifiers in TV and VCR tuners)
BF771W SIEMENS-BF771W Datasheet
19Kb / 3P
   NPN Silicon RF Transistor (For modulators and amplifiers in TV and VCR tuners)
BF569 SIEMENS-BF569 Datasheet
37Kb / 3P
   PNP Silicon RF Transistor (fOR OSCILLATORS, MIXERS AND SELF-OSCILLATING MIXER STAGES IN uhf tv TUNERS)
logo
TEMIC Semiconductors
U833BS TEMIC-U833BS Datasheet
92Kb / 7P
   1.3-GHz Prescaler for PLLs in TV, CATV and SAT TV Tuners
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com