Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMCJ6.0A Datasheet(PDF) 3 Page - Yangzhou yangjie electronic co., ltd

Part # SMCJ6.0A
Description  Transient Voltage Suppressor Diodes
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YANGJIE [Yangzhou yangjie electronic co., ltd]
Direct Link  http://www.21yangjie.com/
Logo YANGJIE - Yangzhou yangjie electronic co., ltd

SMCJ6.0A Datasheet(HTML) 3 Page - Yangzhou yangjie electronic co., ltd

  SMCJ6.0A Datasheet HTML 1Page - Yangzhou yangjie electronic co., ltd SMCJ6.0A Datasheet HTML 2Page - Yangzhou yangjie electronic co., ltd SMCJ6.0A Datasheet HTML 3Page - Yangzhou yangjie electronic co., ltd SMCJ6.0A Datasheet HTML 4Page - Yangzhou yangjie electronic co., ltd SMCJ6.0A Datasheet HTML 5Page - Yangzhou yangjie electronic co., ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
扬州扬杰电子科技体股份有限公司
Yangzhou Yangjie Electronic Technology Co., Ltd. 
Document Number 0241
Rev. 1.0, 22-Sep-11
www.21yangjie.com
SMCJ SERIES
■电性参数 (TA=25℃ 除非另有规定)
Electrical Characteristics (TA=25
unless otherwise noted)
击穿电压
VBR@IT
Breakdown Voltage VBR@IT
产品型号
(单向)
Part
Number(Uni)
产品型号
(双向)
Part
Number(Bi)
最小
Min(V)
最大
Max (V)
测试电
IT
(1)(mA)
最大反向漏电
IR @VWM
Maximum
Reverse
Leakage IR
(3)
(μA)
最大工作电压
VRWM
Working Peak
Reverse
Voltage
VRWM (V)
最大反向浪涌
电流
IPP
Maximum
Reverse Surge
Current IPP
(2)
(A)
最大箝位电压
Maximum
Clamping
Voltage Vc
@ IPP
(V)
SMCJ22
SMCJ22C
24.4
29.8
1.0
1.0
22
38.1
39.4
SMCJ22A
SMCJ22CA
24.4
26.9
1.0
1.0
22
42.3
35.5
SMCJ24
SMCJ24C
26.7
32.6
1.0
1.0
24
34.9
43.0
SMCJ24A
SMCJ24CA
26.7
29.5
1.0
1.0
24
38.6
38.9
SMCJ26
SMCJ26C
28.9
35.3
1.0
1.0
26
32.2
46.6
SMCJ26A
SMCJ26CA
28.9
31.9
1.0
1.0
26
35.6
42.1
SMCJ28
SMCJ28C
31.1
38.0
1.0
1.0
28
30.0
50.0
SMCJ28A
SMCJ28CA
31.1
34.4
1.0
1.0
28
33.0
45.4
SMCJ30
SMCJ30C
33.3
40.7
1.0
1.0
30
28.0
53.5
SMCJ30A
SMCJ30CA
33.3
36.8
1.0
1.0
30
31.0
48.4
SMCJ33
SMCJ33C
36.7
44.9
1.0
1.0
33
25.4
59.0
SMCJ33A
SMCJ33CA
36.7
40.6
1.0
1.0
33
28.1
53.3
SMCJ36
SMCJ36C
40.0
48.9
1.0
1.0
36
23.3
64.3
SMCJ36A
SMCJ36CA
40.0
44.2
1.0
1.0
36
25.8
58.1
SMCJ40
SMCJ40C
44.4
54.3
1.0
1.0
40
21.0
71.4
SMCJ40A
SMCJ40CA
44.4
49.1
1.0
1.0
40
23.3
64.5
SMCJ43
SMCJ43C
47.8
58.4
1.0
1.0
43
19.6
76.7
SMCJ43A
SMCJ43CA
47.8
52.8
1.0
1.0
43
21.6
69.4
SMCJ45
SMCJ45C
50.0
61.1
1.0
1.0
45
18.7
80.3
SMCJ45A
SMCJ45CA
50.0
55.3
1.0
1.0
45
20.6
72.7
SMCJ48
SMCJ48C
53.3
65.1
1.0
1.0
48
17.5
85.5
SMCJ48A
SMCJ48CA
53.3
58.9
1.0
1.0
48
19.4
77.4
SMCJ51
SMCJ51C
56.7
69.3
1.0
1.0
51
16.5
91.1
SMCJ51A
SMCJ51CA
56.7
62.7
1.0
1.0
51
18.2
82.4
SMCJ54
SMCJ54C
60.0
73.3
1.0
1.0
54
15.6
96.3
SMCJ54A
SMCJ54CA
60.0
66.3
1.0
1.0
54
17.2
87.1
SMCJ58
SMCJ58C
64.4
78.7
1.0
1.0
58
14.6
103
SMCJ58A
SMCJ58CA
64.4
71.2
1.0
1.0
58
16.0
93
SMCJ60
SMCJ60C
66.7
81.5
1.0
1.0
60
14.0
107
SMCJ60A
SMCJ60CA
66.7
73.7
1.0
1.0
60
15.5
96
SMCJ64
SMCJ64C
71.1
86.9
1.0
1.0
64
13.2
114
SMCJ64A
SMCJ64CA
71.1
78.6
1.0
1.0
64
14.6
103
SMCJ70
SMCJ70C
77.8
95.1
1.0
1.0
70
12.0
125
SMCJ70A
SMCJ70CA
77.8
86.0
1.0
1.0
70
13.3
113
SMCJ75
SMCJ75C
83.3
102
1.0
1.0
75
11.2
134
SMCJ75A
SMCJ75CA
83.3
92.1
1.0
1.0
75
12.4
121


Similar Part No. - SMCJ6.0A

ManufacturerPart #DatasheetDescription
logo
Dc Components
SMCJ6.0A DCCOM-SMCJ6.0A Datasheet
1Mb / 4P
   TECHNICAL SPECIFICATIONS OF SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Microsemi Corporation
SMCJ6.0A MICROSEMI-SMCJ6.0A Datasheet
205Kb / 4P
   SURFACE MOUNT 1500 Watt Transient Voltage Suppressor
logo
Vishay Siliconix
SMCJ6.0A VISHAY-SMCJ6.0A Datasheet
93Kb / 5P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 20-Dec-11
logo
HY ELECTRONIC CORP.
SMCJ6.0A HY-SMCJ6.0A Datasheet
589Kb / 5P
   Surface Mount Unidirectional and Bidirectional Transient Voltage Suppressors
logo
First Components Intern...
SMCJ6.0A FCI-SMCJ6.0A Datasheet
161Kb / 4P
   5.0V to 170V SMD TRANSIENT VOLTAGE SUPPRESSORS
More results

Similar Description - SMCJ6.0A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BZG04 PHILIPS-BZG04 Datasheet
31Kb / 7P
   Transient voltage suppressor diodes
1996 Sep 19
logo
Yangzhou yangjie electr...
SMAJ YANGJIE-SMAJ_11 Datasheet
199Kb / 5P
   Transient Voltage Suppressor Diodes
logo
Diotec Semiconductor
P4SMAJ65 DIOTEC-P4SMAJ65_14 Datasheet
128Kb / 4P
   Transient Voltage Suppressor Diodes
logo
Yangzhou yangjie electr...
SA10 YANGJIE-SA10_17 Datasheet
191Kb / 5P
   Transient Voltage Suppressor Diodes
SMBJ10 YANGJIE-SMBJ10_17 Datasheet
213Kb / 5P
   Transient Voltage Suppressor Diodes
logo
Infineon Technologies A...
ESD5V3S1B-02LS INFINEON-ESD5V3S1B-02LS Datasheet
1Mb / 17P
   Transient Voltage Suppressor Diodes
Revision 1.0, 2011-04-08
ESD3V3U4ULC INFINEON-ESD3V3U4ULC_13 Datasheet
1Mb / 18P
   Transient Voltage Suppressor Diodes
Rev. 1.6, 2013-02-20
ESD112-B1-02ELS INFINEON-ESD112-B1-02ELS Datasheet
971Kb / 15P
   Transient Voltage Suppressor Diodes
Rev. 1.3, 2013-11-27
logo
First Silicon Co., Ltd
P4KE6.8 FS-P4KE6.8 Datasheet
336Kb / 5P
   Transient Voltage Suppressor Diodes
logo
Dongguan City Niuhang E...
SMF5.0A NIUHANG-SMF5.0A Datasheet
471Kb / 6P
   TRANSIENT VOLTAGE SUPPRESSOR DIODES
logo
Diotec Semiconductor
P6KE68 DIOTEC-P6KE68_14 Datasheet
114Kb / 4P
   Transient Voltage Suppressor Diodes
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com