Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description

SKBPC3516 Datasheet(PDF) 2 Page - Yangzhou yangjie electronic co., ltd

Part No. SKBPC3516
Description  Bridge Rectifier
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  YANGJIE [Yangzhou yangjie electronic co., ltd]
Homepage  http://www.21yangjie.com/
Logo 
   
 2 page
background image
扬州扬杰电子科技股份有限公司
Yangzhou Yangjie Electronic Technology Co., Ltd.
 
www.21yangjie.com
Document Number 0078
Rev. 1.0, 22-Sep-11
SKBPC3504 THRU SKBPC3516
■特性曲线(典型) Characteristics(Typical)
  
  
0.4
0.6
0.8
1.0
1.2
1.4
0.1
0.2
0.5
VF(V)
图3:正向电压曲线
FIG3:Instantaneous Forward Voltage
1.0
10
20
40
60
5.0
Ta=25℃
0
20
40
60
80
100
0.01
0.1
1.0
10
100
Voltage(%)
Tj=125
Tj=25
FIG4:Typical Reverse Characteristics
图4:反向电流曲线
1
0
图2:耐正向浪涌电流曲线
2
5
10
20
50
100
200
400
600
正弦波
sine wave
0
不重复
non-repetitive
Ta=25℃
FIG2:Surge Forward Current Capadility
周波数
Number of Cycles
8.3ms 8.3ms
1 cycle
0
Ta(℃)
图1:Io-Ta曲线
FIG1:Io-Ta Curve
50
150
100
0
20
40
60
70
10
30
50




Html Pages

1  2 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2015    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl