Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LL4001 Datasheet(PDF) 1 Page - Yangzhou yangjie electronic co., ltd

Part # LL4001
Description  General Purpose Rectifier
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YANGJIE [Yangzhou yangjie electronic co., ltd]
Direct Link  http://www.21yangjie.com/
Logo YANGJIE - Yangzhou yangjie electronic co., ltd

LL4001 Datasheet(HTML) 1 Page - Yangzhou yangjie electronic co., ltd

  LL4001 Datasheet HTML 1Page - Yangzhou yangjie electronic co., ltd LL4001 Datasheet HTML 2Page - Yangzhou yangjie electronic co., ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
扬州扬杰电子科技股份有限公司
Yangzhou Yangjie Electronic Technology Co., Ltd.
Document Number 0107
Rev. 1.0, 22-Sep-11
www.21yangjie.com
LL4001 THRU LL4007
硅整流二极管 General Purpose Rectifier
■特征
Features
■外形尺寸和印记
Outline Dimensions and Mark
● Io
1.0A
● VRRM
50V-1000V
● 耐正向浪涌电流能力高
High surge current capability
● 封装:模压塑料
Cases: Molded plastic
■用途
Applications
●整流用 Rectifier
■极限值(绝对最大额定值)
Limiting Values (Absolute Maximum Rating)
LL40
参数名称
Item
符号
Symbol
单位
Unit
测试条件
Test Conditions
01
02
03
04
05
06
07
反向重复峰值电压
Repetitive Peak Reverse Voltage
VRRM
V
50
100
200
400 600 800
1000
正向平均电流
Average Forward Current
IF(AV)
A
正弦半波
60Hz,电阻负载,Ta=75℃
60HZ Half-sine wave, Resistance
load, Ta=75℃
1.0
正向(不重复)浪涌电流
Surge(Non-repetitive)Forward
Current
IFSM
A
正弦半波
60Hz,一个周期,Ta=25℃
60Hz Half-sine wave ,1 cycle ,
Ta =25℃
30
结温
Junction Temperature
TJ
-55~+150
储存温度
Storage Temperature
TSTG
-55 ~ +150
■电特性
(Ta=25℃ 除非另有规定)
Electrical Characteristics (Ta=25℃ Unless otherwise specified)
LL40
参数名称
Item
符号
Symbol
单位
Unit
测试条件
Test Condition
01
02
03
04
05
06
07
正向峰值电压
Peak Forward Voltage
V
F
V
I
F=1.0A
1.1
1.2
I
RRM1
Ta =25℃
10
反向漏电流
Peak Reverse Current
I
RRM2
μA
VRM=VRRM
Ta =125℃
50
RθJ-A
结和环境之间
Between junction and ambient
75
1)
热阻(典型)
Thermal
Resistance(Typical)
RθJ-T
/W
结和终端之间
Between junction and terminal
30
2)
备注:Notes:
1) 热阻从结到环境,每个终端0.24" x 0.24" (6.0毫米 x 6.0毫米)铜垫片
Thermal resistance from junction to ambient, 0.24" x 0.24" (6.0 mm x 6.0 mm) copper pads to each terminal
2) 热阻从结到终端,每个终端0.24" x 0.24" (6.0毫米 x 6.0毫米)铜垫片
Thermal resistance from junction to terminal, 0.24" x 0.24" (6.0 mm x 6.0 mm) copper pads to each terminal
.205(5.20)
Dimensions in inches and (millimeters)
DO-213AB(MELF)
.185(4.70)
.022(0.56)
.106(2.70)
.018(0.46)
.090(2.30)
.102(2.60)
.087(2.20)
Solderable Ends
0.079(2.0)
0.197(5.0)
Mounting Pad Layout
0.118(3.0)


Similar Part No. - LL4001

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
LL4001 SEMTECH-LL4001 Datasheet
44Kb / 1P
   Silicon Rectifiers
logo
DAESAN ELECTRONIC CORP.
LL4001 DAESAN-LL4001 Datasheet
273Kb / 2P
   CURRENT 1.0 Ampere VOLTAGE 50 to 1000 Volts
logo
SEMTECH ELECTRONICS LTD...
LL4001 SEMTECH_ELEC-LL4001 Datasheet
205Kb / 2P
   SURFACE MOUNT SILICON RECTIFIERS
logo
DAESAN ELECTRONIC CORP.
LL4001 DAESAN-LL4001 Datasheet
486Kb / 2P
   STANDARD RECTIFIER
logo
Jinan Jingheng (Group) ...
LL4001G JINANJINGHENG-LL4001G Datasheet
72Kb / 2P
   Surface Mount Glass Passivated Rectifier
More results

Similar Description - LL4001

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
A451 POWEREX-A451 Datasheet
430Kb / 4P
   GENERAL PURPOSE RECTIFIER
IN4587 POWEREX-IN4587 Datasheet
640Kb / 4P
   General Purpose Rectifier
logo
Yangzhou yangjie electr...
GS3AB YANGJIE-GS3AB Datasheet
140Kb / 2P
   General Purpose Rectifier
logo
Comchip Technology
1N5400-G COMCHIP-1N5400-G Datasheet
50Kb / 2P
   General Purpose Rectifier
logo
Yangzhou yangjie electr...
RL251 YANGJIE-RL251 Datasheet
135Kb / 2P
   General Purpose Rectifier
logo
SiPower Inc.
SPAL00340LF SIPOWER-SPAL00340LF Datasheet
288Kb / 1P
   General Purpose Rectifier
logo
Suntan Capacitors
10A05 SUNTAN-10A05 Datasheet
270Kb / 2P
   GENERAL PURPOSE RECTIFIER
logo
Inchange Semiconductor ...
1N4590 ISC-1N4590 Datasheet
210Kb / 2P
   General Purpose Rectifier
logo
New Jersey Semi-Conduct...
IN4587 NJSEMI-IN4587 Datasheet
145Kb / 2P
   General Purpose Rectifier
logo
Yangzhou yangjie electr...
GS3A YANGJIE-GS3A Datasheet
148Kb / 2P
   General Purpose Rectifier
GS5A YANGJIE-GS5A_17 Datasheet
201Kb / 2P
   General Purpose Rectifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com