Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BF660W Datasheet(PDF) 1 Page - Siemens Semiconductor Group

Part # BF660W
Description  PNP Silicon RF Transistor (For VHF oscillator applications)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BF660W Datasheet(HTML) 1 Page - Siemens Semiconductor Group

  BF660W Datasheet HTML 1Page - Siemens Semiconductor Group BF660W Datasheet HTML 2Page - Siemens Semiconductor Group BF660W Datasheet HTML 3Page - Siemens Semiconductor Group BF660W Datasheet HTML 4Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Semiconductor Group
1
Aug-14-1996
BF 660W
PNP Silicon RF Transistor
• For VHF oscillator applications
Type
Marking Ordering Code
Pin Configuration
Package
BF 660W
LEs
Q62702-F1568
1 = B
2 = E
3 = C
SOT-323
Maximum Ratings
Parameter
Symbol
Values
Unit
Collector-emitter voltage
VCEO
30
V
Collector-base voltage
VCBO
40
Emitter-base voltage
VEBO
4
Collector current
IC
25
mA
Base current
IB
5
Total power dissipation
TS ≤ 93 °C
Ptot
280
mW
Junction temperature
Tj
150
°C
Storage temperature
Tstg
- 65 ... + 150
Thermal Resistance
Junction - soldering point
RthJS
205
K/W


Similar Part No. - BF660W

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BF660 SIEMENS-BF660 Datasheet
39Kb / 3P
   PNP Silicon RF Transistor (For VHF oscillator applications)
More results

Similar Description - BF660W

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BF660 SIEMENS-BF660 Datasheet
39Kb / 3P
   PNP Silicon RF Transistor (For VHF oscillator applications)
BF506 SIEMENS-BF506 Datasheet
13Kb / 2P
   PNP Silicon RF Transistor (For VHF mixer and oscillator stages)
logo
Toshiba Semiconductor
2SC2349 TOSHIBA-2SC2349 Datasheet
186Kb / 3P
   TRANSISTOR (TV VHF OSCILLATOR APPLICATIONS)
2SC3122 TOSHIBA-2SC3122 Datasheet
171Kb / 3P
   TRANSISTOR (TV VHF RF AMPLIFIER APPLICATIONS)
2SC2347 TOSHIBA-2SC2347 Datasheet
187Kb / 3P
   TRANSISTOR (TV UHF OSCILLATOR, TV VHF MIXER APPLICATIONS)
logo
Siemens Semiconductor G...
BF517 SIEMENS-BF517 Datasheet
44Kb / 4P
   NPN Silicon RF Transistor (For amplifier and oscillator applications in TV-tuners)
logo
List of Unclassifed Man...
2SC717 ETC-2SC717 Datasheet
40Kb / 1P
   VHF RF AMPLIFIER, MIXER, OSCILLATOR
logo
Sanyo Semicon Device
2SC4269 SANYO-2SC4269 Datasheet
105Kb / 4P
   VHF Converter, Local Oscillator Applications
2SA1778 SANYO-2SA1778 Datasheet
113Kb / 5P
   VHF Converter, Local Oscillator Applications
logo
Central Semiconductor C...
MPSH81 CENTRAL-MPSH81 Datasheet
116Kb / 2P
   PNP SILICON RF TRANSISTOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com