Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GR2GA Datasheet(PDF) 2 Page - Yangzhou yangjie electronic co., ltd

Part # GR2GA
Description  Fast Recovery Rectifier Diode
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YANGJIE [Yangzhou yangjie electronic co., ltd]
Direct Link  http://www.21yangjie.com/
Logo YANGJIE - Yangzhou yangjie electronic co., ltd

GR2GA Datasheet(HTML) 2 Page - Yangzhou yangjie electronic co., ltd

  GR2GA Datasheet HTML 1Page - Yangzhou yangjie electronic co., ltd GR2GA Datasheet HTML 2Page - Yangzhou yangjie electronic co., ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
扬州扬杰电子科技股份有限公司
Yangzhou Yangjie Electronic Technology Co., Ltd.
Document Number 0129
Rev. 1.0, 22-Sep-11
www.21yangjie.com
GR2AA THRU GR2MA
■特性曲线(典型) Characteristics(Typical)
VR
D
RL
IF
0
IF
IR
IRR
t
trr
I
5: 反向恢复时间试验电路及测试波形示意图
FIG.5: Diagram of circuit and Testing wave form of reverse recovery time
50
1:正向电流降额曲线
FIG.1: FORWARD CURRENT DERATING CURVE
60Hz Resistive or Inductive Load
P.C.B. Mounted on 0.27"×0.27"
(7.0mm×7.0mm)Copper Pad Areas
TL(℃)
0
70
90
110
130
150
0.25
0.50
0.75
1.00
1.25
1.50
1.75
周波数
Number of Cycles
2:最大正向浪涌冲击耐受力
FIG.2: MAXIMUM NON-REPETITIVE FORWARD URGE CURRENT
TL=100℃
8.3毫秒正弦半波
8.3ms Single Half Sine Wave
110
100
0
10
20
30
40
50
3: 典型正向特性曲线
FIG.3: TYPICAL FORWARD CHARACTERISTICS
0.01
VF(V)
1.8
0.4
0.1
1.0
10
100
TJ=25
Pulse width=300us
1% Duty Cycle
0.60.8
1.01.2
1.41.6
图4:典型反向特性曲线
FIG.4:TYPICAL REVERSE CHARACTERISTICS
Voltage(%)
Tj=25℃
Tj=125℃
0.1
0
20
40
60
80
100
100
1.0
10


Similar Part No. - GR2GA

ManufacturerPart #DatasheetDescription
logo
Yangzhou yangjie electr...
GR2GA YANGJIE-GR2GA Datasheet
154Kb / 2P
   Fast Recovery Rectifier Diode
logo
RFE international
GR2GA RFE-GR2GA Datasheet
2Mb / 3P
   Surface Mount Fast Recovery Rectifier GR2AA Through GR2MA
07-30-2020
More results

Similar Description - GR2GA

ManufacturerPart #DatasheetDescription
logo
Semikron International
SKN3F20 SEMIKRON-SKN3F20 Datasheet
451Kb / 3P
   Fast Recovery Rectifier Diode
SKN136F SEMIKRON-SKN136F Datasheet
358Kb / 3P
   Fast Recovery Rectifier Diode
logo
STMicroelectronics
BYT12P-1000 STMICROELECTRONICS-BYT12P-1000 Datasheet
99Kb / 5P
   FAST RECOVERY RECTIFIER DIODE
BYT08P-1000 STMICROELECTRONICS-BYT08P-1000 Datasheet
46Kb / 4P
   FAST RECOVERY RECTIFIER DIODE
BYT3400B STMICROELECTRONICS-BYT3400B Datasheet
43Kb / 3P
   FAST RECOVERY RECTIFIER DIODE
logo
EIC discrete Semiconduc...
EU1C EIC-EU1C Datasheet
44Kb / 2P
   FAST RECOVERY RECTIFIER DIODE
logo
Semikron International
SKR48F SEMIKRON-SKR48F Datasheet
267Kb / 3P
   Fast Recovery Rectifier Diode
logo
STMicroelectronics
BYT30PI-1000RG STMICROELECTRONICS-BYT30PI-1000RG Datasheet
112Kb / 5P
   FAST RECOVERY RECTIFIER DIODE
logo
Taiwan Semiconductor Co...
ES0406D1 TSC-ES0406D1 Datasheet
88Kb / 3P
   Fast Recovery Rectifier Diode
logo
EIC discrete Semiconduc...
EP01C EIC-EP01C Datasheet
133Kb / 2P
   FAST RECOVERY RECTIFIER DIODE
RU3YX EIC-RU3YX_V01 Datasheet
78Kb / 2P
   FAST RECOVERY RECTIFIER DIODE
Rev. 02 : March 25, 2005
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com