Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ARS01 Datasheet(PDF) 1 Page - Yangzhou yangjie electronic co., ltd

Part # ARS01
Description  Silicon Rectifier
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YANGJIE [Yangzhou yangjie electronic co., ltd]
Direct Link  http://www.21yangjie.com/
Logo YANGJIE - Yangzhou yangjie electronic co., ltd

ARS01 Datasheet(HTML) 1 Page - Yangzhou yangjie electronic co., ltd

  ARS01 Datasheet HTML 1Page - Yangzhou yangjie electronic co., ltd ARS01 Datasheet HTML 2Page - Yangzhou yangjie electronic co., ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
扬州扬杰电子科技股份有限公司
Yangzhou Yangjie Electronic Technology Co., Ltd.
www.21yangjie.com
Document Number 0088
Rev. 1.0, 22-Sep-11
ARS/AR50A SERIES
硅整流器 Silicon Rectifier
■特征 Features
■外形尺寸和印记
Outline Dimensions and Mark
Io
50A
VRRM
50V~1000V
使用环氧胶进行保护
Plastic material used carries underwriters
耐正向浪涌电流能力高
High surge forward current capability
■用途 Applications
作一般单相整流用
General purpose 1 phase
rectifier applications
■极限值(绝对最大额定值)
Limiting Values(Absolute Maximum Rating)
ARS/AR50A
参数名称
Item
符号
Symbol
单位
Unit
条件
Conditions
005
01
02
04
06
08
10
反向重复峰值电压
Repetitive Peak Reverse Voltage
VRRM
V
50
100 200 400 600 800 1000
平均整流输出电流
Average Rectified Output
Current
IO
A
60HZ 正弦波,电阻负载,Tc=150℃
60HZ sine wave, R- load, Tc=150℃
50
正向(不重复)浪涌电流
Surge(Non-repetitive)Forward
Current
IFSM
A
60HZ正弦波,一个周期,Ta=25℃
60HZ sine wave, 1 cycle, Ta=25℃
500
正向浪涌电流的平方对电流浪
涌持续
时间的积分值
Current Squared Time
I
2t
A
2s
1ms≤t<8.3ms Tj=25 ,
℃ 单个二极
1ms≤t < 8.3ms Tj=25 ,Rat
ing of
per diode
1042
存储温度
Storage Temperature
Tstg
-55 ~+175
结温
Junction Temperature
Tj
-55 ~+175
■电特性 (Ta=25℃ 除非另有规定)
Electrical Characteristics(Ta=25℃ Unless otherwise specified)
参数名称
Item
符号
Symbol
单位
Unit
测试条件
Test Condition
最大值
Max
正向峰值电压
Peak Forward Voltage
VFM
V
IFM=50A,脉冲测试,单个二极管的额定值
IFM=50A, Pulse measurement, Rating of per diode
1.1
IRRM1
Ta=25℃
5
反向峰值电流
Peak Reverse Current
IRRM2
μA
VRM=VRRM
Ta=125℃
500
热阻
Thermal Resistance
RθJ-C
/W
结和外壳之间
Between junction and case
0.5
ARS
.225(5.7)
.215(5.5)
.347(8.9)
.327(8.3)
.250(6.4)
.235(6.0)
.185(4.7)
.165(4.2)
Dimensions in inches and (millimeters)
AR
.225(5.7)
.215(5.5)
.410(10.4)
.380(9.7)
.250(6.4)
.235(6.0)
.185(4.7)
.165(4.2)


Similar Part No. - ARS01

ManufacturerPart #DatasheetDescription
logo
Yangzhou yangjie electr...
ARS01 YANGJIE-ARS01 Datasheet
148Kb / 2P
   Silicon Rectifier
ARS01 YANGJIE-ARS01 Datasheet
152Kb / 2P
   Silicon Rectifier
More results

Similar Description - ARS01

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
1N647-1 MICROSEMI-1N647-1 Datasheet
86Kb / 1P
   SILICON RECTIFIER
1N649-1 MICROSEMI-1N649-1 Datasheet
86Kb / 1P
   SILICON RECTIFIER
logo
Rectron Semiconductor
1N4001 RECTRON-1N4001 Datasheet
225Kb / 2P
   SILICON RECTIFIER
logo
New Jersey Semi-Conduct...
IN3569-74 NJSEMI-IN3569-74 Datasheet
56Kb / 1P
   Silicon Rectifier
logo
Yangzhou yangjie electr...
ARS35A YANGJIE-ARS35A Datasheet
148Kb / 2P
   Silicon Rectifier
logo
New Jersey Semi-Conduct...
1N442 NJSEMI-1N442 Datasheet
88Kb / 1P
   Silicon Rectifier
logo
Zowie Technology Corpor...
RL201 ZOWIE-RL201 Datasheet
44Kb / 2P
   SILICON RECTIFIER
logo
Chenmko Enterprise Co. ...
RL151PT CHENMKO-RL151PT Datasheet
81Kb / 2P
   SILICON RECTIFIER
logo
Yangzhou yangjie electr...
15A YANGJIE-15A Datasheet
146Kb / 2P
   Silicon Rectifier
logo
Zowie Technology Corpor...
1N4001E ZOWIE-1N4001E Datasheet
45Kb / 2P
   SILICON RECTIFIER
logo
Rectron Semiconductor
1N5391 RECTRON-1N5391 Datasheet
22Kb / 2P
   SILICON RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com