Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

4798 Datasheet(PDF) 1 Page - Schurter Inc.

Part # 4798
Description  AU Power Cord with IEC Appliance Connector C19, V-Lock, straight
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

4798 Datasheet(HTML) 1 Page - Schurter Inc.

  4798 Datasheet HTML 1Page - Schurter Inc. 4798 Datasheet HTML 2Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image

Cord Sets
605.2050
www.schurter.com/pg07_2
Connectors
AU Power Cord with IEC Appliance Connector C19, V-Lock, straight
C19
70° C
AS 3112
Description
-PowerCord,ProtectionclassI,Pintemperature70°C,
-withV-Lockinterlockingsystem
References
Weblinks
pdf,html,GeneralProductInformation,Approvals,RoHS,CHINA-RoHS,
MatingConnectors,e-Store,SCHURTER-Stock-Check,Distributor-
Stock-Check,Accessories
Technical Data
RatingsIEC
16A/250VAC;50/60Hz
DielectricStrength
>2kVDCbetweenL-N
>2kVACbetweenL/N-PE
(1min/50Hz)
AllowableOperationTemp.
-25°Cto75°C
DegreeofProtection
fromfrontsideIP20acc.toIEC60529
ProtectionClass
Suitableforapplianceswithprotection
class1acc.toIEC61140
Terminal
moulded
Material:Housing
PVC,black
Connector
C19acc.toIEC/EN60320-2-2
UL498,CSAC22.2no.42(forcold
conditions)pin-temperature70°C,10A,
ProtectionClass1
Variants
Connector
cable
inlets
Order Number
Type
V-Lock
Cord Type
Color
Length [m]
Type
Country Standard
Conductor cross
section
Style
Index
C19
l
H05VV-
F3G1.5
black
2.0
Australia
AU
AS 3112
3 x 1.5 mm²
Straight
-
6051.2050
Packaging unit
40Pcs
Mating Inlets/Plugs
Category / Description
Appliance InletOverview complete
IEC Appliance Inlet C20, Screw-on Mounting, Rear Side, PCB Terminal
1601
IEC Appliance Inlet C20, Screw-on Mounting, Front Side, Solder, Quick-connect or Screw Terminal
1621
IEC Appliance Inlet C20, Snap-in Mounting, Front Side, Solder, Quick-connect or Screw Terminal
1624
IEC Appliance Inlet C20, Screw-on Mounting, Front Side, Solder or Quick-connect Terminal
4798
Appliance Inletfurther types toVAC19KS
Power Entry ModuleOverview complete
IEC Appliance Inlet C20 with Circuit Breaker TA35 1-pole
6136
IEC Appliance Inlet C20 with Line Switch, 1- or 2-pole
EC11
IEC Appliance Inlet C20 with Circuit Breaker TA45
EF11
Power Entry Modulefurther types toVAC19KS


Similar Part No. - 4798

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
4798 SCHURTER-4798 Datasheet
319Kb / 2P
   IEC Appliance Inlet C20, Screw-on Mounting, Front Side, Solder or Quick-connect Terminal
4798 SCHURTER-4798 Datasheet
346Kb / 2P
   US Power Cord with IEC Appliance Connector C19, V-Lock, straight
4798 SCHURTER-4798 Datasheet
366Kb / 2P
   EU Power Cord with IEC Appliance Connector C19, V-Lock, straight
4798 SCHURTER-4798 Datasheet
364Kb / 2P
   IEC Interconnection Cord with IEC Appliance Connector C19, V-Lock, straight
4798 SCHURTER-4798 Datasheet
344Kb / 2P
   UK Power Cord with IEC Appliance Connector C19, V-Lock, straight
More results

Similar Description - 4798

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
6051.2050 SCHURTER-6051.2050 Datasheet
305Kb / 3P
   AU Power Cord with IEC Appliance Connector C19, V-Lock, straight
6051.2047 SCHURTER-6051.2047 Datasheet
287Kb / 3P
   IEC Interconnection Cord with IEC Appliance Connector C19, V-Lock, straight
2051 SCHURTER-2051 Datasheet
370Kb / 2P
   JP Power Cord with IEC Appliance Connector C19, V-Lock, straight
2052 SCHURTER-2052 Datasheet
392Kb / 2P
   CN Power Cord with IEC Appliance Connector C19, V-Lock, straight
6051.2048 SCHURTER-6051.2048 Datasheet
336Kb / 3P
   UK Power Cord with IEC Appliance Connector C19, V-Lock, straight
2047 SCHURTER-2047 Datasheet
364Kb / 2P
   IEC Interconnection Cord with IEC Appliance Connector C19, V-Lock, straight
6051.2041 SCHURTER-6051.2041 Datasheet
403Kb / 2P
   US Power Cord with IEC Appliance Connector C19, V-Lock, straight
6051.2052 SCHURTER-6051.2052_V01 Datasheet
314Kb / 3P
   CN Power Cord with IEC Appliance Connector C19, V-Lock, straight
6051.2051 SCHURTER-6051.2051 Datasheet
301Kb / 3P
   JP Power Cord with IEC Appliance Connector C19, V-Lock, straight
6051.2042 SCHURTER-6051.2042 Datasheet
305Kb / 3P
   US Power Cord with IEC Appliance Connector C19, V-Lock, straight
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com