Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UCC27201ADRMT Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # UCC27201ADRMT
Description  120-V Boot, 3-A Peak, High Frequency, High-Side/Low-Side Driver
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC27201ADRMT Datasheet(HTML) 3 Page - Texas Instruments

  UCC27201ADRMT Datasheet HTML 1Page - Texas Instruments UCC27201ADRMT Datasheet HTML 2Page - Texas Instruments UCC27201ADRMT Datasheet HTML 3Page - Texas Instruments UCC27201ADRMT Datasheet HTML 4Page - Texas Instruments UCC27201ADRMT Datasheet HTML 5Page - Texas Instruments UCC27201ADRMT Datasheet HTML 6Page - Texas Instruments UCC27201ADRMT Datasheet HTML 7Page - Texas Instruments UCC27201ADRMT Datasheet HTML 8Page - Texas Instruments UCC27201ADRMT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 36 page
background image
UCC27200A, UCC27201A
www.ti.com
SLUSAF9A
– FEBRUARY 2011 – REVISED DECEMBER 2011
DEVICE RATINGS
ABSOLUTE MAXIMUM RATINGS
Over operating free-air temperature, unless noted, all voltages are with respect to VSS
(1)
PARAMETER
VALUE
UNIT
Supply voltage range, (2) VDD
-0.3 to 20
Input voltages on LI and HI, VLI, VHI
-0.3 to 20
DC
-0.3 to VDD + 0.3,
Output voltage on LO, VLO
Repetitive pulse
<100 ns(3)
-2 to VDD + 0.3
DC
VHS – 0.3 to VHB + 0.3
Output voltage on HO, VHO
V
Repetitive pulse
<100 ns(3)
VHS - 2 to VHB + 0.3, (VHB - VHS <20)
DC
-1 to 120
Voltage on HS, VHS
Repetitive pulse
<100 ns(3)
-18 to 120
Voltage on HB, VHB
-0.3 to 120
Voltage On HB-HS
-0.3 to 20
Operating virtual junction temperature range, TJ
-40 to +150
Storage temperature, TSTG
-65 to +150
°C
Lead temperature (soldering, 10 sec.)
+300
Power dissipation at TA = 25°C (D package)
(4)
1.3
Power dissipation at TA = 25°C (DDA package)
(4)
2.7
W
Power dissipation at TA = 25°C (DRM package)
(4)
3.3
Power dissipation at TA = 25°C (DRC package)
(4)
2.86
Human body model
2000
V
CDM
1000
(1)
Stresses beyond those listed under
“absolute maximum ratings” may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under
“recommended operating
conditions
” is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltages are with respect to Vss. Currents are positive into, negative out of the specified terminal.
(3)
Values are verified by characterization and are not production tested.
(4)
This data was taken using the JEDEC proposed high-K test PCB. See the THERMAL CHARACTERISTICS section for details.
RECOMMENDED OPERATING CONDITIONS
over operating free-air temperature range (unless otherwise noted)
PARAMETER
MIN
NOM
MAX
UNIT
VDD
Supply voltage range
8
12
17
VHS
Voltage on HS
-1
105
V
Voltage on HS, (repetitive pulse
<100 ns)
-15
110
VHB
VHS + 8,
VHS + 17,
Voltage on HB
VDD –1
115
Voltage slew rate on HS
50
V / ns
TJ
Operating junction temperature range
-40
+140
°C
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): UCC27200A UCC27201A


Similar Part No. - UCC27201ADRMT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC27201ADRMT TI1-UCC27201ADRMT Datasheet
1Mb / 39P
[Old version datasheet]   120-V Boot, 3-A Peak, High Frequency, High-Side/Low-Side Driver
UCC27201ADRMT TI1-UCC27201ADRMT Datasheet
1Mb / 42P
[Old version datasheet]   120-V Boot, 3-A Peak, High-Frequency, High-Side and Low-Side Driver
More results

Similar Description - UCC27201ADRMT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC27201DG4 TI1-UCC27201DG4 Datasheet
1Mb / 34P
[Old version datasheet]   120-V Boot, 3-A Peak, High Frequency, High-Side/Low-Side Driver
UCC27200-Q1 TI1-UCC27200-Q1_15 Datasheet
1Mb / 32P
[Old version datasheet]   120-V BOOT, 3-A PEAK, HIGH-FREQUENCY HIGH-SIDE/LOW-SIDE DRIVER
UCC27200A TI1-UCC27200A_12 Datasheet
1Mb / 39P
[Old version datasheet]   120-V Boot, 3-A Peak, High Frequency, High-Side/Low-Side Driver
UCC27201DG4 TI-UCC27201DG4 Datasheet
1Mb / 34P
[Old version datasheet]   120-V Boot, 3-A Peak, High Frequency, High-Side/Low-Side Driver
UCC27200 TI-UCC27200 Datasheet
922Kb / 28P
[Old version datasheet]   120-V Boot, 3-A Peak, High Frequency, High-Side/Low-Side Driver
UCC27200 TI-UCC27200_07 Datasheet
927Kb / 31P
[Old version datasheet]   120-V Boot, 3-A Peak, High Frequency, High-Side/Low-Side Driver
UCC27200 TI1-UCC27200_15 Datasheet
1Mb / 37P
[Old version datasheet]   120-V Boot, 3-A Peak, High Frequency, High-Side/Low-Side Driver
UCC27200-Q1 TI1-UCC27200-Q1 Datasheet
701Kb / 29P
[Old version datasheet]   120-V BOOT, 3-A PEAK, HIGH-FREQUENCY HIGH-SIDE/LOW-SIDE DRIVER
UCC27200 TI1-UCC27200_12 Datasheet
1Mb / 34P
[Old version datasheet]   120-V Boot, 3-A Peak, High Frequency, High-Side/Low-Side Driver
UCC27200A TI1-UCC27200A_16 Datasheet
1Mb / 42P
[Old version datasheet]   120-V Boot, 3-A Peak, High-Frequency, High-Side and Low-Side Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com