Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UCC27201ADRCR Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # UCC27201ADRCR
Description  120-V Boot, 3-A Peak, High Frequency, High-Side/Low-Side Driver
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC27201ADRCR Datasheet(HTML) 11 Page - Texas Instruments

Back Button UCC27201ADRCR Datasheet HTML 7Page - Texas Instruments UCC27201ADRCR Datasheet HTML 8Page - Texas Instruments UCC27201ADRCR Datasheet HTML 9Page - Texas Instruments UCC27201ADRCR Datasheet HTML 10Page - Texas Instruments UCC27201ADRCR Datasheet HTML 11Page - Texas Instruments UCC27201ADRCR Datasheet HTML 12Page - Texas Instruments UCC27201ADRCR Datasheet HTML 13Page - Texas Instruments UCC27201ADRCR Datasheet HTML 14Page - Texas Instruments UCC27201ADRCR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 36 page
background image
8
10
12
16
20
V
DD - Supply Voltage - V
1.0
1.2
1.4
1.6
1.8
2.0
14
18
Rising
Falling
T = 25oC
40
42
44
46
48
50
Rising
Falling
8
10
12
16
20
V
DD - Supply Voltage - V
14
18
T = 25oC
40
42
44
46
48
50
-50
-25
0
75
100
125
150
T
A - Temperature -
oC
25
50
Rising
Falling
VDD = 12 V
1.0
1.4
1.6
1.8
2.0
1.2
-50
-25
0
75
100
125
150
T
A - Temperature -
oC
25
50
Rising
Falling
VDD = 12 V
UCC27200A, UCC27201A
www.ti.com
SLUSAF9A
– FEBRUARY 2011 – REVISED DECEMBER 2011
TYPICAL CHARACTERISTICS (continued)
UCC27200A INPUT THRESHOLD
UCC27201A INPUT THRESHOLD
vs
vs
SUPPLY VOLTAGE
SUPPLY VOLTAGE
Figure 7.
Figure 8.
UCC27200A INPUT THRESHOLD
UCC27201A INPUT THRESHOLD
vs
vs
TEMPERATURE
TEMPERATURE
Figure 9.
Figure 10.
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): UCC27200A UCC27201A


Similar Part No. - UCC27201ADRCR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC27201ADRCR TI1-UCC27201ADRCR Datasheet
1Mb / 39P
[Old version datasheet]   120-V Boot, 3-A Peak, High Frequency, High-Side/Low-Side Driver
UCC27201ADRCR TI1-UCC27201ADRCR Datasheet
1Mb / 42P
[Old version datasheet]   120-V Boot, 3-A Peak, High-Frequency, High-Side and Low-Side Driver
More results

Similar Description - UCC27201ADRCR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC27201DG4 TI1-UCC27201DG4 Datasheet
1Mb / 34P
[Old version datasheet]   120-V Boot, 3-A Peak, High Frequency, High-Side/Low-Side Driver
UCC27200-Q1 TI1-UCC27200-Q1_15 Datasheet
1Mb / 32P
[Old version datasheet]   120-V BOOT, 3-A PEAK, HIGH-FREQUENCY HIGH-SIDE/LOW-SIDE DRIVER
UCC27200A TI1-UCC27200A_12 Datasheet
1Mb / 39P
[Old version datasheet]   120-V Boot, 3-A Peak, High Frequency, High-Side/Low-Side Driver
UCC27201DG4 TI-UCC27201DG4 Datasheet
1Mb / 34P
[Old version datasheet]   120-V Boot, 3-A Peak, High Frequency, High-Side/Low-Side Driver
UCC27200 TI-UCC27200 Datasheet
922Kb / 28P
[Old version datasheet]   120-V Boot, 3-A Peak, High Frequency, High-Side/Low-Side Driver
UCC27200 TI-UCC27200_07 Datasheet
927Kb / 31P
[Old version datasheet]   120-V Boot, 3-A Peak, High Frequency, High-Side/Low-Side Driver
UCC27200 TI1-UCC27200_15 Datasheet
1Mb / 37P
[Old version datasheet]   120-V Boot, 3-A Peak, High Frequency, High-Side/Low-Side Driver
UCC27200-Q1 TI1-UCC27200-Q1 Datasheet
701Kb / 29P
[Old version datasheet]   120-V BOOT, 3-A PEAK, HIGH-FREQUENCY HIGH-SIDE/LOW-SIDE DRIVER
UCC27200 TI1-UCC27200_12 Datasheet
1Mb / 34P
[Old version datasheet]   120-V Boot, 3-A Peak, High Frequency, High-Side/Low-Side Driver
UCC27200A TI1-UCC27200A_16 Datasheet
1Mb / 42P
[Old version datasheet]   120-V Boot, 3-A Peak, High-Frequency, High-Side and Low-Side Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com