Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UCC27210DDA Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # UCC27210DDA
Description  120-V Boot, 4-A Peak, High Frequency High-Side/Low-Side Driver
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC27210DDA Datasheet(HTML) 10 Page - Texas Instruments

Back Button UCC27210DDA Datasheet HTML 6Page - Texas Instruments UCC27210DDA Datasheet HTML 7Page - Texas Instruments UCC27210DDA Datasheet HTML 8Page - Texas Instruments UCC27210DDA Datasheet HTML 9Page - Texas Instruments UCC27210DDA Datasheet HTML 10Page - Texas Instruments UCC27210DDA Datasheet HTML 11Page - Texas Instruments UCC27210DDA Datasheet HTML 12Page - Texas Instruments UCC27210DDA Datasheet HTML 13Page - Texas Instruments UCC27210DDA Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
0
20
40
60
80
100
0
2
4
6
8
10
12
14
16
18
20
VDD = VHB − Supply Voltage (V)
UCC27210/1 IDD
UCC27210/1 IHB
T = 25°C
G001
0.01
0.1
1
10
100
10
100
1000
Frequency (kHz)
CL=0pF, T=−40°C
CL=0pF, T=25°C
CL=0pF, T=140°C
CL=1000pF, T=25°C
CL=1000pF, T=140°C
CL=4700pF, T=140°C
UCC27210, VDD = 12V
G002
0.01
0.1
1
10
100
10
100
1000
Frequency (kHz)
CL=0pF, T=−40°C
CL=0pF, T=25°C
CL=0pF, T=140°C
CL=1000pF, T=25°C
CL=1000pF, T=140°C
CL=4700pF, T=140°C
UCC27211, VDD = 12V
G003
0.01
0.1
1
10
100
10
100
1000
Frequency (kHz)
CL=0pF, T=−40°C
CL=0pF, T=25°C
CL=0pF, T=140°C
CL=1000pF, T=25°C
CL=1000pF, T=140°C
CL=4700pF, T=140°C
UCC27210/1, VHB − VHS = 12V
G004
−1
0
1
2
3
4
5
6
8
12
16
20
VDD − Supply Voltage (V)
UCC27210, Rising
UCC27210, Falling
UCC27211, Rising
UCC27211, Falling
T = 25°C
G005
−1
0
1
2
3
4
5
6
−40
−20
0
20
40
60
80
100
120
140
Temperature (°C)
UCC27210, Rising
UCC27210, Falling
UCC27211, Rising
UCC27211, Falling
VDD = 12V
G006
UCC27210
UCC27211
SLUSAT7B
– NOVEMBER 2011 – REVISED FEBRUARY 2012
www.ti.com
TYPICAL CHARACTERISTICS
QUIESCENT CURRENT
UCC27210 IDD OPERATING CURRENT
vs
vs
SUPPLY VOLTAGE
FREQUENCY
Figure 1.
Figure 2.
UCC27211 IDD OPERATING CURRENT
BOOT VOLTAGE OPERATING CURRENT
vs
vs
FREQUENCY
FREQUENCY (HB to HS)
Figure 3.
Figure 4.
UCC27210/11 INPUT THRESHOLD
UCC27210/11 INPUT THRESHOLDS
vs
vs
SUPPLY VOLTAGE
TEMPERATURE
Figure 5.
Figure 6.
10
Submit Documentation Feedback
Copyright
© 2011–2012, Texas Instruments Incorporated
Product Folder Link(s): UCC27210 UCC27211


Similar Part No. - UCC27210DDA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC27210DDA TI1-UCC27210DDA Datasheet
1Mb / 33P
[Old version datasheet]   120-V Boot, 4-A Peak, High Frequency High-Side and Low-Side Driver
UCC27210DDAR TI1-UCC27210DDAR Datasheet
1Mb / 33P
[Old version datasheet]   120-V Boot, 4-A Peak, High Frequency High-Side and Low-Side Driver
More results

Similar Description - UCC27210DDA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC27212 TI1-UCC27212 Datasheet
833Kb / 28P
[Old version datasheet]   120-V Boot, 4-A Peak, High-Frequency High-Side and Low-Side Driver
UCC27210A TI1-UCC27210A Datasheet
1Mb / 27P
[Old version datasheet]   120-V Boot, 4-A Peak, High Frequency High-Side and Low-Side Driver
UCC27210 TI1-UCC27210_12 Datasheet
1Mb / 33P
[Old version datasheet]   120-V Boot, 4-A Peak, High Frequency High-Side and Low-Side Driver
UCC27211A-Q1 TI1-UCC27211A-Q1_16 Datasheet
1Mb / 28P
[Old version datasheet]   120-V Boot, 4-A Peak, High-Frequency High-Side and Low-Side Driver
UCC27201DG4 TI1-UCC27201DG4 Datasheet
1Mb / 34P
[Old version datasheet]   120-V Boot, 3-A Peak, High Frequency, High-Side/Low-Side Driver
UCC27200-Q1 TI1-UCC27200-Q1_15 Datasheet
1Mb / 32P
[Old version datasheet]   120-V BOOT, 3-A PEAK, HIGH-FREQUENCY HIGH-SIDE/LOW-SIDE DRIVER
UCC27200A TI1-UCC27200A_12 Datasheet
1Mb / 39P
[Old version datasheet]   120-V Boot, 3-A Peak, High Frequency, High-Side/Low-Side Driver
UCC27200A TI1-UCC27200A Datasheet
1Mb / 36P
[Old version datasheet]   120-V Boot, 3-A Peak, High Frequency, High-Side/Low-Side Driver
DECEMBER2011
UCC27201DG4 TI-UCC27201DG4 Datasheet
1Mb / 34P
[Old version datasheet]   120-V Boot, 3-A Peak, High Frequency, High-Side/Low-Side Driver
UCC27200 TI-UCC27200 Datasheet
922Kb / 28P
[Old version datasheet]   120-V Boot, 3-A Peak, High Frequency, High-Side/Low-Side Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com