Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UCC27524 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # UCC27524
Description  Dual 5-A High-Speed Low-Side Gate Driver
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC27524 Datasheet(HTML) 1 Page - Texas Instruments

  UCC27524 Datasheet HTML 1Page - Texas Instruments UCC27524 Datasheet HTML 2Page - Texas Instruments UCC27524 Datasheet HTML 3Page - Texas Instruments UCC27524 Datasheet HTML 4Page - Texas Instruments UCC27524 Datasheet HTML 5Page - Texas Instruments UCC27524 Datasheet HTML 6Page - Texas Instruments UCC27524 Datasheet HTML 7Page - Texas Instruments UCC27524 Datasheet HTML 8Page - Texas Instruments UCC27524 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
1
2
3
4
ENA
INA
GND
INB
8
7
6
5
ENB
OUTA
VDD
OUTB
UCC27523
Dual Inverting Inputs
1
2
3
4
ENA
INA
GND
INB
8
7
6
5
ENB
OUTA
VDD
OUTB
UCC27524
Dual Non-Inverting Inputs
1
2
3
4
ENA
INA
GND
INB
8
7
6
5
ENB
OUTA
VDD
OUTB
UCC27525
One Inverting and One
Non-Inverting Input
1
2
3
4
INA-
INB-
GND
OUTB
8
7
6
5
INA+
INB+
OUTA
VDD
UCC27526
Dual Input Configuration
UCC27523, UCC27524, UCC27525, UCC27526
www.ti.com
SLUSAQ3B
– NOVEMBER 2011 – REVISED DECEMBER 2011
Dual 5-A High-Speed Low-Side Gate Driver
Check for Samples: UCC27523, UCC27524, UCC27525, UCC27526
1
FEATURES
APPLICATIONS
2
Industry-Standard Pin Out
Switch-Mode Power Supplies
Two Independent Gate-Drive Channels
DC-to-DC Converters
5-A Peak Source/Sink Drive Current
Motor Control, Solar Power
Independent Enable Function for Each Output
Gate Drive for Emerging Wide Band Gap
Power Devices such as GaN
TTL/CMOS Compatible Logic Threshold
Independent of Supply Voltage
DESCRIPTION
Hysteretic Logic Thresholds for High Noise
The UCC2752x family of devices are dual-channel,
Immunity
high-speed, low-side gate driver devices capable of
Inputs and Enable Pin Voltage Levels Not
effectively
driving
MOSFET
and
IGBT
power
Restricted by VDD Pin bias Supply Voltage
switches. Using a design that inherently minimizes
4.5-V to 18-V Single Supply Range
shoot-through current, UCC2752x is capable of
delivering high-peak current pulses of up to 5-A/5-A
Outputs Held Low During VDD UVLO, (ensures
source/sink into capacitive loads along with rail-to-rail
glitch-free operation at power-up and
drive capability and extremely small propagation
power-down)
delay typically 13 ns. In addition, the drivers feature
Fast Propagation Delays (13-ns typical)
matched internal propagation delays between the two
Fast Rise/Fall Times (7-ns / 6-ns typical)
channels which are very well suited for applications
requiring dual-gate drives with critical timing, such as
1-ns Typical Delay Matching Between
synchronous rectifiers. This also enables connecting
2-Channels
two channels in parallel to effectively increase current
Two Outputs can be Paralleled for Higher
drive capability or driving two switches in parallel with
Drive Current
a single input signal. The input pin thresholds are
based on TTL/CMOS compatible low-voltage logic,
Outputs Held in LOW When Inputs Floating
which is fixed and independent of the VDD supply
PDIP-8, SOIC-8, MSOP-8 PowerPAD
™ and
voltage. Wide hysteresis between the high and low
3-mm x 3-mm WSON-8 Package Options
thresholds offers excellent noise immunity.
Operating Temperature Range of -40
°C to
140
°C
Product Matrix
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
PowerPAD is a trademark of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright
© 2011, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - UCC27524

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC27524 TI1-UCC27524 Datasheet
1Mb / 41P
[Old version datasheet]   Dual 5-A High-Speed Low-Side Gate Driver
UCC27524 TI1-UCC27524 Datasheet
2Mb / 43P
[Old version datasheet]   Industry-Standard Pinout
UCC27524A TI-UCC27524A Datasheet
1Mb / 31P
[Old version datasheet]   Dual 5-A, High-Speed, Low-Side Gate Driver with Negative Input Voltage Capability
UCC27524A TI1-UCC27524A Datasheet
1Mb / 36P
[Old version datasheet]   UCC27524A Dual 5-A, High-Speed, Low-Side Gate Driver With Negative Input Voltage Capability
UCC27524A-Q1 TI1-UCC27524A-Q1 Datasheet
1Mb / 28P
[Old version datasheet]   Dual 5-A, High-Speed, Low-Side Gate Driver With Negative Input Voltage Capability
More results

Similar Description - UCC27524

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC27523 TI1-UCC27523_13 Datasheet
1Mb / 41P
[Old version datasheet]   Dual 5-A High-Speed Low-Side Gate Driver
UCC27624 TI-UCC27624 Datasheet
2Mb / 31P
[Old version datasheet]   UCC27624 Dual Channel 30-V, 5-A High-Speed Low-Side Gate Driver
AUGUST 2021
UCC27524A-Q1 TI1-UCC27524A-Q1_15 Datasheet
1Mb / 35P
[Old version datasheet]   Dual 5-A, High-Speed, Low-Side Gate Driver With Negative Input Voltage Capability
UCC27524A-Q1 TI1-UCC27524A-Q1 Datasheet
1Mb / 28P
[Old version datasheet]   Dual 5-A, High-Speed, Low-Side Gate Driver With Negative Input Voltage Capability
UCC27524ADGN TI-UCC27524ADGN Datasheet
1Mb / 31P
[Old version datasheet]   Dual 5-A, High-Speed, Low-Side Gate Driver with Negative Input Voltage Capability
UCC27524A1-Q1 TI1-UCC27524A1-Q1 Datasheet
1Mb / 33P
[Old version datasheet]   Dual 5-A, High-Speed, Low-Side Gate Driver With Negative Input Voltage Capability
logo
ON Semiconductor
NCP51100 ONSEMI-NCP51100 Datasheet
2Mb / 16P
   Single 2 A High-Speed, Low-Side Gate Driver
June, 2021 ??Rev. P0
logo
Rohm
BD2310G ROHM-BD2310G Datasheet
1Mb / 18P
   1ch 4 A High Speed Low-side Gate Driver
26.Mar.2020 Rev.001
logo
ON Semiconductor
FAN3121 ONSEMI-FAN3121 Datasheet
3Mb / 21P
   Single 9-A High-Speed, Low-Side Gate Driver
October-2017, Rev. 2
logo
Fairchild Semiconductor
FAN3121 FAIRCHILD-FAN3121_13 Datasheet
1Mb / 21P
   Single 9-A High-Speed, Low-Side Gate Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com