Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS51916 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TPS51916
Description  Complete DDR2, DDR3 and DDR3L Memory Power Solution Synchronous Buck Controller, 2-A LDO, Buffered Reference
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS51916 Datasheet(HTML) 2 Page - Texas Instruments

  TPS51916 Datasheet HTML 1Page - Texas Instruments TPS51916 Datasheet HTML 2Page - Texas Instruments TPS51916 Datasheet HTML 3Page - Texas Instruments TPS51916 Datasheet HTML 4Page - Texas Instruments TPS51916 Datasheet HTML 5Page - Texas Instruments TPS51916 Datasheet HTML 6Page - Texas Instruments TPS51916 Datasheet HTML 7Page - Texas Instruments TPS51916 Datasheet HTML 8Page - Texas Instruments TPS51916 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 33 page
background image
TPS51916
SLUSAE1B
– DECEMBER 2010 – REVISED AUGUST 2011
www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
ORDERING INFORMATION(1)
ORDERABLE DEVICE
OUTPUT
MINIMUM
TA
PACKAGE
PINS
NUMBER
SUPPLY
QUANTITY
TPS51916RUKR
Tape and reel
3000
–40°C to 85°C
Plastic Quad Flat Pack (QFN)
20
TPS51916RUKT
Mini reel
250
(1)
For the most current package and ordering information see the Package Option Addendum at the end of this document, or see the TI
web site at www.ti.com.
ABSOLUTE MAXIMUM RATINGS
(1)
over operating free-air temperature range (unless otherwise noted)
VALUE
UNIT
MIN
MAX
VBST
–0.3
36
VBST(3)
–0.3
6
SW
–5
30
Input voltage range(2)
VLDOIN, VDDQSNS, REFIN
–0.3
3.6
V
VTTSNS
–0.3
3.6
PGND, VTTGND
–0.3
0.3
V5IN, S3, S5, TRIP, MODE
–0.3
6
DRVH
–5
36
DRVH(3)
–0.3
6
VTTREF, VREF
–0.3
3.6
Output voltage range(2)
V
VTT
–0.3
3.6
DRVL
–0.3
6
PGOOD
–0.3
6
Junction temperature range, TJ
125
°C
Storage temperature range, TSTG
–55
150
°C
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltage values are with respect to the network ground terminal unless otherwise noted.
(3)
Voltage values are with respect to the SW terminal.
THERMAL INFORMATION
TPS51916
THERMAL METRIC
UNITS
QFN (20) PINS
θJA
Junction-to-ambient thermal resistance
94.1
θJCtop
Junction-to-case (top) thermal resistance
58.1
θJB
Junction-to-board thermal resistance
64.3
°C/W
ψJT
Junction-to-top characterization parameter
31.8
ψJB
Junction-to-board characterization parameter
58.0
θJCbot
Junction-to-case (bottom) thermal resistance
5.9
2
Submit Documentation Feedback
Copyright
© 2010–2011, Texas Instruments Incorporated


Similar Part No. - TPS51916

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS51916EVM-746 TI1-TPS51916EVM-746 Datasheet
1Mb / 23P
[Old version datasheet]   Using the TPS51916EVM-746 Complete DDR2, DDR3
TPS51916RUK TI1-TPS51916RUK Datasheet
1Mb / 23P
[Old version datasheet]   Using the TPS51916EVM-746 Complete DDR2, DDR3
TPS51916RUKR TI1-TPS51916RUKR Datasheet
975Kb / 34P
[Old version datasheet]   Complete DDR2, DDR3 and DDR3L Memory Power Solution Synchronous Buck
TPS51916RUKT TI1-TPS51916RUKT Datasheet
975Kb / 34P
[Old version datasheet]   Complete DDR2, DDR3 and DDR3L Memory Power Solution Synchronous Buck
TPS51916 TI1-TPS51916_12 Datasheet
975Kb / 34P
[Old version datasheet]   Complete DDR2, DDR3 and DDR3L Memory Power Solution Synchronous Buck
More results

Similar Description - TPS51916

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS51216 TI1-TPS51216 Datasheet
770Kb / 30P
[Old version datasheet]   Complete DDR2, DDR3 and DDR3L Memory Power Solution Synchronous Buck Controller, 2-A LDO, Buffered Reference
TPS51716 TI-TPS51716 Datasheet
1Mb / 30P
[Old version datasheet]   Complete DDR2, DDR3, DDR3L, and LPDDR3 Memory Power Solution Synchronous Buck Controller, 2-A LDO, with Buffered Reference
logo
Global Mixed-mode Techn...
G5316 GMT-G5316 Datasheet
82Kb / 2P
   Complete DDR2, DDR3 and DDR3L Memory Solution Synchronous Buck PWM Controller, 2A LDO, Buffered Reference
logo
Texas Instruments
TPS51116RGETG4 TI1-TPS51116RGETG4 Datasheet
1Mb / 42P
[Old version datasheet]   COMPLETE DDR, DDR2 AND DDR3 MEMORY POWER SOLUTION SYNCHRONOUS BUCK CONTROLLER, 3-A LDO, BUFFERED REFERENCE
TPS51116RGETG4 TI-TPS51116RGETG4 Datasheet
1Mb / 42P
[Old version datasheet]   COMPLETE DDR, DDR2 AND DDR3 MEMORY POWER SOLUTION SYNCHRONOUS BUCK CONTROLLER, 3-A LDO, BUFFERED REFERENCE
TPS51216 TI1-TPS51216_15 Datasheet
1Mb / 33P
[Old version datasheet]   Complete DDR2 DDR3 and DDR3L Memory Power Solution Synchronous Buck Controller
TPS51116 TI1-TPS51116_12 Datasheet
1Mb / 42P
[Old version datasheet]   COMPLETE DDR, DDR2 AND DDR3 MEMORY POWER SOLUTION SYNCHRONOUS BUCK CONTROLLER, 3-A LDO, BUFFERED REFERENCE
TPS51116-EP TI1-TPS51116-EP Datasheet
1Mb / 38P
[Old version datasheet]   COMPLETE DDR, DDR2, DDR3, AND LPDDR3 MEMORY POWER SOLUTION SYNCHRONOUS BUCK CONTROLLER, 1-A LDO, BUFFERED REFERENCE
TPS51116 TI1-TPS51116_16 Datasheet
1Mb / 45P
[Old version datasheet]   Complete DDR, DDR2, DDR3, and LPDDR3 Memory Power Solution Synchronous Buck Controller, 3-A LDO, Buffered Reference
TPS51916 TI1-TPS51916_12 Datasheet
975Kb / 34P
[Old version datasheet]   Complete DDR2, DDR3 and DDR3L Memory Power Solution Synchronous Buck
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com