Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMS320F28068 Datasheet(PDF) 1 Page - Texas Instruments

Part # TMS320F28068
Description  Piccolo Microcontrollers
Download  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320F28068 Datasheet(HTML) 1 Page - Texas Instruments

  TMS320F28068 Datasheet HTML 1Page - Texas Instruments TMS320F28068 Datasheet HTML 2Page - Texas Instruments TMS320F28068 Datasheet HTML 3Page - Texas Instruments TMS320F28068 Datasheet HTML 4Page - Texas Instruments TMS320F28068 Datasheet HTML 5Page - Texas Instruments TMS320F28068 Datasheet HTML 6Page - Texas Instruments TMS320F28068 Datasheet HTML 7Page - Texas Instruments TMS320F28068 Datasheet HTML 8Page - Texas Instruments TMS320F28068 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 172 page
background image
TMS320F28069, TMS320F28068, TMS320F28067, TMS320F28066
TMS320F28065, TMS320F28064, TMS320F28063, TMS320F28062
www.ti.com
SPRS698B
– NOVEMBER 2010 – REVISED JULY 2011
Piccolo Microcontrollers
Check for Samples: TMS320F28069, TMS320F28068, TMS320F28067, TMS320F28066,
TMS320F28065, TMS320F28064, TMS320F28063, TMS320F28062
1
TMS320F2806x ( Piccolo
™) MCUs
1.1
Features
123
• High-Efficiency 32-Bit CPU (TMS320C28x™)
• Clocking
– 80 MHz (12.5-ns Cycle Time)
– Two Internal Zero-pin Oscillators
– 16 x 16 and 32 x 32 MAC Operations
– On-Chip Crystal Oscillator/External Clock
Input
– 16 x 16 Dual MAC
– Dynamic PLL Ratio Changes Supported
– Harvard Bus Architecture
– Watchdog Timer Module
– Atomic Operations
– Missing Clock Detection Circuitry
– Fast Interrupt Response and Processing
• Peripheral Interrupt Expansion (PIE) Block That
– Unified Memory Programming Model
Supports All Peripheral Interrupts
– Code-Efficient (in C/C++ and Assembly)
• Three 32-Bit CPU Timers
• Floating-Point Unit
• Advanced Control Peripherals
– Native Single-Precision Floating-Point
• Up to 8 Enhanced Pulse Width Modulator
Operations
(ePWM) Modules
• Programmable Control Law Accelerator (CLA)
– 16 PWM Channels Total (8 HRPWM-Capable)
– 32-Bit Floating-Point Math Accelerator
– Independent 16-Bit Timer in Each Module
– Executes Code Independently of the Main
• Three Input Capture (eCAP) Modules
CPU
• Four High-Resolution Input Capture (HRCAP)
• Viterbi, Complex Math, CRC Unit (VCU)
Modules
– Extends C28x™ Instruction Set to Support
• Two Quadrature Encoder (eQEP) Modules
Complex Multiply, Viterbi Operations, and
Cyclic Redundency Check (CRC)
• 12-Bit ADC, Dual Sample-and-Hold
• Embedded Memory
– Up to 3 MSPS
– Up to 256KB Flash
– Up to 16 Channels
– Up to 100KB RAM
• On-Chip Temperature Sensor
– 2KB OTP ROM
• 128-Bit Security Key/Lock
• 6-Channel DMA
– Protects Secure Memory Blocks
• Low Device and System Cost
– Prevents Firmware Reverse Engineering
– Single 3.3-V Supply
• Serial Port Peripherals
– No Power Sequencing Requirement
– Two Serial Communications Interface (SCI)
[UART] Modules
– Integrated Power-on Reset and Brown-out
Reset
– Two Serial Peripheral Interface (SPI)
Modules
– Low-Power Operating Modes
– One Inter-Integrated-Circuit (I2C) Bus
– No Analog Support Pin
– One Multi-Channel Buffered Serial Port
(McBSP) Bus
– One Enhanced Controller Area Network
(eCAN)
– One Universal Serial Bus (USB) 2.0 Module
(Available on TMS320F2806xU Devices Only)
Full-Speed Device Mode
Full-/Low-Speed Host Mode
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
Piccolo, PowerPAD, C28x, TMS320C2000, C2000, ControlSUITE, Code Composer Studio, XDS510, XDS560, TMS320C28x, TMS320C54x,
TMS320C55x are trademarks of Texas Instruments.
3
All other trademarks are the property of their respective owners.
ADVANCE INFORMATION concerns new products in the sampling
Copyright © 2010–2011, Texas Instruments Incorporated
or preproduction phase of development. Characteristic data and other
specifications are subject to change without notice.


Similar Part No. - TMS320F28068

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320F28068 TI-TMS320F28068 Datasheet
1Mb / 159P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F28068 TI-TMS320F28068 Datasheet
1Mb / 174P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F28068 TI1-TMS320F28068 Datasheet
1Mb / 175P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F28068 TI1-TMS320F28068 Datasheet
2Mb / 177P
[Old version datasheet]   Fast Interrupt Response and Processing
TMS320F28068 TI1-TMS320F28068 Datasheet
2Mb / 177P
[Old version datasheet]   Piccolo Microcontrollers
More results

Similar Description - TMS320F28068

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320F28030 TI-TMS320F28030 Datasheet
1Mb / 157P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F28069 TI1-TMS320F28069_14 Datasheet
1Mb / 175P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F28069_1807 TI1-TMS320F28069_1807 Datasheet
2Mb / 182P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F280049_0018 TI1-TMS320F280049_0018 Datasheet
3Mb / 224P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F280049_1808 TI1-TMS320F280049_1808 Datasheet
3Mb / 224P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F280049 TI1-TMS320F280049_V01 Datasheet
3Mb / 227P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F28027 TI1-TMS320F28027_14 Datasheet
1Mb / 132P
[Old version datasheet]   Piccolo??Microcontrollers
TMS320F280049 TI1-TMS320F280049_18 Datasheet
2Mb / 217P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F28027 TI1-TMS320F28027_17 Datasheet
1Mb / 138P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F28027 TI1-TMS320F28027_16 Datasheet
1Mb / 138P
[Old version datasheet]   Piccolo Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com