Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EPC702-QFN16 Datasheet(PDF) 5 Page - Espros Photonics corp

Part # EPC702-QFN16
Description  24V/50mA General-Purpose Output-Driver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPC [Espros Photonics corp]
Direct Link  http://www.espros.ch
Logo EPC - Espros Photonics corp

EPC702-QFN16 Datasheet(HTML) 5 Page - Espros Photonics corp

  EPC702-QFN16 Datasheet HTML 1Page - Espros Photonics corp EPC702-QFN16 Datasheet HTML 2Page - Espros Photonics corp EPC702-QFN16 Datasheet HTML 3Page - Espros Photonics corp EPC702-QFN16 Datasheet HTML 4Page - Espros Photonics corp EPC702-QFN16 Datasheet HTML 5Page - Espros Photonics corp EPC702-QFN16 Datasheet HTML 6Page - Espros Photonics corp EPC702-QFN16 Datasheet HTML 7Page - Espros Photonics corp EPC702-QFN16 Datasheet HTML 8Page - Espros Photonics corp EPC702-QFN16 Datasheet HTML 9Page - Espros Photonics corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
He
epc701/epc703
Current Peak at OUT
A short current peak when OUT is turned on, typically generated by a capacitive load, could trigger the short-circuit protection logic. However,
if the current peak is shorter than text plus tdel, the over-current peak will be ignored.
Make sure that the energy drawn by such a current peak does not destroy the internal/external output transistor.
Over-current Reset Sequence
If there is a permanent short circuit at OUT, such short circuit will be detected and OUT is turned off. After a waiting time tminOFF, the device tries
to turn on OUT again. If the short circuit is still present, OUT is immediately turned off again. This sequence continues until the short circuit is
removed or IN goes to LOW or power is turned off. This mode is called self-healing since the device tries to self-heal the short circuit end to
switch back into normal operation. As a consequence in the case of a permanent over-current, short current peaks are issued into the load,
respectively short.
The time tminOFF has to be set to a value that the internal/external switch cannot be damaged by a too high power dissipation. Without an exter -
nal switch, the time tminOFF has to be at least 1,000 times longer than the time t del.
If one wants to reduce the waiting time in case of a short circuit situation, it can be done by simply taking IN to a low state and then to high
again. Please refer to the timing diagram in Figure 5. However, make sure that the maximum power dissipation of the chip or the external
switching transistor will never be exceeded above the allowed maximum.
© 2011 ESPROS Photonics Corporation
Characteristics subject to change without notice
5
Datasheet epc701_703 - V2.2
www.espros.ch
Figure 3: Short over-current pulse, i.e., by switching a capacitive load
Timing diagram not enough
overcurrent epc700
LST
V
th sens
<t
del
t
ext
IN
OUT
STATUS
SENS
HIGH-Z
05.01.2011
Page 1
...
File:
This document is confidential and protected by law and international trades. It must not be shown to any third party nor be copied in any form without our written permission
.
V
DD
Figure 4: Over-current reset sequence
Timing diagram normal overcurrent
release epc700
LST
V
th sens
t
del
t
ext
IN
OUT
STATUS
epc701
SHORT
SENS
t
minOFF
HIGH-Z
05.01.2011
Page 1
File:
This document is confidential and protected by law and international trades. It must not be shown to any third party nor be copied in any form without our written permission
.
STATUS
epc703
0
0
0
V
DD
t
LED
HIGH-Z
Figure 5: Over-current status reset
Timing diagram reset overcurren
epc700
Lukas Steinemann
V
th sens
t
del
t
ext
IN
OUT
STATUS
SHORT
SENS
<t
minOFF
HIGH-Z
05.01.2011
Page 1
...
File:
This document is confidential and protected by law and international trades. It must not be shown to any third party nor be copied in any form without our written permission
.
V
DD


Similar Part No. - EPC702-QFN16

ManufacturerPart #DatasheetDescription
logo
Espros Photonics corp
EPC702-QFN16 EPC-EPC702-QFN16 Datasheet
264Kb / 11P
   24V/50mA General-Purpose Output-Driver
More results

Similar Description - EPC702-QFN16

ManufacturerPart #DatasheetDescription
logo
Espros Photonics corp
EPC700 EPC-EPC700 Datasheet
264Kb / 11P
   24V/50mA General-Purpose Output-Driver
logo
Rohm
BP5034D24 ROHM-BP5034D24 Datasheet
37Kb / 2P
   AC100V input, 24V/50mA output
BP5034D24 ROHM-BP5034D24 Datasheet
27Kb / 2P
   AC100V input, 24V/50mA output
logo
TECH PUBLIC Electronics...
TPS715 TECHPUBLIC-TPS715 Datasheet
2Mb / 7P
   24V,50mA, Ultralo-Quiescent-Current LDO
logo
NTE Electronics
NTE210 NTE-NTE210 Datasheet
22Kb / 2P
   Silicon Complementary Transistors General Purpose Output & Driver
logo
Mitsubishi Electric Sem...
M81711FP MITSUBISHI-M81711FP Datasheet
76Kb / 6P
   GENERAL PURPOSE DRIVER
M81716FP MITSUBISHI-M81716FP Datasheet
72Kb / 5P
   GENERAL PURPOSE DRIVER
M81716FP MITSUBISHI-M81716FP_09 Datasheet
72Kb / 5P
   GENERAL PURPOSE DRIVER
logo
Princeton Technology Co...
PT6533 PTC-PT6533_10 Datasheet
115Kb / 4P
   General Purpose LCD Driver
PT6533 PTC-PT6533 Datasheet
115Kb / 4P
   General Purpose LCD Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com