Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DRV612 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # DRV612
Description  2-Vrms DirectPath??Line Driver With Programmable-Fixed Gain
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRV612 Datasheet(HTML) 10 Page - Texas Instruments

Back Button DRV612 Datasheet HTML 6Page - Texas Instruments DRV612 Datasheet HTML 7Page - Texas Instruments DRV612 Datasheet HTML 8Page - Texas Instruments DRV612 Datasheet HTML 9Page - Texas Instruments DRV612 Datasheet HTML 10Page - Texas Instruments DRV612 Datasheet HTML 11Page - Texas Instruments DRV612 Datasheet HTML 12Page - Texas Instruments DRV612 Datasheet HTML 13Page - Texas Instruments DRV612 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
VDD
Internal VDD
AMP Enable
1.25 V
Bandgap
Comparator
DRV612
SLOS690B
– DECEMBER 2010 – REVISED APRIL 2011
www.ti.com
COMPONENT SELECTION
Charge Pump Flying Capacitor and VSS Capacitor
The charge-pump flying capacitor serves to transfer charge during the generation of the negative supply voltage.
The VSS capacitor must be at least equal to the charge pump capacitor in order to allow maximum charge
transfer. Low-ESR capacitors are an ideal selection, and a value of 1
μF is typical.
Decoupling Capacitors
The DRV612 is a DirectPath line-driver amplifier that requires adequate power-supply decoupling to ensure that
the noise and total harmonic distortion (THD) are low. A good low equivalent-series-resistance (ESR) ceramic
capacitor, typically 1
μF, placed as close as possible to the device VDD lead works best. Placing this decoupling
capacitor close to the DRV612 is important for the performance of the amplifier. For filtering lower-frequency
noise signals, a 10-
μF or greater capacitor placed near the audio power amplifier also helps, but it is not required
in most applications because of the high PSRR of this device.
Gain-Setting
The gain setting is programmed with the GAIN pin. Gain setting is latched durning power on. Table 1 lists the
gain settings.
NOTE: If gain pin is left unconnected (open) default gain of
–2× is selected.
Table 1. Gain Settings
Gain_set RESISTOR
GAIN
GAIN (dB)
INPUT RESISTANCE
249 k
Ω(1)
–2×
6
37 k
Ω
82k5
–1×
0.0
55 k
Ω
51k1
–1.5×
3.5
44 k
Ω
34k8
–2.3×
7.2
33 k
Ω
27k4
–2.5×
8
31 k
Ω
20k5
–3×
9.5
28 k
Ω
15k4
–3.5×
10.9
24 k
Ω
11k5
–4.0×
12
22 k
Ω
9k09
–5×
14
18 k
Ω
7k5
–5.6×
15
17 k
Ω
6k19
–6.4×
16.1
15 k
Ω
5k11
–8.3×
18.4
12 k
Ω
4k22
–10×
20
10 k
Ω
(1)
or higher
Internal Undervoltage Detection
The DRV612 contains an internal precision band-gap reference voltage and a comparator used to monitor the
supply voltage, VDD. The internal VDD monitor is set at 2.8 V with 200-mV hysteresis.
10
Submit Documentation Feedback
Copyright
© 2010–2011, Texas Instruments Incorporated
Product Folder Link(s) :DRV612


Similar Part No. - DRV612

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV612PW TI1-DRV612PW Datasheet
888Kb / 22P
[Old version datasheet]   2-Vrms DirectPath Line Driver With Programmable-Fixed Gain
DRV612PWR TI1-DRV612PWR Datasheet
888Kb / 22P
[Old version datasheet]   2-Vrms DirectPath Line Driver With Programmable-Fixed Gain
DRV612RGTR TI1-DRV612RGTR Datasheet
888Kb / 22P
[Old version datasheet]   2-Vrms DirectPath Line Driver With Programmable-Fixed Gain
DRV612RGTT TI1-DRV612RGTT Datasheet
888Kb / 22P
[Old version datasheet]   2-Vrms DirectPath Line Driver With Programmable-Fixed Gain
DRV612 TI-DRV612_15 Datasheet
934Kb / 24P
[Old version datasheet]   2-Vrms DirectPath??Line Driver With Programmable-Fixed Gain
More results

Similar Description - DRV612

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV612 TI1-DRV612_16 Datasheet
888Kb / 22P
[Old version datasheet]   2-Vrms DirectPath Line Driver With Programmable-Fixed Gain
DRV612 TI-DRV612_15 Datasheet
934Kb / 24P
[Old version datasheet]   2-Vrms DirectPath??Line Driver With Programmable-Fixed Gain
DRV632PW TI1-DRV632PW Datasheet
604Kb / 19P
[Old version datasheet]   DirectPath?? 2-VRMS Audio Line Driver With Adjustable Gain
DRV632PWR TI-DRV632PWR Datasheet
604Kb / 19P
[Old version datasheet]   DirectPath, 2-VRMS Audio Line Driver With Adjustable Gain
DRV632 TI-DRV632 Datasheet
450Kb / 18P
[Old version datasheet]   DirectPath?? 2-VRMS Audio Line Driver With Adjustable Gain
DRV632 TI-DRV632_15 Datasheet
807Kb / 23P
[Old version datasheet]   DRV632 DirectPath?? 2-VRMS Audio Line Driver With Adjustable Gain
DRV603 TI1-DRV603 Datasheet
637Kb / 21P
[Old version datasheet]   DirectPath?? 3-VRMS Line Driver With Adjustable Gain
logo
Princeton Technology Co...
PT3323 PTC-PT3323 Datasheet
223Kb / 4P
   2-VRMS Audio Line Driver With Adjustable Gain
logo
Unisonic Technologies
PA3632 UTC-PA3632 Datasheet
205Kb / 9P
   DIRECT 2-VRMS AUDIO LINE DRIVER WITH ADJUSTABLE GAIN
logo
Texas Instruments
DRV602 TI-DRV602 Datasheet
243Kb / 12P
[Old version datasheet]   DIRECTPATH?? 2Vrms Line Driver with Adjustable gain
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com