Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EPC138-CSP6 Datasheet(PDF) 2 Page - Espros Photonics corp

Part # EPC138-CSP6
Description  Photo-receiver Amplifier
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPC [Espros Photonics corp]
Direct Link  http://www.espros.ch
Logo EPC - Espros Photonics corp

EPC138-CSP6 Datasheet(HTML) 2 Page - Espros Photonics corp

  EPC138-CSP6 Datasheet HTML 1Page - Espros Photonics corp EPC138-CSP6 Datasheet HTML 2Page - Espros Photonics corp EPC138-CSP6 Datasheet HTML 3Page - Espros Photonics corp EPC138-CSP6 Datasheet HTML 4Page - Espros Photonics corp EPC138-CSP6 Datasheet HTML 5Page - Espros Photonics corp EPC138-CSP6 Datasheet HTML 6Page - Espros Photonics corp EPC138-CSP6 Datasheet HTML 7Page - Espros Photonics corp EPC138-CSP6 Datasheet HTML 8Page - Espros Photonics corp EPC138-CSP6 Datasheet HTML 9Page - Espros Photonics corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
He
epc134/epc135/epc136/epc137/epc138/epc139
Absolute Maximum Ratings (Notes 1, 2)
Recommended Operating Conditions
Power Supply Voltage VDD
Voltage to Any pin
Maximum Power Dissipation
Storage Temperature Range (TS)
Lead Temperature solder, 4 sec. (TL)
-5.5V to +5.5V
-0.3 to VDD +0.3V
300mW
-40°C to +85°C
+260°C
Power Supply Voltage (VDD)
Operating Temperature (TA)
Humidity
Min.
4.0
-40°
+5
Max.
5.2
+85°
+95
Units
V
C
%
Note 1: Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Recommended operating conditions indic-
ate conditions for which the device is intended to be functional, but do not guarantee specific performance limits. For guaranteed specifica-
tions and test conditions, see Electrical Characteristics.
Note 2: This device is a highly sensitive CMOS ac current amplifier with an ESD rating of JEDEC HBM class 0 (<250V). Handling and as -
sembly of this device should only be done at ESD protected workstations.
Electrical Characteristics
VDD = 5.0 V, -40°C < TA < +85°C
Symbol
Parameter
Conditions/Comments
Values
Units
Min.
Typ.
Max.
VPP
Ripple on Supply Voltage
epc135
epc138
Sinusoidal 100kHz, refer to other parameters
40
mVpp
epc137
22
epc136
epc139
Sinusoidal 800kHz, refer to other parameters
110
epc134
45
IDD
Power Supply Current
All slow no photo diode current
0.45
0.50
mA
All fast
0.75
0.80
VPD
Reversed Photodiode Voltage
relative to VDD
VDD-
1.55
V
IPD
Input Pulse Threshold
(Sensitivity)
epc137 Photodiode current pulse to generate an output pulse
40
nA
epc135
epc138
60
80
100
nA
epc134
200
400
600
nA
epc136
epc139
600
800
1000
nA
IPDres
Input Pulse Threshold Re-
serve
epc134 -
epc137
Input pulse current relative to IPD to trigger the light re-
serve output
150
%
IPDmax
Input Pulse Current
If input current is above this level, recovery time t REC is
undefined (refer to section 'Other Parameters')
100
μA
IPDDC
DC Light Current Range
refer to section 'Application Information, Ambient Light'
0.0
3.0
mA
CPD
Photodiode Capacitance
epc135
epc137
epc138
refer to section 'Application Information, Photodiode
Capacitance'
15
50
pF
epc134
epc136
epc139
30
40
IOUT
Output Current (sink)
When a light pulse above the threshold is detected
-6.0
-8.0
-10.0
mA
VPOR
Power-up Threshold Voltage
The voltage at VDD when the device starts up and the
startup time is running.
3.0
3.5
4.0
V
VIPOR
Hysteresis
on Power-up Threshold Voltage
0.5
0.75
1.0
V
tINIT
Power-up Startup Time
VDD slew rate >100V/ms
1.5
ms
tOFF
Power-down Time
1.5
ms
© 2011 ESPROS Photonics Corporation
Characteristics subject to change without notice
2
Datasheet epc13x digital - V2.1
www.espros.ch


Similar Part No. - EPC138-CSP6

ManufacturerPart #DatasheetDescription
logo
Espros Photonics corp
epc138 EPC-epc138 Datasheet
245Kb / 11P
   Photo-receiver Amplifier
More results

Similar Description - EPC138-CSP6

ManufacturerPart #DatasheetDescription
logo
Espros Photonics corp
EPC130 EPC-EPC130 Datasheet
570Kb / 9P
   Photo-receiver Amplifier
EPC134 EPC-EPC134_17 Datasheet
245Kb / 11P
   Photo-receiver Amplifier
logo
Everlight Electronics C...
PLR233 EVERLIGHT-PLR233 Datasheet
151Kb / 8P
   Photo link Light Receiver Unit
PLR137 EVERLIGHT-PLR137 Datasheet
120Kb / 9P
   Photo link Light Receiver Unit
PLR253 EVERLIGHT-PLR253 Datasheet
146Kb / 8P
   Photo link Light Receiver Unit
logo
List of Unclassifed Man...
PLR132 ETC-PLR132 Datasheet
130Kb / 7P
   Photo-link Light Receiver Unit
logo
Everlight Electronics C...
PLR155 EVERLIGHT-PLR155_05 Datasheet
155Kb / 8P
   Photo link Light Receiver Unit
logo
Toshiba Semiconductor
TLP113 TOSHIBA-TLP113_07 Datasheet
207Kb / 8P
   Photo−IC Isolated Line Receiver
logo
Hamamatsu Corporation
L10064-01B HAMAMATSU-L10064-01B_15 Datasheet
247Kb / 2P
   Transmitter/Receiver photo IC for optical link
L8628 HAMAMATSU-L8628 Datasheet
160Kb / 2P
   Transmitter/receiver photo IC for optical link
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com