Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EPC112-CSP10 Datasheet(PDF) 3 Page - Espros Photonics corp

Part # EPC112-CSP10
Description  Fully integrated standalone light barrier driver & receiver
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPC [Espros Photonics corp]
Direct Link  http://www.espros.ch
Logo EPC - Espros Photonics corp

EPC112-CSP10 Datasheet(HTML) 3 Page - Espros Photonics corp

  EPC112-CSP10 Datasheet HTML 1Page - Espros Photonics corp EPC112-CSP10 Datasheet HTML 2Page - Espros Photonics corp EPC112-CSP10 Datasheet HTML 3Page - Espros Photonics corp EPC112-CSP10 Datasheet HTML 4Page - Espros Photonics corp EPC112-CSP10 Datasheet HTML 5Page - Espros Photonics corp EPC112-CSP10 Datasheet HTML 6Page - Espros Photonics corp EPC112-CSP10 Datasheet HTML 7Page - Espros Photonics corp EPC112-CSP10 Datasheet HTML 8Page - Espros Photonics corp EPC112-CSP10 Datasheet HTML 9Page - Espros Photonics corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
epc111/112
Other Data
Symbol
Parameter
Conditions/Comments
Types
Values
Units
Min.
Typ.
Max.
IPDN
Photo Current Sensitivity OUTN
Pulse height to trigger internal threshold
OUTN. Refer to Functional Description
epc111
60
nA
epc112
108
IPDH
Photo Current Sensitivity OUTH
Pulse height to trigger internal threshold
OUTH. Refer to Functional Description
epc111
96
nA
epc112
144
Ipulse
Maximum Input Pulse Current
If the input current pulse is above this level,
the recovery time tREC becomes trelax . (refer to
parameter trelax)
epc111
100
µA
epc112
100
IN_Imin
Input related noise
@ IPDDC =0
15
nA RMS
IN_Imax
Input related noise
@ IPDDC =IPDDCMax
20
nA RMS
IPDDC
DC Photo Diode Current
generated by ambient light with no effect to
the sensitivity
0.0
2
mA
CPD
Photodiode Capacitance
Refer to section Application Information,
Photodiode Capacitance
50
pF
tPulse
LED Pulse Length
epc111
2
µs
epc112
1
tCycle
LED Cycle Time
epc111
100
µs
epc112
10
trelax
Recovery time
after a strong current pulse (Ipulse = 100µA)
epc111
50
µs
epc112
50
tR
Response Time
Minimum time from light beam detection to
status change of the output OUTN or OUTH.
tR_MAX = ( nV + 1 ) * tCycle
epc111
800
900
µs
epc112
30
40
tF
Release Time (fall time)
Minimum time from beam interruption to
status change of the output OUTN or OUTH.
tF_MAX = ( nM + 1 ) * tCycle
epc111
800
900
µs
epc112
20
30
nV
Valid pulse counts
Number of valid (non-missing) pulses to
trigger the output. Refer to Functional
Description
epc111
8
epc112
3
nM
Missing pulse counts
Number of missing pulses to release the
output. Refer to Functional Description
epc111
8
epc112
2
Other Parameters
(typical values, Tamb = 25°C, VDD = 3.3V)
0
1
2
3
4
5
6
40
50
60
70
80
90
100
110
120
Pulse width [us]
Figure 2: Input Sensitivity vs. LED pulse width
© 2011 ESPROS Photonics Corporation
Characteristics subject to change without notice
3
Datasheet epc111_112 - V2.2
www.espros.ch


Similar Part No. - EPC112-CSP10

ManufacturerPart #DatasheetDescription
logo
Espros Photonics corp
EPC110 EPC-EPC110 Datasheet
600Kb / 27P
   Fully integrated configurable light barrier driver & receiver
EPC110-CSP10 EPC-EPC110-CSP10 Datasheet
600Kb / 27P
   Fully integrated configurable light barrier driver & receiver
EPC110-QFN16 EPC-EPC110-QFN16 Datasheet
600Kb / 27P
   Fully integrated configurable light barrier driver & receiver
logo
PCA ELECTRONICS INC.
EPC1104H PCA-EPC1104H Datasheet
16Kb / 1P
   Ethernet DC/DC Regulated Converter
EPC1104P PCA-EPC1104P Datasheet
16Kb / 1P
   Ethernet DC/DC Regulated Converter
More results

Similar Description - EPC112-CSP10

ManufacturerPart #DatasheetDescription
logo
Espros Photonics corp
EPC111 EPC-EPC111_17 Datasheet
582Kb / 14P
   Fully integrated standalone light barrier driver & receiver
EPC110 EPC-EPC110 Datasheet
600Kb / 27P
   Fully integrated configurable light barrier driver & receiver
logo
ATMEL Corporation
ATR2406 ATMEL-ATR2406_97 Datasheet
689Kb / 20P
   Fully Integrated Low IF Receiver
logo
Princeton Technology Co...
PT4304 PTC-PT4304 Datasheet
216Kb / 5P
   Fully Integrated OOK/ASK Receiver
logo
Espros Photonics corp
EPC120 EPC-EPC120 Datasheet
558Kb / 27P
   Fully integrated Light-Barrier Chips with 2-Wire Bus Interface
logo
STMicroelectronics
L6208 STMICROELECTRONICS-L6208 Datasheet
453Kb / 27P
   FULLY INTEGRATED STEPPER MOTOR DRIVER
logo
Sipex Corporation
SP8040 SIPEX-SP8040 Datasheet
23Kb / 2P
   4 Channel, 100MHz Fully Integrated PDIC Receiver
logo
Vishay Siliconix
VCNL4020 VISHAY-VCNL4020 Datasheet
219Kb / 16P
   Fully Integrated Proximity and Ambient Light Sensor
Rev. 1.1, 20-Jul-12
logo
STMicroelectronics
L6474 STMICROELECTRONICS-L6474 Datasheet
741Kb / 51P
   easySPIN ??fully integrated microstepping motor driver
L6472 STMICROELECTRONICS-L6472 Datasheet
1Mb / 69P
   dSPIN fully integrated microstepping motor driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com