Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EPC111-CSP10 Datasheet(PDF) 11 Page - Espros Photonics corp

Part # EPC111-CSP10
Description  Fully integrated standalone light barrier driver & receiver
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPC [Espros Photonics corp]
Direct Link  http://www.espros.ch
Logo EPC - Espros Photonics corp

EPC111-CSP10 Datasheet(HTML) 11 Page - Espros Photonics corp

Back Button EPC111-CSP10 Datasheet HTML 6Page - Espros Photonics corp EPC111-CSP10 Datasheet HTML 7Page - Espros Photonics corp EPC111-CSP10 Datasheet HTML 8Page - Espros Photonics corp EPC111-CSP10 Datasheet HTML 9Page - Espros Photonics corp EPC111-CSP10 Datasheet HTML 10Page - Espros Photonics corp EPC111-CSP10 Datasheet HTML 11Page - Espros Photonics corp EPC111-CSP10 Datasheet HTML 12Page - Espros Photonics corp EPC111-CSP10 Datasheet HTML 13Page - Espros Photonics corp EPC111-CSP10 Datasheet HTML 14Page - Espros Photonics corp  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
epc111/112
Layout Information (all measures in mm,
<Partname>
<x000 000>
<Name>
<Data>
M 1:1
DIN A4
<Name>
Part Name
Part No.
Designed
Approved
Scale
Page
File: Unben annt
1
26.02.2009
)
CSP-10 Package
1.9 +0.0/-0.1
0.5
0.5
0.15
Solder balls Sn97.5Ag2.5
∅ 0.12
Bottom View
Pin 1
19.01.2012
Page 1
File:
This document is confidential and protected by law and international trades. It must not be shown to any third party nor be copied in any form without our written permission
.
no solder mask inside this area
0.5
0.5
∅ 0.3
2.5
0.1524
Figure 13: CSP10: Mechanical dimensions
Figure 14: CSP10: Layout recommendation
Recommendations for reliable soldering of solder balls:
Use a pad layout similar to the one shown in Figure 14. Notice that all tracks should go underneath the solder mask area.
Do not connect any pins direct pin to pin inside of the opening of the solder mask.
In case of the conductors are with a Au-Ni surface finish the preferred landing pad design for the solder balls will be covering the
round landing pad with a gold surface finish as a solderable area only.
QFN-16 Package
PIN Connections QFN16-VEED-
1VN4
LST
11.01.2011
Page 1
File:
This document is confidential and protected by law and international trades. It must not be shown to any third party nor be copied in any form without our written permission
.
PIN Connections QFN16-VEED-
1VN4
LST
Top View
1
2
3
4
PD
GND
LED
NC
NC_GND
NC_GND
NC_GND
NC_GND
Opening in solder mask
Conductor layout
Shielding of PD pin
Figure 15: QFN-16: Layout recommendation
© 2011 ESPROS Photonics Corporation
Characteristics subject to change without notice
11
Datasheet epc111_112 - V2.2
www.espros.ch


Similar Part No. - EPC111-CSP10

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EPC1110H PCA-EPC1110H Datasheet
19Kb / 1P
   Ethernet DC/DC Regulated Converter
EPC1110HN2 PCA-EPC1110HN2 Datasheet
18Kb / 1P
   Ethernet DC/DC Converter
EPC1110HN2 PCA-EPC1110HN2_15 Datasheet
18Kb / 1P
   Ethernet DC/DC Converter
EPC1110P PCA-EPC1110P Datasheet
19Kb / 1P
   Ethernet DC/DC Regulated Converter
EPC1110P PCA-EPC1110P_15 Datasheet
32Kb / 1P
   Ethernet DC/DC Regulated Converter
More results

Similar Description - EPC111-CSP10

ManufacturerPart #DatasheetDescription
logo
Espros Photonics corp
EPC111 EPC-EPC111_17 Datasheet
582Kb / 14P
   Fully integrated standalone light barrier driver & receiver
EPC110 EPC-EPC110 Datasheet
600Kb / 27P
   Fully integrated configurable light barrier driver & receiver
logo
ATMEL Corporation
ATR2406 ATMEL-ATR2406_97 Datasheet
689Kb / 20P
   Fully Integrated Low IF Receiver
logo
Princeton Technology Co...
PT4304 PTC-PT4304 Datasheet
216Kb / 5P
   Fully Integrated OOK/ASK Receiver
logo
Espros Photonics corp
EPC120 EPC-EPC120 Datasheet
558Kb / 27P
   Fully integrated Light-Barrier Chips with 2-Wire Bus Interface
logo
STMicroelectronics
L6208 STMICROELECTRONICS-L6208 Datasheet
453Kb / 27P
   FULLY INTEGRATED STEPPER MOTOR DRIVER
logo
Sipex Corporation
SP8040 SIPEX-SP8040 Datasheet
23Kb / 2P
   4 Channel, 100MHz Fully Integrated PDIC Receiver
logo
Vishay Siliconix
VCNL4020 VISHAY-VCNL4020 Datasheet
219Kb / 16P
   Fully Integrated Proximity and Ambient Light Sensor
Rev. 1.1, 20-Jul-12
logo
STMicroelectronics
L6474 STMICROELECTRONICS-L6474 Datasheet
741Kb / 51P
   easySPIN ??fully integrated microstepping motor driver
L6472 STMICROELECTRONICS-L6472 Datasheet
1Mb / 69P
   dSPIN fully integrated microstepping motor driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com