Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EPC110 Datasheet(PDF) 7 Page - Espros Photonics corp

Part # EPC110
Description  Fully integrated configurable light barrier driver & receiver
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPC [Espros Photonics corp]
Direct Link  http://www.espros.ch
Logo EPC - Espros Photonics corp

EPC110 Datasheet(HTML) 7 Page - Espros Photonics corp

Back Button EPC110 Datasheet HTML 3Page - Espros Photonics corp EPC110 Datasheet HTML 4Page - Espros Photonics corp EPC110 Datasheet HTML 5Page - Espros Photonics corp EPC110 Datasheet HTML 6Page - Espros Photonics corp EPC110 Datasheet HTML 7Page - Espros Photonics corp EPC110 Datasheet HTML 8Page - Espros Photonics corp EPC110 Datasheet HTML 9Page - Espros Photonics corp EPC110 Datasheet HTML 10Page - Espros Photonics corp EPC110 Datasheet HTML 11Page - Espros Photonics corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
epc110
Figure 4: Principle of controlled light barrier application using a micro-controller
The photo diode current is compared to two threshold levels. The result OUTH from the higher comparison level may be used to detect the
light reserve.
Evaluation of a single light pulse
The photodiode is operated against ground and is reverse biased at a constant voltage of 1.2V. The input impedance of pin PD is kept low
(<1 kOhm @ 100kHz) in order to minimize the influence of the parasitic capacitance of the photodiode. To ensure proper operation under high
ambient-light conditions, the photo diode DC current can be up to 2 mA.
The resulting current from the light pulses are converted to a voltage, filtered, amplified and compared to two different threshold levels. The
lower threshold SENSN (input related 60nA typical) is used for the detection of the signal, the higher threshold SENSH (input related to
96nA typical) is used to provide an output when a certain signal reserve is achieved.
To detect the received light pulse properly, the given threshold must be at least five times higher than the rms value of the noise floor
generated by the circuitry without AC light stimulation.
The comparator results are digitally filtered and output at pin OUT and OUTH.
The parameter TPER defines the scan period in the standalone light barrier application but has also an impact to the settling time of the
receiver in the controlled mode application. It this case it has to be set corresponding to the scan period. Refer to the description of the TPER
command.
For each single light pulse, received and detected by the photodiode, the threshold levels for output OUTN and for output OUTH can be set by
programming (parameter SENSN resp. SENSH). They are processed according to the following principle to propagate the output signals
OUTN and OUTH resp. OUTNINT and OUTHINT. As far the received light pulse signal exceeds the corresponding threshold level, the pulse will
be recognized as a valid pulse and the detection circuit sets the appropriate output signal OUTN INT or OUTHINT.
Signal output OUTN
Light reserve OUTH
I
PD
Threshold levels:
OUTN
INT
Light pulse detection
Light reserve detection
I
PD
OUTH
INT
t
t
t
t
t
t
Figure 5: Pulse evaluation
© 2011 ESPROS Photonics Corporation
Characteristics subject to change without notice
7
Datasheet epc110 - V2.1
www.espros.ch
AN epc100 light curtain Transmitter
LST
VDD33
VDD
epc100
GND
OUTH
PD
OUTN
EN
LED
GND
VDD
µC
VDD
OUT
GND
IN1
IN2
EN
R
Stab
R
LED
OUT
11.02.2011
Page 1
File:
This document is confidential and protected by law and international trades. It must not be shown to any third party nor be copied in any form without our written permission
.
C1


Similar Part No. - EPC110

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EPC1104H PCA-EPC1104H Datasheet
16Kb / 1P
   Ethernet DC/DC Regulated Converter
EPC1104P PCA-EPC1104P Datasheet
16Kb / 1P
   Ethernet DC/DC Regulated Converter
EPC1104PN2 PCA-EPC1104PN2 Datasheet
18Kb / 1P
   Ethernet DC/DC Converter
EPC1104PN2 PCA-EPC1104PN2_15 Datasheet
18Kb / 1P
   Ethernet DC/DC Converter
EPC1104 PCA-EPC1104_15 Datasheet
19Kb / 1P
   Ethernet DC/DC Regulated Converter
More results

Similar Description - EPC110

ManufacturerPart #DatasheetDescription
logo
Espros Photonics corp
EPC111 EPC-EPC111 Datasheet
463Kb / 14P
   Fully integrated standalone light barrier driver & receiver
EPC111 EPC-EPC111_17 Datasheet
582Kb / 14P
   Fully integrated standalone light barrier driver & receiver
logo
ATMEL Corporation
ATR2406 ATMEL-ATR2406_97 Datasheet
689Kb / 20P
   Fully Integrated Low IF Receiver
logo
Princeton Technology Co...
PT4304 PTC-PT4304 Datasheet
216Kb / 5P
   Fully Integrated OOK/ASK Receiver
logo
Espros Photonics corp
EPC120 EPC-EPC120 Datasheet
558Kb / 27P
   Fully integrated Light-Barrier Chips with 2-Wire Bus Interface
logo
STMicroelectronics
L6208 STMICROELECTRONICS-L6208 Datasheet
453Kb / 27P
   FULLY INTEGRATED STEPPER MOTOR DRIVER
logo
Sipex Corporation
SP8040 SIPEX-SP8040 Datasheet
23Kb / 2P
   4 Channel, 100MHz Fully Integrated PDIC Receiver
logo
Vishay Siliconix
VCNL4020 VISHAY-VCNL4020 Datasheet
219Kb / 16P
   Fully Integrated Proximity and Ambient Light Sensor
Rev. 1.1, 20-Jul-12
logo
STMicroelectronics
L6474 STMICROELECTRONICS-L6474 Datasheet
741Kb / 51P
   easySPIN ??fully integrated microstepping motor driver
L6472 STMICROELECTRONICS-L6472 Datasheet
1Mb / 69P
   dSPIN fully integrated microstepping motor driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com