Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VBT6045CBP Datasheet(PDF) 2 Page - Vishay Siliconix

Part # VBT6045CBP
Description  Trench MOS Barrier Schottky Rectifier for PV Solar Cell Bypass Protection
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VBT6045CBP Datasheet(HTML) 2 Page - Vishay Siliconix

  VBT6045CBP Datasheet HTML 1Page - Vishay Siliconix VBT6045CBP Datasheet HTML 2Page - Vishay Siliconix VBT6045CBP Datasheet HTML 3Page - Vishay Siliconix VBT6045CBP Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.vishay.com
For technical questions within your region, please contact one of the following:
Document Number: 89374
2
DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
Revision: 03-Nov-10
VBT6045CBP
Vishay General Semiconductor
New Product
Notes
(1) Pulse test: 300 μs pulse width, 1 % duty cycle
(2) Pulse test: Pulse width
≤ 40 ms
RATINGS AND CHARACTERISTICS CURVES
(TA = 25 °C unless otherwise noted)
Fig. 1 - Maximum Forward Current Derating Curve
Fig. 2 - Forward Power Loss Characteristics Per Diode
ELECTRICAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
TEST CONDITIONS
SYMBOL
TYP.
MAX.
UNIT
Instantaneous forward voltage per diode
IF = 10 A
TA = 25 °C
VF (1)
0.44
-
V
IF = 15 A
0.47
-
IF = 30 A
0.54
0.64
IF = 10 A
TA = 125 °C
0.33
-
IF = 15 A
0.37
-
IF = 30 A
0.47
0.56
Reverse current per diode
VR = 45 V
TA = 25 °C
IR (2)
-
3000
μA
TA = 125 °C
18
50
mA
THERMAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
VBT6045CBP
UNIT
Typical thermal resistance
per diode
RθJC
1.5
°C/W
per device
0.8
ORDERING INFORMATION (Example)
PACKAGE
PREFERRED P/N
UNIT WEIGHT (g)
PACKAGE CODE
BASE QUANTITY
DELIVERY MODE
TO-263AB
VBT6045CBP-E3/4W
1.38
4W
50/tube
Tube
TO-263AB
VBT6045CBP-E3/8W
1.38
8W
800/reel
Tape and reel
Case Temperature (°C)
70
60
50
40
10
0
100
110
120
130
140
150
30
20
0
2
12
14
16
20
0
5
15
30
35
Average Forward Current (A)
D = 0.1
D = 0.2
D = 0.3
D = 0.5
D = 0.8
D = 1.0
20
D = t
p/T
t
p
T
6
8
10
4
25
10
18


Similar Part No. - VBT6045CBP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VBT6045CBP VISHAY-VBT6045CBP Datasheet
90Kb / 4P
   Trench MOS Barrier Schottky Rectifier
Revision: 22-May12
VBT6045CBP-E3 VISHAY-VBT6045CBP-E3 Datasheet
93Kb / 4P
   Trench MOS Barrier Schottky Rectifier for PV Solar Cell Bypass Protection
01-Jan-2022
VBT6045CBP-E3-4W VISHAY-VBT6045CBP-E3-4W Datasheet
90Kb / 4P
   Trench MOS Barrier Schottky Rectifier
Revision: 22-May12
VBT6045CBP-E3-8W VISHAY-VBT6045CBP-E3-8W Datasheet
90Kb / 4P
   Trench MOS Barrier Schottky Rectifier
Revision: 22-May12
VBT6045CBP-E3/4W VISHAY-VBT6045CBP-E3/4W Datasheet
92Kb / 4P
   Trench MOS Barrier Schottky Rectifier for PV Solar Cell Bypass Protection Ultra Low VF = 0.33 V at IF = 10 A
Revision: 09-Sep-13
More results

Similar Description - VBT6045CBP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VBT4045BP VISHAY-VBT4045BP Datasheet
92Kb / 4P
   Trench MOS Barrier Schottky Rectifier for PV Solar Cell Bypass Protection
Revision: 23-Feb-12
VFT3045BP VISHAY-VFT3045BP Datasheet
84Kb / 4P
   Trench MOS Barrier Schottky Rectifier for PV Solar Cell Bypass Protection
Revision: 23-Feb-12
VT4045BP VISHAY-VT4045BP Datasheet
115Kb / 4P
   Trench MOS Barrier Schottky Rectifier for PV Solar Cell Bypass Protection
Revision: 23-Feb-12
VBT3045CBP-M3 VISHAY-VBT3045CBP-M3_15 Datasheet
85Kb / 4P
   Trench MOS Barrier Schottky Rectifier for PV Solar Cell Bypass Protection
Revision: 30-Apr-13
V30DL45BP VISHAY-V30DL45BP_15 Datasheet
115Kb / 5P
   Trench MOS Barrier Schottky Rectifier for PV Solar Cell Bypass Protection
Revision: 18-Mar-14
VFT3045CBP VISHAY-VFT3045CBP_15 Datasheet
83Kb / 4P
   Trench MOS Barrier Schottky Rectifier for PV Solar Cell Bypass Protection
Revision: 20-Aug-15
VFT4045BP VISHAY-VFT4045BP_V01 Datasheet
137Kb / 4P
   Trench MOS Barrier Schottky Rectifier for PV Solar Cell Bypass Protection
01-Jan-2022
VBT1045BP-M3 VISHAY-VBT1045BP-M3_V01 Datasheet
87Kb / 4P
   Trench MOS Barrier Schottky Rectifier for PV Solar Cell Bypass Protection
01-Jan-2022
VBT2045CBP-M3 VISHAY-VBT2045CBP-M3_V01 Datasheet
104Kb / 4P
   Trench MOS Barrier Schottky Rectifier for PV Solar Cell Bypass Protection
01-Jan-2022
VFT3045CBP VISHAY-VFT3045CBP Datasheet
82Kb / 4P
   Trench MOS Barrier Schottky Rectifier for PV Solar Cell Bypass Protection
Revision: 27-Oct-10
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com