Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SQ3460EV-T1-GE3 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # SQ3460EV-T1-GE3
Description  Automotive N-Channel 20 V (D-S) 175 °C MOSFET
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SQ3460EV-T1-GE3 Datasheet(HTML) 4 Page - Vishay Siliconix

  SQ3460EV-T1-GE3 Datasheet HTML 1Page - Vishay Siliconix SQ3460EV-T1-GE3 Datasheet HTML 2Page - Vishay Siliconix SQ3460EV-T1-GE3 Datasheet HTML 3Page - Vishay Siliconix SQ3460EV-T1-GE3 Datasheet HTML 4Page - Vishay Siliconix SQ3460EV-T1-GE3 Datasheet HTML 5Page - Vishay Siliconix SQ3460EV-T1-GE3 Datasheet HTML 6Page - Vishay Siliconix SQ3460EV-T1-GE3 Datasheet HTML 7Page - Vishay Siliconix SQ3460EV-T1-GE3 Datasheet HTML 8Page - Vishay Siliconix SQ3460EV-T1-GE3 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
SQ3460EV
www.vishay.com
Vishay Siliconix
S11-2359-Rev. D, 05-Dec-11
4
Document Number: 67037
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
TYPICAL CHARACTERISTICS (TA = 25 °C, unless otherwise noted)
On-Resistance vs. Junction Temperature
On-Resistance vs. Gate-to-Source Voltage
Source Drain Diode Forward Voltage
Threshold Voltage
Drain Source Breakdown vs. Junction Temperature
0.6
0.9
1.2
1.5
1.8
- 50
- 25
0
25
50
75
100
125
150
175
T
J - Junction Temperature (°C)
I
D = 5.1 A
V
GS = 4.5 V
V
GS = 2.5 V
0.00
0.05
0.10
0.15
0.20
0.25
012345
V
GS - Gate-to-Source Voltage (V)
T
J = 150 °C
T
J = 25 °C
0.001
0.01
0.1
1
10
100
0.0
0.2
0.4
0.6
0.8
1.0
1.2
V
SD - Source-to-Drain Voltage (V)
T
J = 25 °C
T
J = 150 °C
-0.7
-0.5
-0.3
-0.1
0.1
0.3
- 50
- 25
0
25
50
75
100
125
150
175
T
J -Temperature (°C)
I
D = 250 μA
I
D = 5 mA
25
27
29
31
33
35
- 50
- 25
0
25
50
75
100
125
150
175
T
J - Junction Temperature (°C)
I
D = 1 mA


Similar Part No. - SQ3460EV-T1-GE3

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
SQ3460EV-T1-GE3 VBSEMI-SQ3460EV-T1-GE3 Datasheet
484Kb / 9P
   N-Channel 30 V (D-S) MOSFET
More results

Similar Description - SQ3460EV-T1-GE3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SQS420EN VISHAY-SQS420EN Datasheet
1Mb / 14P
   Automotive N-Channel 20 V (D-S) 175 °C MOSFET
Rev. B, 31-Oct-11
SQS420EN VISHAY-SQS420EN_V02 Datasheet
1Mb / 12P
   Automotive N-Channel 20 V (D-S) 175 °C MOSFET
01-Jan-2023
SQD100N02-3M5L VISHAY-SQD100N02-3M5L_V01 Datasheet
207Kb / 9P
   Automotive N-Channel 20 V (D-S) 175 °C MOSFET
01-Jan-2023
SQ3442EV VISHAY-SQ3442EV Datasheet
211Kb / 11P
   Automotive N-Channel 20 V (D-S) 175 °C MOSFET
Rev. C, 07-Nov-11
SQS420EN VISHAY-SQS420EN_15 Datasheet
1Mb / 14P
   Automotive N-Channel 20 V (D-S) 175 °C MOSFET
Rev. B, 31-Oct-11
SQ2310ES VISHAY-SQ2310ES_15 Datasheet
223Kb / 11P
   Automotive N-Channel 20 V (D-S) 175 °C MOSFET
Rev. B, 07-Nov-11
SQ3460EV VISHAY-SQ3460EV_V02 Datasheet
274Kb / 9P
   Automotive N-Channel 20 V (D-S) 175 °C MOSFET
01-Jan-2023
SQ2310ES VISHAY-SQ2310ES_V02 Datasheet
207Kb / 9P
   Automotive N-Channel 20 V (D-S) 175 °C MOSFET
01-Jan-2023
SQ3460EV VISHAY-SQ3460EV_15 Datasheet
209Kb / 12P
   Automotive N-Channel 20 V (D-S) 175 °C MOSFET
Rev. D, 05-Dec-11
SQM120N02-1M3L VISHAY-SQM120N02-1M3L_15 Datasheet
172Kb / 10P
   Automotive N-Channel 20 V (D-S) 175 °C MOSFET
Rev. A, 17-Oct-11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com