Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1240 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # 1240
Description  Vishay Foil Resistors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

1240 Datasheet(HTML) 4 Page - Vishay Siliconix

  1240 Datasheet HTML 1Page - Vishay Siliconix 1240 Datasheet HTML 2Page - Vishay Siliconix 1240 Datasheet HTML 3Page - Vishay Siliconix 1240 Datasheet HTML 4Page - Vishay Siliconix 1240 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Accutrim™ 1240 (RJ26 Style)
Vishay Foil Resistors
www.foilresistors.com
For any questions, contact: foil@vishaypg.com
Document Number: 63053
4
Revision: 23-Mar-10
Note
(1) For non-standard requests, please contact application engineering.
TABLE 6 - GLOBAL PART NUMBER INFORMATION
NEW GLOBAL PART NUMBER: Y4053500R000J0L (preferred part number format)
DENOTES PRECISION
VALUE
CHARACTERISTICS (1)
YR =
Ω
K = k
Ω
0 = gold plated termination (lead (Pb)-free)
1 to 999 = custom
PRODUCT CODE
TOLERANCE
PACKAGING
4053 = 1240W
5053 = 1240X
0053 = 1240P
J = ± 5 %
K = ± 10 %
L = foam/box pack
FOR EXAMPLE: ABOVE GLOBAL ORDER Y4053 500R000 J 0 L:
TYPE: 1240W
VALUE: 500.0
Ω
ABSOLUTE TOLERANCE: ± 5.0 %
TERMINATION: gold plated termination (lead (Pb)-free)
PACKAGING: foam/box pack
HISTORICAL PART NUMBER: 1240W 500R00 J B (will continue to be used)
1240W
500R00
J
B
MODEL
RESISTANCE VALUE
TOLERANCE
PACKAGING
1240W
1240X
1240P
500R00 = 500.0
Ω
J = ± 5 %
K = ± 10 %
B = foam/box pack
05
35
0
R
0
0
Y4
J0
0
L
0


Similar Part No. - 1240

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
1240 VISHAY-1240 Datasheet
152Kb / 5P
   Bulk Metal® Foil Technology Precision Trimming Potentiometers, 1/4 Inch Square, RJ26 Style, Designed to Meet or Exceed the Requirements of MIL-PRF-39035, Char. H
Revision: 17-Jun-08
logo
List of Unclassifed Man...
1240 ETC2-1240 Datasheet
1Mb / 16P
   Drywall Punch
logo
TE Connectivity Ltd
1240 TEC-1240 Datasheet
177Kb / 5P
   PC Board Mountable Pressure Sensor
logo
List of Unclassifed Man...
1240 ETC-1240 Datasheet
105Kb / 1P
   Heyco짰 Original Strain Relief Bushings
logo
Alpha Wire
1240 ALPHAWIRE-1240 Datasheet
95Kb / 3P
   Customer Specification
9/8/2022
More results

Similar Description - 1240

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
Y14880R00200B9R VISHAY-Y14880R00200B9R Datasheet
2Mb / 7P
   Vishay Foil Resistors
Revision: 3-May-11
logo
Riedon Powertron
USR2-0808 RIEDON-USR2-0808_15 Datasheet
185Kb / 2P
   Precision Foil Resistors
FNR2E-0R025F1 RIEDON-FNR2E-0R025F1 Datasheet
221Kb / 2P
   Foil Power Resistors
FNR2E-0R15F1 RIEDON-FNR2E-0R15F1 Datasheet
221Kb / 2P
   Foil Power Resistors
USR2-T220B RIEDON-USR2-T220B Datasheet
354Kb / 3P
   Precision Foil Resistors
FPR2-T227 RIEDON-FPR2-T227 Datasheet
360Kb / 2P
   Foil Power Resistors
USR2-1410 RIEDON-USR2-1410_13 Datasheet
162Kb / 2P
   Precision Foil Resistors
USR2G-25KX1 RIEDON-USR2G-25KX1 Datasheet
185Kb / 2P
   Precision Foil Resistors
FNR2E-0R1F1 RIEDON-FNR2E-0R1F1 Datasheet
221Kb / 2P
   Foil Power Resistors
FNR2E-0R02F1 RIEDON-FNR2E-0R02F1 Datasheet
221Kb / 2P
   Foil Power Resistors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com