Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EDSX6-104 Datasheet(PDF) 1 Page - Fuji Electric

Part # EDSX6-104
Description  FCX ??C SERIES DIFFERENTIAL PRESSURE TRANSMITTER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

EDSX6-104 Datasheet(HTML) 1 Page - Fuji Electric

  EDSX6-104 Datasheet HTML 1Page - Fuji Electric EDSX6-104 Datasheet HTML 2Page - Fuji Electric EDSX6-104 Datasheet HTML 3Page - Fuji Electric EDSX6-104 Datasheet HTML 4Page - Fuji Electric EDSX6-104 Datasheet HTML 5Page - Fuji Electric EDSX6-104 Datasheet HTML 6Page - Fuji Electric EDSX6-104 Datasheet HTML 7Page - Fuji Electric EDSX6-104 Datasheet HTML 8Page - Fuji Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
SPECIFICATIONS
FEATURES
DATA SHEET
Date
FHK, FKK
FCX – C SERIES
The FCX –C differential pressure transmitter accurately
measures differential pressure, liquid level or gauge pressure
and transmits proportional 4 to 20mA signal. The transmitter
utilizes the unique micromachined capacitive silicon sensor
with state-of-the-art microprocessor technology to provide
exceptional performance and functionality.
EDSX6-104
Feb. 2, 1999
1.
High accuracy
0.1% accuracy for all calibrated spans is the standard
feature covering 0.6kPa {60mbar} draft range to 2000kPa
{20bar} high differential. Fuji's micro-capacitance silicon
sensor assures this feature for all elevated or suppressed
calibration ranges without additional adjustment.
2.
Minimum inventory
Electronics unit, communication module, local indicators
and electronics housing are interchangeable among all
FCX –C models. Process cover including bolts and nuts
are common for all DP and flow transmitters, rating 3.2
and 14MPa (32 and 140 bar).
3.
Replaceable Communication Module
Fuji micro-electronics manufacturing technology offers
replaceable communication module that makes FCX-A/
C transmitter very unique design. In case of change in
communication protocol all that needs to be done is just
replace the module and the transmitter gets upgraded
to the new version.
4.
Fuji/HART bilingual communication module
The communication module is "bilingual" to speak both
Fuji proprietary protocol and HART. Any HART compatible
devices can communicate with FCX-A/C series trans-
mitters.
5.
Application flexibility
Example features that render the FCX –C suitable for
almost any process applications includes.
– Analog indicator at either the electronics side or
terminal side
– Full range of hazardous location approvals
– Built-in RFI filter and lightning arrester
–4
-digits LCD meter
Functional specifications
Type:
Model FHK: 4 to 20mA
Model FKK:
4 to 20mA with digital signal
Service:
Liquid, gas, or vapour
Static pressure, span, and range limit:
Type
Static pressure
[MPa] {bar}
Range limit
[kPa] {mbar}
Span limit [kPa] {mbar}
Max.
Min.
–0.1 to + 3.2
{–1 to + 32 }
–0.1 to + 14
{–1 to + 140 }
–0.1 to + 14
{–1 to + 140 }
–0.1 to + 14
{–1 to + 140 }
–0.1 to + 14
{–1 to + 140 }
F
K
12
F
K
33
F
K
35
F
K
36
F
K
37
+/–
6
{ +/–
60 }
+/–
32
{ +/–
320 }
+/–
130
{ +/–
1300 }
+/–
500
{ +/–
5000 }
+/–
2000
{ +/– 20000 }
0.6
{6 }
3.2
{32 }
13
{ 130 }
50
{ 500 }
200
{2000}
6
{60 }
32
{
320 }
130
{ 1300 }
500
{ 5000 }
2000
{ 20000 }
0.375
{
3.75 }
2
{20 }
8.125
{ 81.25 }
31.25
{ 312.5}
125
{1250
}
FHK
FKK
FHK/FKK
DIFFERENTIAL PRESSURE TRANSMITTER
1
2


Similar Part No. - EDSX6-104

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
EDSX6-100 FUJI-EDSX6-100 Datasheet
173Kb / 10P
   FCX ??AX SERIES DIFFERENTIAL PRESSURE TRANSMITTER
EDSX6-101 FUJI-EDSX6-101 Datasheet
126Kb / 8P
   FCX ??AX SERIES REMOTE SEAL TYPE DIFFERENTIAL PRESSURE TRANSMITTER
EDSX6-102 FUJI-EDSX6-102 Datasheet
163Kb / 8P
   FCX ??AX SERIES FLOW TRANSMITTER
EDSX6-103 FUJI-EDSX6-103 Datasheet
222Kb / 12P
   FCX ??AX SERIES SMALL FLANGE REMOTE SEAL TYPE DIFFERENTIAL PRESSURE TRANSMITTER
EDSX6-105 FUJI-EDSX6-105 Datasheet
106Kb / 8P
   FCX - C SERIES FLOW TRANSMITTER
More results

Similar Description - EDSX6-104

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
EDS6-33B FUJI-EDS6-33B Datasheet
277Kb / 8P
   FCX SERIES DIFFERENTIAL PRESSURE TRANSMITTER
EDSX5-76A FUJI-EDSX5-76A Datasheet
107Kb / 6P
   FCX ??C SERIES PRESSURE TRANSMITTER
EDS6-85E FUJI-EDS6-85E Datasheet
151Kb / 8P
   FCX ??A SERIES DIFFERENTIAL PRESSURE TRANSMITTER
EDSX6-100 FUJI-EDSX6-100 Datasheet
173Kb / 10P
   FCX ??AX SERIES DIFFERENTIAL PRESSURE TRANSMITTER
EDSX5-75 FUJI-EDSX5-75 Datasheet
103Kb / 6P
   FCX ??C SERIES ABSOLUTE PRESSURE TRANSMITTER
EDS6-34F FUJI-EDS6-34F Datasheet
300Kb / 8P
   FCX SERIES REMOTE SEAL TYPE DIFFERENTIAL PRESSURE TRANSMITTER
EDS5-16D FUJI-EDS5-16D Datasheet
277Kb / 8P
   FCX SERIES PRESSURE TRANSMITTER
EDSX5-73 FUJI-EDSX5-73 Datasheet
165Kb / 8P
   FCX ??AX SERIES PRESSURE TRANSMITTER
EDS6-86E FUJI-EDS6-86E Datasheet
368Kb / 8P
   FCX-A SERIES REMOTE SEAL TYPE DIFFERENTIAL PRESSURE TRANSMITTER
EDSX6-101 FUJI-EDSX6-101 Datasheet
126Kb / 8P
   FCX ??AX SERIES REMOTE SEAL TYPE DIFFERENTIAL PRESSURE TRANSMITTER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com