Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EDSX6-103 Datasheet(PDF) 1 Page - Fuji Electric

Part # EDSX6-103
Description  FCX ??AX SERIES SMALL FLANGE REMOTE SEAL TYPE DIFFERENTIAL PRESSURE TRANSMITTER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

EDSX6-103 Datasheet(HTML) 1 Page - Fuji Electric

  EDSX6-103 Datasheet HTML 1Page - Fuji Electric EDSX6-103 Datasheet HTML 2Page - Fuji Electric EDSX6-103 Datasheet HTML 3Page - Fuji Electric EDSX6-103 Datasheet HTML 4Page - Fuji Electric EDSX6-103 Datasheet HTML 5Page - Fuji Electric EDSX6-103 Datasheet HTML 6Page - Fuji Electric EDSX6-103 Datasheet HTML 7Page - Fuji Electric EDSX6-103 Datasheet HTML 8Page - Fuji Electric EDSX6-103 Datasheet HTML 9Page - Fuji Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
FCX – AX SERIES
DIFFERENTIAL PRESSURE TRANSMITTER
SMALL FLANGE REMOTE SEAL TYPE
Date
DATA SHEET
Mar. 10, 1999
SPECIFICATIONS
FEATURES
Up tp
flange rating
The FCX –AX Series small flange remote seal type
differential pressure transmitter accurately measures
differential pressure, liquid level or gauge pressure and
transmits a proportional 4 to 20mA signal. The trans-mitter
utilizes a unique micromachined capacitance silicon sensor
with state-of-the-art microprocessor technology to provide
exceptional performance and functionality. Totally welded
construction of the seals assures excellent reliability in high
temperature and highly corrosive process conditions.
EDSX6-103
1.
Directly connectable to 1-1/2in and 2in flanges
The transmitter is connectable to 1-1/2in and 2in pipes
without a reducer.
2.
Flow measurement without impulse piping
1/2in and 3/4in flange size is also available. This differ-
ential pressure transmitter allows connection to 1/2in
and 3/4in flanges of a general size for the orifice tap,
which eliminates the need of using a impulse piping.
Problems with the impulse piping, such as clogging, leaks
or corrosion can be solved. In addition, the following
process connection is also available.
Screw connection 1/2-14NPT, 3/4-14NPT, Rc1/2, Rc3/4
3.
Minimum environmental influence
The "Advanced Floating Cell" design which protects the
pressure sensor against changes in temperature, static
pressure, and overpressure substantially reduces total
measurement error in actual field applications.
4.
Replaceable Communication Module
Fuji micro-electronics manufacturing technology offers
replaceable communication module that makes FCX–AX
transmitter very unique in design. In case of change in
communication protocl all that needs to be done is just
replace the module and the transmitter gets upgraded to
the new version.
5.
Fuji/HART bilingual communication module
The communication module is "bilingual" to speak both
Fuji proprietary protocol and HART. Any HART compatible
devices can communicate with FCX–AX series trans-
mitters.
6.
Application flexibility
Various options that render the FCX–AX suitable for
almost any process applications include:
– Analog indicator at either the electronics side or
terminal side
– Full range of hazardous area approvals
– Built-in RFI filter and lightning arrester
–4
1/
2
-digits LCD meter
– Stainless steel electronics housing
– Wide selection of materials
– High temperature, high vacuum seals
F
X
5
F
X
6
+/–
130
{ +/–
1300 }
+/–
500
{ +/–
5000 }
13
{
130 }
50
{
500 }
3
{ 30}
12.5
{125}
130
{
1300 }
500
{
5000 }
Min.
FHX
FKX
Type
Range limit
[kPa] {m bar}
Span limit [kPa]
(m bar}
Functional specifications
Type:
Model FHX: 4 to 20mA
Model FKX:
4 to 20mA with digital signal
Service:
Liquid, gas, or vapour
Static pressure, span, and range limit:
Max.
FHX/FKX
Static pressure
– Maximum static pressure limit for screw connction
type: 4.2MPa
}
7. Programmable output Linearization Function
In addition to Linear and Square Root, output signal can
be freely programmable.
(Up to 14 compensated points at approximation.)
(Available for amplifier unit from version 24 and FXW(HHC) version
5.3.)
8. Burnout current flexibility (Under Scale: 3.2 to 3.8mA,
Over Scale: 20.8 to 21.6mA)
Burnout signal level is adjustable using Model FXW hand
Held Communicator (HHC) to comply with NAMUR NE43.
(Available for amplifier unit from version 24 and FXW (HHC) version
5.3.)
9. Dry calibration without reference pressure
Thanks to the best combination of unique construction
of mechanical parts (Sensor unit) and high performance
electronics circuit (Electronics unit), reliability of dry cali-
bration without reference pressure is at equal level as
wet calibration.
FHX, FKX...3


Similar Part No. - EDSX6-103

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
EDSX6-100 FUJI-EDSX6-100 Datasheet
173Kb / 10P
   FCX ??AX SERIES DIFFERENTIAL PRESSURE TRANSMITTER
EDSX6-101 FUJI-EDSX6-101 Datasheet
126Kb / 8P
   FCX ??AX SERIES REMOTE SEAL TYPE DIFFERENTIAL PRESSURE TRANSMITTER
EDSX6-102 FUJI-EDSX6-102 Datasheet
163Kb / 8P
   FCX ??AX SERIES FLOW TRANSMITTER
EDSX6-104 FUJI-EDSX6-104 Datasheet
116Kb / 8P
   FCX ??C SERIES DIFFERENTIAL PRESSURE TRANSMITTER
EDSX6-105 FUJI-EDSX6-105 Datasheet
106Kb / 8P
   FCX - C SERIES FLOW TRANSMITTER
More results

Similar Description - EDSX6-103

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
EDSX5-74 FUJI-EDSX5-74 Datasheet
204Kb / 10P
   FCX ??AX SERIES SMALL FLANGE REMOTE SEAL TYPE PRESSURE TRANSMITTER
EDSX6-101 FUJI-EDSX6-101 Datasheet
126Kb / 8P
   FCX ??AX SERIES REMOTE SEAL TYPE DIFFERENTIAL PRESSURE TRANSMITTER
EDS6-96 FUJI-EDS6-96 Datasheet
679Kb / 10P
   FCX-A SERIES SMALL FLANGE REMOTE SEAL TYPE DIFFERENTIAL PRESSURE TRANSMITTER
EDS5-70 FUJI-EDS5-70 Datasheet
662Kb / 10P
   FCX-A SERIES SMALL FLANGE REMOTE SEAL TYPE PRESSURE TRANSMITTER
EDS6-34F FUJI-EDS6-34F Datasheet
300Kb / 8P
   FCX SERIES REMOTE SEAL TYPE DIFFERENTIAL PRESSURE TRANSMITTER
EDSX6-116K FUJI-EDSX6-116K Datasheet
189Kb / 12P
   SMALL FLANGE REMOTE SEAL TYPE DIFFERENTIAL PRESSURE TRANSMITTER
EDSX6-137H FUJI-EDSX6-137H Datasheet
474Kb / 16P
   SMALL FLANGE REMOTE SEAL TYPE DIFFERENTIAL PRESSURE TRANSMITTER
EDS6-86E FUJI-EDS6-86E Datasheet
368Kb / 8P
   FCX-A SERIES REMOTE SEAL TYPE DIFFERENTIAL PRESSURE TRANSMITTER
EDSX6-100 FUJI-EDSX6-100 Datasheet
173Kb / 10P
   FCX ??AX SERIES DIFFERENTIAL PRESSURE TRANSMITTER
EDS5-15F FUJI-EDS5-15F Datasheet
310Kb / 8P
   FCX SERIES REMOTE SEAL TYPE PRESSURE TRANSMITTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com