Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EDSX5-93H Datasheet(PDF) 7 Page - Fuji Electric

Part # EDSX5-93H
Description  PRESSURE TRANSMITTER Hydroseal짰 Diaphragm Version
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

EDSX5-93H Datasheet(HTML) 7 Page - Fuji Electric

  EDSX5-93H Datasheet HTML 1Page - Fuji Electric EDSX5-93H Datasheet HTML 2Page - Fuji Electric EDSX5-93H Datasheet HTML 3Page - Fuji Electric EDSX5-93H Datasheet HTML 4Page - Fuji Electric EDSX5-93H Datasheet HTML 5Page - Fuji Electric EDSX5-93H Datasheet HTML 6Page - Fuji Electric EDSX5-93H Datasheet HTML 7Page - Fuji Electric EDSX5-93H Datasheet HTML 8Page - Fuji Electric  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7
<AMP. case: T type>
VENT/DRAIN PLUG
(WHEN THE VENT/DRAIN PLUG
ATTACHED ON THE UPPER SIDE
OF THE DETECTOR) NOTE2)
"A" PRESS. CONN.
MTG. PIPE JIS 50A (2B)
VENT/DRAIN PLUG
EARTH TERMINAL
OVAL FLANGE SCREW
SEE TABLE1
H.P
L.P
4-M8×12
ZERO ADJ. SCREW
IN CASE OF 4TH DIGIT CODE "6"
IN CASE OF 4TH DIGIT CODE "5,7,8,9"
WITH ANALOG IND.
WITH DIGITAL IND.
57
38
37
171
17
(11)
(21)
27
70
104
127
20
SEE TABLE1
4th digit of the
code symbols
5
G 1/2
18
2
Rc1/4
DE
F
H
7/16-20UNF
SCREW DEPTH15
Conduit conn.
Press. conn.
Oval frange screw
DETAIL "B"
(CONDUIT CONN.)
TABLE 1
φ15
D
6
1/2-14NPT
16
4
1/4-18NPT
7/16-20UNF
SCREW DEPTH15
7
Pg13.5
10.5
4.5
1/4-18NPT
M10
SCREW DEPTH15
8
M20×1.5
16
4
1/4-18NPT
M10
SCREW DEPTH15
9
Pg13.5
10.5
4.5
1/4-18NPT
7/16-20UNF
SCREW DEPTH15
SEE TABLE1
DETAIL "A"
(PRESS. CONN.)
φ18.5
H
10
SIDE VENT(OPTION)
"B" CONDUIT CONN.
4 HOLES 9 DIA.
U-BOLT M8
NOTE2) THE PRESSURE CONNECTOR IS LOCATED ON THE DOWN SIDE
SURFACE OF THE DETECTOR, WHEN THE VENT/DRAIN PLUG IS
ATTACHED ON THE UPPER SIDE OF THE DETECTOR
(WHEN THE 21ST DIGIT OF THE CODE SYMBOLS : C,P).
<SS TAG PLATE>
CONNECTION DIAGRAM
+
−/CK− CK+
20


Similar Part No. - EDSX5-93H

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
EDSX5-91H FUJI-EDSX5-91H Datasheet
245Kb / 8P
   ABSOLUTE PRESSURE TRANSMITTER
EDSX5-92H FUJI-EDSX5-92H Datasheet
271Kb / 8P
   PRESSURE TRANSMITTER
EDSX5-94H FUJI-EDSX5-94H Datasheet
329Kb / 12P
   REMOTE SEAL TYPE PRESSURE TRANSMITTER
EDSX5-95H FUJI-EDSX5-95H Datasheet
435Kb / 6P
   SMALL FLANGE REMOTE SEAL TYPE PRESSURE TRANSMITTER
EDSX5-97H FUJI-EDSX5-97H Datasheet
182Kb / 8P
   ABSOLUTE PRESSURE TRANSMITTER (DIRECT MOUNT TYPE)
More results

Similar Description - EDSX5-93H

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
EDSX6-135H FUJI-EDSX6-135H Datasheet
294Kb / 8P
   DIFFERENTIAL PRESSURE (FLOW) TRANSMITTER Hydroseal짰 Diaphragm Version
EDSX5-77 FUJI-EDSX5-77 Datasheet
129Kb / 8P
   FCX ?밃X SERIES PRESSURE TRANSMITTER Hydroseal짰 Diaphragm Version
EDSX6-106 FUJI-EDSX6-106 Datasheet
134Kb / 8P
   FCX ??AX SERIES DIFFERENTIAL PRESSURE TRANSMITTER Hydroseal짰 Diaphragm Version
EDSX6-107 FUJI-EDSX6-107 Datasheet
126Kb / 8P
   FCX ??AX SERIES FLOW TRANSMITTER Hydroseal짰 Diaphragm Version
EDS5-55A FUJI-EDS5-55A Datasheet
238Kb / 6P
   OPTICAL GAUGE PRESSURE TRANSMITTER WITH REMOTE SEAL DIAPHRAGM
EDS6-78A FUJI-EDS6-78A Datasheet
215Kb / 4P
   OPTICAL DIFFERENTIAL PRESSURE TRANSMITTER WITH REMOTE SEAL DIAPHRAGM
EDS6-105A FUJI-EDS6-105A Datasheet
151Kb / 6P
   FC SERIES DIFFERENTIAL PRESSURE TRANSMITTER WITH REMOTE SEAL DIAPHRAGM
logo
Festo Corporation.
571476 FESTO-571476 Datasheet
92Kb / 2P
   Pressure transmitter
571488 FESTO-571488 Datasheet
82Kb / 2P
   Pressure transmitter
8000102 FESTO-8000102 Datasheet
94Kb / 2P
   Pressure transmitter
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com