Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EDSX3-119B Datasheet(PDF) 5 Page - Fuji Electric

Part # EDSX3-119B
Description  IN-SITU ZIRCONIA OXYGEN ANALYZER < ZIRCOMAT-C >
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

EDSX3-119B Datasheet(HTML) 5 Page - Fuji Electric

  EDSX3-119B Datasheet HTML 1Page - Fuji Electric EDSX3-119B Datasheet HTML 2Page - Fuji Electric EDSX3-119B Datasheet HTML 3Page - Fuji Electric EDSX3-119B Datasheet HTML 4Page - Fuji Electric EDSX3-119B Datasheet HTML 5Page - Fuji Electric EDSX3-119B Datasheet HTML 6Page - Fuji Electric EDSX3-119B Datasheet HTML 7Page - Fuji Electric EDSX3-119B Datasheet HTML 8Page - Fuji Electric  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
Approx. 130
Approx. 65
Approx. 118
5
Proof cover (to order)
Filter
Calibration gas inlet
for 1/4 inch tube.
Exclusive
cable gland
A
6- 6
Ref. air inlet (to order)
NPT1/8 or Rc1/8
36
26
45.4
80
67
Black / White/ Red / White/ Yellow / Blue
1
2
3
45
6
Heater
Thermocouple
Element output
2-core wire
4-core wire
Exclusive-special cable
EXTERNAL CONNECTION DIAGRAM
Detector (ZFK2)
Flow guide tube
12
Approx. L
Approx. 20
Oxygen detector
Gas outlet
Gas inlet
8–15
MTG. holes
6-M5
detector side
67
130
155
3
L (m)
MASS
57
1
0.3
0.5
0.75 1.0
2.7
3.3
4.1
4.8
L=
(to order)
Z
Approx (kg)
Cord 11th
Z F K 2 R
4 - 5 A 3
5
7
1
OUTLINE DIAGRAM (Unit:mm)


Similar Part No. - EDSX3-119B

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
EDSX3-113C FUJI-EDSX3-113C Datasheet
178Kb / 12P
   IN-SITU ZIRCONIA OXYGEN ANALYZER
More results

Similar Description - EDSX3-119B

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
EDSX3-113C FUJI-EDSX3-113C Datasheet
178Kb / 12P
   IN-SITU ZIRCONIA OXYGEN ANALYZER
EDS3-124C FUJI-EDS3-124C Datasheet
679Kb / 12P
   IN-SITU ZIRCONIA OXYGEN ANALYZER
EDSX3-137D FUJI-EDSX3-137D Datasheet
713Kb / 16P
   IN-SITU ZIRCONIA OXYGEN ANALYZER
EDS3-101C FUJI-EDS3-101C Datasheet
505Kb / 8P
   IN-SITU ZIRCONIA OXYGEN ANALYZER (ZIRCOMAT-P with built-in microcompuer)
EDS3-139B FUJI-EDS3-139B Datasheet
1Mb / 16P
   IN-SITU ZIRCONIA OXYGEN ANALYZER FOR HAZARDOUS LOCATION
EDS3-212A FUJI-EDS3-212A Datasheet
196Kb / 14P
   MULTI-CHANNEL ZIRCONIA OXYGEN ANALYZER
EDS3-62H FUJI-EDS3-62H Datasheet
110Kb / 4P
   PARAMAGNETIC OXYGEN ANALYZER
EDS3-69F FUJI-EDS3-69F Datasheet
150Kb / 4P
   PARAMAGNETIC OXYGEN ANALYZER
EDS3-125B FUJI-EDS3-125B Datasheet
81Kb / 4P
   PARAMAGNETIC OXYGEN ANALYZER
EDS3-115C FUJI-EDS3-115C Datasheet
81Kb / 4P
   PARAMAGNETIC OXYGEN ANALYZER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com