Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EDS12-2M Datasheet(PDF) 4 Page - Fuji Electric

Part # EDS12-2M
Description  ELECTRO-PNEUMATIC CONVERTER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

EDS12-2M Datasheet(HTML) 4 Page - Fuji Electric

  EDS12-2M Datasheet HTML 1Page - Fuji Electric EDS12-2M Datasheet HTML 2Page - Fuji Electric EDS12-2M Datasheet HTML 3Page - Fuji Electric EDS12-2M Datasheet HTML 4Page - Fuji Electric  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
ORDERING INFOMATION
1. Product name
2. Code symbol
3. Other requirements
ZLC
RELATED DEVICES
Electro-pneumatic positioner
Diaphragm type control valve
Opener (FXZ2 type)
E
Input signal
Output signal
pressure gauge
as specified
Zero
adjustment
Conduit
connection
G1/2
Air pipe
connections
2- Rc1/4
Mounting
pipe
JIS 2B
Conduit
connection
G1/2
Note: *shows the part used for the flame-proof packing
type which used for 11mm diameter cable.
Commection diagram
<FLAME-PROOF TYPE>
Details of "A"
"A"
Details of "B"
"B"
I-
I+
φ15
φ13
*Cable gland
G1/2
G1/2
OUT
Air set
as specified
Air supply
124
177
112
45
80
E
100
47.5
Information in this catalog is subject to change without notice.
Printed in Japan
Head Office
6-17, Sanbancho, Chiyoda-ku, Tokyo 102-0075, Japan
http://www.fesys.co.jp/eng
Sales Div.
International Sales Dept.
No.1, Fuji-machi, Hino-city, Tokyo, 191-8502 Japan
Phone: 81-42-585-6201, 6202
Fax: 81-42-585-6187
http: //www.fic-net.jp/eng
Caution on Safety
*Before using this product, be sure to read its instruction manual in advance.


Similar Part No. - EDS12-2M

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
EDS12-1K FUJI-EDS12-1K Datasheet
72Kb / 4P
   ELECTRO-PNEUMATIC POSITIONER
EDS12-40A FUJI-EDS12-40A Datasheet
561Kb / 10P
   ELECTRIC Part-Turn Type ACTUATOR
EDS12-42B FUJI-EDS12-42B Datasheet
594Kb / 10P
   ELECTRIC Multi-Turn Type ACTUATOR
EDS12-46D FUJI-EDS12-46D Datasheet
285Kb / 8P
   CYLINDER TYPE DAMPER DRIVER
More results

Similar Description - EDS12-2M

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
EDS12-1K FUJI-EDS12-1K Datasheet
72Kb / 4P
   ELECTRO-PNEUMATIC POSITIONER
EDS9-47C FUJI-EDS9-47C Datasheet
69Kb / 4P
   OPTICAL-PNEUMATIC CONVERTER
EDS9-52 FUJI-EDS9-52 Datasheet
110Kb / 4P
   OPTICAL-PNEUMATIC CONVERTER
logo
Festo Corporation.
151849 FESTO-151849 Datasheet
102Kb / 2P
   Pneumatic valve
151863 FESTO-151863 Datasheet
104Kb / 2P
   Pneumatic valve
536017 FESTO-536017 Datasheet
105Kb / 2P
   Pneumatic valve
546725 FESTO-546725 Datasheet
98Kb / 2P
   Pneumatic valve
9764 FESTO-9764 Datasheet
97Kb / 2P
   Pneumatic valve
9984 FESTO-9984 Datasheet
92Kb / 2P
   Pneumatic valve
10049 FESTO-10049 Datasheet
96Kb / 2P
   Pneumatic valve
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com