Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EDS11-172A Datasheet(PDF) 7 Page - Fuji Electric

Part # EDS11-172A
Description  PUM Series Multi-loop module type Temperature controller Enhanced communication Module (PROFIBUS) [PUMCP]
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

EDS11-172A Datasheet(HTML) 7 Page - Fuji Electric

  EDS11-172A Datasheet HTML 1Page - Fuji Electric EDS11-172A Datasheet HTML 2Page - Fuji Electric EDS11-172A Datasheet HTML 3Page - Fuji Electric EDS11-172A Datasheet HTML 4Page - Fuji Electric EDS11-172A Datasheet HTML 5Page - Fuji Electric EDS11-172A Datasheet HTML 6Page - Fuji Electric EDS11-172A Datasheet HTML 7Page - Fuji Electric EDS11-172A Datasheet HTML 8Page - Fuji Electric  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7
Memory allocation (Output area)
Contents
Readout/Write data setting range
Factory-set value
Register No.
Output area entry
St. No. (1st word)
0: Not used
1 to 16: Control/Analog module
17 to 32: Event module
Note: Other than the above are not settable
0
41001
Output area entry
Register No. (1st word)
0,40000 to 49999 (Note1)
0
41002
Output area entry
St. No. (2nd word)
0: Not used
1 to 16: Control/Analog module
17 to 32: Event module
Note: Other than the above are not settable
0
41003
Output area entry
Register No. (2nd word)
0, 40000 to 49999 (Note1)
0
41004
Output area entry
St. No. (108th word)
0: Not used
1 to 16: Control/Analog module
17 to 32: Event module
Note: Other than the above are not settable
0
41215
Output area entry
Register No. (108th word)
0, 40000 to 49999 (Note1)
0
41216
Note1: Only the addresses written in “Output/Input area register No.” (User’s manual: PROFIBUS communication module INP-
TN5A0489-E) are settable. However, the parameters marked “*” in “Entry ban” column are not settable.
Memory allocation (Input area)
Contents
Readout/Write data setting range
Factory-set value
Register No.
Input area entry
St. No. (1st word)
0: Not used
1 to 16: Control/Analog module
17 to 32: Event module
Note: Other than the above are not settable
0
43001
Input area entry
Register No. (1st word)
0, 30000 to 49999 (Note2)
0
43002
Input area entry
St. No. (2nd word)
0: Not used
1 to 16: Control/Analog module
17 to 32: Event module
Note: Other than the above are not settable
0
43003
Input area entry
Register No. (2nd word)
0, 30000 to 49999 (Note2)
0
43004
Input area entry
St. No. (108th word)
0: Not used
1 to 16: Control/Analog module
17 to 32: Event module
Note: Other than the above are not settable
0
43215
Input area entry
Register No. (108th word)
0, 30000 to 49999 (Note2)
0
43216
Note2: Only the addresses written in “Output/Input area register No.” (User’s manual: PROFIBUS communication module INP-
TN5A0489-E) are settable. However, the parameters marked “*” in “Entry ban” column are not settable.


Similar Part No. - EDS11-172A

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
EDS11-101E FUJI-EDS11-101E Datasheet
86Kb / 6P
   FC SERIES COMPACT CONTROLLER S(STEP OUTPUT TYPE)
EDS11-102E FUJI-EDS11-102E Datasheet
104Kb / 8P
   FC SERIES COMPACT CONTROLLER S(PROGRAMMABLE, STEP OUTPUT TYPE)
EDS11-103E FUJI-EDS11-103E Datasheet
83Kb / 6P
   FC SERIES MANUAL LOADER(CONTINUOUS OUTPUT TYPE)
EDS11-104E FUJI-EDS11-104E Datasheet
69Kb / 4P
   FC SERIES MANUAL LOADER(STEP OUTPUT TYPE)
EDS11-105E FUJI-EDS11-105E Datasheet
80Kb / 6P
   FC SERIES SETTER (CONTINUOUS OUTPUT TYPE)
More results

Similar Description - EDS11-172A

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
EDS11-166A FUJI-EDS11-166A Datasheet
343Kb / 4P
   PUM Series Multi-loop module type Temperature controller Enhanced communication Module (CC-Link) [PUMCL]
EDS11-168B FUJI-EDS11-168B Datasheet
373Kb / 8P
   PUM Series Multi-loop module type Temperature controller Enhanced communication Module [PUMCM](Mitsubishi?셲 PLC Programless Communication)
EDS11-165A FUJI-EDS11-165A Datasheet
293Kb / 16P
   PUM Series Multi-loop module type Temperature controller Control Module [PUMA/B]
EDS11-167A FUJI-EDS11-167A Datasheet
241Kb / 12P
   PUM Series Multi-loop module type Temperature controller Event input/output module [PUME]
EDS11-169A FUJI-EDS11-169A Datasheet
313Kb / 8P
   PUM Series Multi-loop module type Temperature controller Analog input/output module[PUMV/N/T]
logo
FOTEK CONTROLS CO., LTD...
NT-22 FOTEK-NT-22 Datasheet
1Mb / 7P
   Temperature Controller&Communication Module
logo
Prosoft-Technology
MVI46-PDPS PROSOFT-MVI46-PDPS Datasheet
90Kb / 2P
   PROFIBUS DP Slave Communication Module
PS69-DPM PROSOFT-PS69-DPM Datasheet
314Kb / 3P
   PROFIBUS DPV1 Master Communication Module
MVI56-PDPMV1 PROSOFT-MVI56-PDPMV1 Datasheet
303Kb / 3P
   PROFIBUS DPV1 Master Communication Module
MVI46-PDPMV1 PROSOFT-MVI46-PDPMV1 Datasheet
79Kb / 2P
   PROFIBUS DPV1 Master Communication Module
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com