Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EDS11-165A Datasheet(PDF) 3 Page - Fuji Electric

Part # EDS11-165A
Description  PUM Series Multi-loop module type Temperature controller Control Module [PUMA/B]
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

EDS11-165A Datasheet(HTML) 3 Page - Fuji Electric

  EDS11-165A Datasheet HTML 1Page - Fuji Electric EDS11-165A Datasheet HTML 2Page - Fuji Electric EDS11-165A Datasheet HTML 3Page - Fuji Electric EDS11-165A Datasheet HTML 4Page - Fuji Electric EDS11-165A Datasheet HTML 5Page - Fuji Electric EDS11-165A Datasheet HTML 6Page - Fuji Electric EDS11-165A Datasheet HTML 7Page - Fuji Electric EDS11-165A Datasheet HTML 8Page - Fuji Electric EDS11-165A Datasheet HTML 9Page - Fuji Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
3
4. Communication function
4.1 RS-485 interface
(1) Communication standards: RS-485 compatible
(2) No. of port:
1 port
(3) Communication, synchro method:
Two-wire, half-duplex, asynchronous
cycle
(4) Communication speed: 9.6k, 19.2k, 38.4k, 115.2kbps
(5) Communication distance: 1km (38.4kbps or less),
250m (115.2kbps)
(6) Recommended cable: KPEV-SB 0.5sq-equivalent
(7) No. of connectable units:
33 units (master and slave)
(32 units if any modules other than PUM
series are included in slaves.)
(8) Data format: Data bit; 8, parity; even / odd / none
(9) Protocol:
Modbus RTU compatible
(10) Insulation:
No insulation with loader communication
port, CT input
Functional insulation with any other in-
put / output
4.2 Loader communication (RS-232C) interface
(1) Communication standards: RS-232C compatible
(2) No. of port:
1 port
(3) Communication, synchro method:
Half-duplex, asynchronous cycle
(4) Communication speed: 19.2kbps (fixed)
(5) Data format: Data bit 8, no parity
(6) Protocol:
Modbus RTU compatible
(7) Connection method:
2.5 diameter mini-plug / jack
[on the front of the module]
(Common cable with PXG, PXH)
(8) Insulation:
No insulation with RS-485, CT input
Functional insulation with any other in-
put / output
5. Control functions
5.1 Control methods
(1) PID control (including FUZZY PID control)
- PID constant: Set by auto tuning
(2) PID 2 (Heat/cool) control (including FUZZY PID control)
- PID constant: Set by auto tuning
5.2 Control parameter
- Proportional band (P):
0.0 to 999.9%, P=0: 2 position control
ON
- Integration time (I):
0 sec to 3200 sec. I=0: Integration OFF
- Derivation time (D):
0.0 to 999.9 sec. D=0: Derivation OFF
- Control cycle: 200ms
5.3 Control mode
(1) Mode type:
Auto / Manual / Remote
(2) Mode switching:
Auto
↔ Manual: balanceless / bumpless transfer
Auto/Manual
↔ Remote: balance/bumpless transfer
Auto/Manual
↔ Remote: balance/bumpless transfer
5.4 Digital input function
(1) Operation control by digital input:
Run / Standby switch, Auto / Manual switch,
Local / Remote switch, Start auto tuning,
Ramp SV ON / OFF, Ramp SV HOLD, DO
latch release, Start timer, Output shut-
down
(2) Input method: Input using event input/output module
6. Alarm function
6.1 Alarm function
(1) No. of alarm set- points: 5 points / control channel
(2) Alarm type:
PV value(Lower/upper limit, absolute/de-
viation value, range)
Loop burnout alarm, Error alarm, etc.
(Non-excitation, delay, latch, timer func-
tion also available)
(3) Alarm output: Data output via communication or output
from event input / output module
6.2 Heater break alarm
(1) No. of alarm set-points:
4 or 8 points (2 points/control channel)
(2) Alarm type:
Detect when output ON (break detec-
tion)
Detect when output OFF (leakage current
detection)
(setting can be done separately by point)
(3) Heater current alarm
Detectable current range:
2A to 50A
Detected current resolution: 0.1A
Setting resolution:
0.1A
Operation dead band:
0.0 to 50.0A
(4) Alarm output: Data output via communication or output
from event input/output module
7 Display, configuration
7.1 Display
(1) Display:
Status display LED
(2 colors × 6 points)
(2) Display contents:
RUN/FAULT, RS-485 TX/RX, OUT/ERR by
loop (4 loops) (Functions are assigned to
LED of each channel)
7.2 Setting device
(1) Setting device: Rotary SW × 1
(2) Set contents: RS-485 Station No.
(Station No.= setting value + 1)
8. Power outage
(1) Impact of power outage:
Outage of 2ms or less ; no impact
(2) Operation after power outage:
Start from the first step (cold start)
(3) Memory backup:
Nonvolatile memory (EEPROM)
No. of update ; 100,000
9. Self diagnosis
Diagnosis method:
Program error monitoring by watch dog
timer


Similar Part No. - EDS11-165A

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
EDS11-160C FUJI-EDS11-160C Datasheet
314Kb / 16P
   PX series digital temperature controller MICRO-CONTROLLER X (96 횞 96 mm)
EDS11-161 FUJI-EDS11-161 Datasheet
160Kb / 12P
   Digital Controller COMPACT CONTROLLER M [CC-M](FIXED FUNCTION/CONTINUOUS OUTPUT TYPE)
EDS11-162 FUJI-EDS11-162 Datasheet
162Kb / 12P
   Digital Controller COMPACT CONTROLLER M [CC-M] (FIXED FUNCTION/ STEP OUTPUT TYPE)
EDS11-164A FUJI-EDS11-164A Datasheet
468Kb / 8P
   PX series Digital temperature Controller Socket Type MICRO-CONTROLLER X (48mm횞48mm) MICRO-CONTROLLER X
EDS11-166A FUJI-EDS11-166A Datasheet
343Kb / 4P
   PUM Series Multi-loop module type Temperature controller Enhanced communication Module (CC-Link) [PUMCL]
More results

Similar Description - EDS11-165A

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
EDS11-167A FUJI-EDS11-167A Datasheet
241Kb / 12P
   PUM Series Multi-loop module type Temperature controller Event input/output module [PUME]
EDS11-172A FUJI-EDS11-172A Datasheet
363Kb / 8P
   PUM Series Multi-loop module type Temperature controller Enhanced communication Module (PROFIBUS) [PUMCP]
EDS11-166A FUJI-EDS11-166A Datasheet
343Kb / 4P
   PUM Series Multi-loop module type Temperature controller Enhanced communication Module (CC-Link) [PUMCL]
EDS11-169A FUJI-EDS11-169A Datasheet
313Kb / 8P
   PUM Series Multi-loop module type Temperature controller Analog input/output module[PUMV/N/T]
EDS11-168B FUJI-EDS11-168B Datasheet
373Kb / 8P
   PUM Series Multi-loop module type Temperature controller Enhanced communication Module [PUMCM](Mitsubishi?셲 PLC Programless Communication)
logo
FOTEK CONTROLS CO., LTD...
NT-22 FOTEK-NT-22 Datasheet
1Mb / 7P
   Temperature Controller&Communication Module
logo
M-System Co.,Ltd.
SC210W MSYSTEM-SC210W Datasheet
482Kb / 13P
   Single Loop Controller Series MULTI-FUNCTION PID CONTROLLER
SC200 MSYSTEM-SC200 Datasheet
530Kb / 12P
   Single Loop Controller Series MULTI-FUNCTION PID CONTROLLER
SC110 MSYSTEM-SC110 Datasheet
437Kb / 12P
   Single Loop Controller Series MULTI-FUNCTION PID CONTROLLER
SC210 MSYSTEM-SC210 Datasheet
579Kb / 14P
   Single Loop Controller Series MULTI-FUNCTION PID CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com