Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EDS11-161 Datasheet(PDF) 11 Page - Fuji Electric

Part # EDS11-161
Description  Digital Controller COMPACT CONTROLLER M [CC-M](FIXED FUNCTION/CONTINUOUS OUTPUT TYPE)
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

EDS11-161 Datasheet(HTML) 11 Page - Fuji Electric

Back Button EDS11-161 Datasheet HTML 4Page - Fuji Electric EDS11-161 Datasheet HTML 5Page - Fuji Electric EDS11-161 Datasheet HTML 6Page - Fuji Electric EDS11-161 Datasheet HTML 7Page - Fuji Electric EDS11-161 Datasheet HTML 8Page - Fuji Electric EDS11-161 Datasheet HTML 9Page - Fuji Electric EDS11-161 Datasheet HTML 10Page - Fuji Electric EDS11-161 Datasheet HTML 11Page - Fuji Electric EDS11-161 Datasheet HTML 12Page - Fuji Electric  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
11
EXTERNAL CONNECTION DIAGRAM
COMPRESSION TERMINAL TYPE
Voltage
input
24 V external
supply
24 V
supply
for
DIO
Process
value
input
Voltage
input
Resistance
bulb
input
Thermo-
couple
input
Manipulated
output 1
Instrument power supply 100 to 240VAC
or
Instrument power supply 24VDC
43
44
45
46
47
48
49
50
51
52
53
54
55
56
MI+1
MI-1
AO1
SC
AO2
AO3
SC
AO4
FLT
DO1
DO2
DO3
DO4
57
58
59
60
61
62
63
64
65
66
67
DO5
DI1
DIO-COM
DI2
DI3
DIO-COM
DI4
DI5
I+1
Io1
Rcj1
Rcj
VPD
VPD
PCD
I-1
22
23
24
25
26
27
28
29
30
31
32
33
34
35
MI+2
MI-2
MI+3
MI-3
MI+4
MI-4
DO6
DO7
DO8
DIO-COM
DI6
DI7
DIO-COM
36
37
38
39
40
41
42
DI8
OPT+
OPT-
COM
I+2
Io2
Rcj2
I-2
PCD
(+)
(−)
1
2
3
4
5
6
7
8
9
10
11
12
13
14
AI1
SC
AI2
AI3
SC
AI4
AI5
SC
AI6
SC
VP
PC
DI9
15
16
17
18
19
20
21
DI10
DO9
DO10
MOD+
MOD-
COM
VPD
PCD
PCD
(+)
(-)
(+)
(-)
(COM)
L/+
N/-
G
+
-
VPD
PCD
A
b
B
Note)
Note)
Note)
Note)
Note)
Note)
Note)
Note)
Note)
Note)
Note)
Note)
Note)
Note)
Note)
Note)
Note)
Note)
Note)
Note)
Note)
Grounding
The area enclosed with a dotted
line is the circuit within the main unit.
External
setting
input
RS485
communication
(Modbus) or T-link
host communication
Note) Compression terminal No. 1, 6, 7, 9, 22, 23, 24, 25, 26, 27, 32, 36, 37, 38, 40,
41, 45, 52, 53, 60, 62 not usable (connection not allowed)


Similar Part No. - EDS11-161

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
EDS11-160C FUJI-EDS11-160C Datasheet
314Kb / 16P
   PX series digital temperature controller MICRO-CONTROLLER X (96 횞 96 mm)
EDS11-162 FUJI-EDS11-162 Datasheet
162Kb / 12P
   Digital Controller COMPACT CONTROLLER M [CC-M] (FIXED FUNCTION/ STEP OUTPUT TYPE)
EDS11-164A FUJI-EDS11-164A Datasheet
468Kb / 8P
   PX series Digital temperature Controller Socket Type MICRO-CONTROLLER X (48mm횞48mm) MICRO-CONTROLLER X
EDS11-165A FUJI-EDS11-165A Datasheet
293Kb / 16P
   PUM Series Multi-loop module type Temperature controller Control Module [PUMA/B]
EDS11-166A FUJI-EDS11-166A Datasheet
343Kb / 4P
   PUM Series Multi-loop module type Temperature controller Enhanced communication Module (CC-Link) [PUMCL]
More results

Similar Description - EDS11-161

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
EDS11-162 FUJI-EDS11-162 Datasheet
162Kb / 12P
   Digital Controller COMPACT CONTROLLER M [CC-M] (FIXED FUNCTION/ STEP OUTPUT TYPE)
EDSX11-132E FUJI-EDSX11-132E Datasheet
120Kb / 12P
   Digital Controller COMPACT CONTROLLER M [CC-M] (PROGRAMMABLE CONTINUOUS OUTPUT TYPE)
EDS11-132B FUJI-EDS11-132B Datasheet
142Kb / 12P
   Digital Controller COMPACT CONTROLLER M [CC-M](PROGRAMMABLE CONTINUOUS OUTPUT TYPE)
EDSX11-140A FUJI-EDSX11-140A Datasheet
112Kb / 12P
   Digital Controller COMPACT CONTROLLER M [CC-M] (PROGRAMMABLE STEP OUTPUT TYPE)
EDS11-140B FUJI-EDS11-140B Datasheet
143Kb / 12P
   Digital Controller COMPACT CONTROLLER M [CC-M](PROGRAMMABLE STEP OUTPUT TYPE)
EDS11-91H FUJI-EDS11-91H Datasheet
92Kb / 6P
   FC SERIES COMPACT CONTROLLER S(CONTINUOUS OUTPUT TYPE)
EDS11-93G FUJI-EDS11-93G Datasheet
121Kb / 8P
   FC SERIES COMPACT CONTROLLER S(PROGRAMMABLE, CONTINUOUS OUTPUT TYPE)
EDS11-31F FUJI-EDS11-31F Datasheet
532Kb / 7P
   FC SERIES COMPACT CONTROLLER F(CONTINUOUS OUTPUT)
logo
ON Semiconductor
NCP1653 ONSEMI-NCP1653 Datasheet
183Kb / 20P
   Compact, Fixed-Frequency, Continuous Conduction Mode PFC Controller
December, 2005 ??Rev. 4
NCP1653 ONSEMI-NCP1653_07 Datasheet
183Kb / 19P
   Compact, Fixed?묯requency, Continuous Conduction Mode PFC Controller
March, 2007 ??Rev. 6
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com