Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EDS11-124D Datasheet(PDF) 1 Page - Fuji Electric

Part # EDS11-124D
Description  PROGRAM CONTROLLER X (96mm)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

EDS11-124D Datasheet(HTML) 1 Page - Fuji Electric

  EDS11-124D Datasheet HTML 1Page - Fuji Electric EDS11-124D Datasheet HTML 2Page - Fuji Electric EDS11-124D Datasheet HTML 3Page - Fuji Electric EDS11-124D Datasheet HTML 4Page - Fuji Electric EDS11-124D Datasheet HTML 5Page - Fuji Electric EDS11-124D Datasheet HTML 6Page - Fuji Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
DATA SHEET
PVX
Operation mode: • Program operation
• Fixed value (FIX) operation
• Manual (MAN) operation
Digital input/output:
• Time signal output: 4 points (TS1, TS2,
TS3, TS4)
• External command input: 4 points (Re-
set, Run, Hold, Advance)
• Pattern select input: BCD 1 digit (23, 22,
21, 20)
• Status output (Output informations): 3
points (Reset, Run/Hold, End)
Option:
• Auxiliary analog output: 2 points (AO1,
AO2)
• Expansion digital output: 2 points (TS5,
TS6 or ALM3, ALM4)
Power source:
Flexible supply voltage: 100 to 240V AC
The program controller X (PVX) is a high performance control-
ler designed on the basis of many years of Fuji’s successful
experience and advanced technologies.
1. Display of 3 different datas
Three different datas such as measured value (PV), set
value (SV) and time can be monitored simultaneously.
2. 20-segment program patterns (9 patterns)
Program patterns can be linked in series or repeated.
3. Full multi-input type
The program controller accepts a large number of inputs
(full multi-input). Up to 11 kinds of thermocouples, 1 resis-
tance bulb, 6 different voltage inputs and a current input
can be connected.
4. Wide input/output functions (option)
The program controller is able to expand the input/output
functions up to 8 points of digital inputs, 11 points of digi-
tal outputs and 2 points of auxiliary analog outputs.
Panel size:
96
× 96mm
Input:
Full multi-input
• Thermocouple: J, K, R, B, T, E, S, N, U,
WRe5-26, PL-II
• Platinum resistance bulb: Pt100
• DC voltage/current
Input accuracy:
±0.2% of full scale, ±1 digit
Input sampling cycle: 100ms
Control action:
PID with auto-tuning
Control output:
• Relay contact
• Voltage pulse output (for SSR drive)
• Current output
Alarm output:
2 points (ALM1, ALM2)
Program function: • Number of patterns: 9 patterns (max.)
• Number of segments/patterns: 20 seg-
ments
• Multi-memory (PID, etc.): 9 sets
• Pattern linkage/repeat function: pos-
sible
• Time setting: hour/minute or minute/
second
PROGRAM CONTROLLER X (96mm)
FEATURES
SPECIFICATIONS
Date
EDS11-124d
Jan. 31, 1997


Similar Part No. - EDS11-124D

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
EDS11-121A FUJI-EDS11-121A Datasheet
130Kb / 4P
   MASTER STATION(RACK MOUNTING TYPE)
EDS11-127B FUJI-EDS11-127B Datasheet
101Kb / 6P
   GRAPHIC PROGRAM CONTROLLER (1CH)
More results

Similar Description - EDS11-124D

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
EDSX11-134 FUJI-EDSX11-134 Datasheet
148Kb / 10P
   Z SERIES FUZZY CONTROLLER X (48)96, 96)96mm)
logo
NHP Electrical Engineer...
4DIN96ADAPTER NHP-4DIN96ADAPTER Datasheet
672Kb / 1P
   EM24DIN 96 x 96mm PANEL ADAPTER
7 March 2023,
logo
Fuji Electric
EDS11-127B FUJI-EDS11-127B Datasheet
101Kb / 6P
   GRAPHIC PROGRAM CONTROLLER (1CH)
EDS11-130 FUJI-EDS11-130 Datasheet
101Kb / 6P
   GRAPHIC PROGRAM CONTROLLER (2CH)
EDS11-80E FUJI-EDS11-80E Datasheet
222Kb / 10P
   DIGITAL PROGRAM CONTROLLER(1CH)
EDS11-71C FUJI-EDS11-71C Datasheet
317Kb / 5P
   PROZET-II PROGRAM CONTROLLER PROGRAMMER
logo
Linkage Goston Electron...
SM8513 LINKAGE-SM8513 Datasheet
2Mb / 8P
   Program-controlled constant voltage / constant flow controller
LNK513 LINKAGE-LNK513 Datasheet
5Mb / 8P
   Program-controlled constant voltage / constant flow controller
logo
WAGO Kontakttechnik Gmb...
750-837 WAGO-750-837 Datasheet
625Kb / 15P
   Controller CANopen; 128/64 KB Program/RAM; MCS
logo
List of Unclassifed Man...
SSB-COB9618GW ETC2-SSB-COB9618GW Datasheet
50Kb / 1P
   96mm x 18mm VIEW AREA, CHIP ON BOARD LED BACKLIGHT, 565NM green
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com