Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EDS11-118C Datasheet(PDF) 8 Page - Fuji Electric

Part # EDS11-118C
Description  FC SERIES COMPACT CONTROLLER?™?Super (CC-S)(BASIC PID AND FREELY CONFIGURABLE, STEP OUTPUT TYPE)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

EDS11-118C Datasheet(HTML) 8 Page - Fuji Electric

Back Button EDS11-118C Datasheet HTML 2Page - Fuji Electric EDS11-118C Datasheet HTML 3Page - Fuji Electric EDS11-118C Datasheet HTML 4Page - Fuji Electric EDS11-118C Datasheet HTML 5Page - Fuji Electric EDS11-118C Datasheet HTML 6Page - Fuji Electric EDS11-118C Datasheet HTML 7Page - Fuji Electric EDS11-118C Datasheet HTML 8Page - Fuji Electric EDS11-118C Datasheet HTML 9Page - Fuji Electric EDS11-118C Datasheet HTML 10Page - Fuji Electric  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
PNC3
8
Process value input terminals connections
Process value
input
AO
(Compensated PV signal)
AO
(Set point transmit signal)
AO
(Aux. analog output)
Al, AO Common bus
1 to 5VDC signal output
DC power for
Transmitter
DO
(Manual mode command)
Dl
(Aux. digital input)
Dl
(Aux. digital input)
Dl
(Aux. digital input)
DO
(Aux. digital output)
DO
(Aux. digital output)
DO
(Manual mode)
24VDC power for Dl, DO
Instrument power
(24V DC)
Compression terminal
01
02
03
04
05
06
07
08
09
10
11
12
13
14
15
16
17
18
19
20
21
CAS
AI1
AI2
W+
WO
W–
SC
SC
SO1
IR1
IO1
PO+
PO–
PI+
PI–
H
L
FLT
PCD
PCD
PC*
I+
Io
I–
KPV
SV
AO1
SC
SC
SO2
IR2
IO2
SMV
DI1
DI2
DI3
DO2
DO1
M
VPD
VPD
VP*
31
32
33
34
35
36
37
38
39
40
41
42
43
44
45
46
47
48
49
50
51
+
+
+
+
+
+
G
71
AC
72
AC
73
Ground
Instrument power (AC)
Instrument power (AC)
Al
(External set point)
Al
(Aux. analog input)
Al
(Aux. analog input)
Valve position input
Al, AO Common bus
1 to 5VDC signal output
DC power for
Transmitter
DI
(Pulse width input)
DO
(High-limit alarm output)
DO
(Low limit alarm output)
DO
(FLT output)
24VDC power for Dl, DO
24VDC power for Dl, DO
Instrument power
(24VDC)
PO (Pulse width)
(Manipulated output)
Note: * Symbols for AC instrument
power are VPO, PCO.
Output: approx. 24V DC (0.1A, max.)
1 to 5V DC
The 5th digit of
code symbols:
A
4 to 20mA DC
The 5th digit of
code symbols:
B
Thermocouple
The 5th digit of
code symbols:
C,D,E,F
Resistance bulb
The 5th digit of
code symbols:
G
4 to 20mA DC
with inner DC
power supply
of CC-S
The 5th digit of
code symbols:
B
31
32
33
31
33
31
33
31
33
31
33
32
32
21
PC
32
32
+
+
+
––
+
+
+
+
+
CONNECTION DIAGRAM


Similar Part No. - EDS11-118C

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
EDS11-110A FUJI-EDS11-110A Datasheet
521Kb / 9P
   MICRO CONTROLLER E
Jul. 10. 1995
EDS11-111C FUJI-EDS11-111C Datasheet
422Kb / 8P
   MICRO CONTROLLER E
EDS11-113D FUJI-EDS11-113D Datasheet
85Kb / 6P
   FC SERIES MANUAL LOADER(CONTINUOUS OUTPUT TYPE)
EDS11-114B FUJI-EDS11-114B Datasheet
70Kb / 4P
   FC SERIES MANUAL LOADER(STEP OUTPUT TYPE)
EDS11-115G FUJI-EDS11-115G Datasheet
81Kb / 6P
   FC SERIES SETTER (CONTINUOUS OUTPUT TYPE)
More results

Similar Description - EDS11-118C

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
EDS11-98F FUJI-EDS11-98F Datasheet
128Kb / 10P
   FC SERIES COMPACT CONTROLLER?™?Super (CC-S)(BASIC PID AND FREELY CONFIGURABLE, CONTINUOUS OUTPUT TYPE)
EDS11-101E FUJI-EDS11-101E Datasheet
86Kb / 6P
   FC SERIES COMPACT CONTROLLER S(STEP OUTPUT TYPE)
EDS11-102E FUJI-EDS11-102E Datasheet
104Kb / 8P
   FC SERIES COMPACT CONTROLLER S(PROGRAMMABLE, STEP OUTPUT TYPE)
EDS11-32G FUJI-EDS11-32G Datasheet
475Kb / 7P
   FC SERIES COMPACT CONTROLLER F(STEP OUTPUT TYPE)
EDS11-91H FUJI-EDS11-91H Datasheet
92Kb / 6P
   FC SERIES COMPACT CONTROLLER S(CONTINUOUS OUTPUT TYPE)
EDS11-35E FUJI-EDS11-35E Datasheet
340Kb / 6P
   FC SERIES COMPACT CONTROLLER E(STEP OUTPUT)
EDS11-93G FUJI-EDS11-93G Datasheet
121Kb / 8P
   FC SERIES COMPACT CONTROLLER S(PROGRAMMABLE, CONTINUOUS OUTPUT TYPE)
EDSX11-140A FUJI-EDSX11-140A Datasheet
112Kb / 12P
   Digital Controller COMPACT CONTROLLER M [CC-M] (PROGRAMMABLE STEP OUTPUT TYPE)
logo
SELEC Controls Pvt. Ltd
TC518 SELEC-TC518 Datasheet
707Kb / 2P
   Basic PID Temperature Controller
logo
Fuji Electric
EDS11-140B FUJI-EDS11-140B Datasheet
143Kb / 12P
   Digital Controller COMPACT CONTROLLER M [CC-M](PROGRAMMABLE STEP OUTPUT TYPE)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com