Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EDS11-104E Datasheet(PDF) 3 Page - Fuji Electric

Part # EDS11-104E
Description  FC SERIES MANUAL LOADER(STEP OUTPUT TYPE)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

EDS11-104E Datasheet(HTML) 3 Page - Fuji Electric

  EDS11-104E Datasheet HTML 1Page - Fuji Electric EDS11-104E Datasheet HTML 2Page - Fuji Electric EDS11-104E Datasheet HTML 3Page - Fuji Electric EDS11-104E Datasheet HTML 4Page - Fuji Electric  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Dielectric strength:
1500V AC, 1 min.
Insulation resistance:
100M
Ω or more at 500V DC
Ambient temperature:
0 to 50
°C
Ambient humidity:
90% RH or less
Enclosure:
Steel case
Nameplate:
100 (H) x 72 (W) mm, white acryl
Dimensions:
144 (H) x 72 (W) x 391 (D) mm, IEC
(DIN) standards
Mass {weight}:
Approx. 2.9kg
Mounting method:
Flush with indoor panel; vertical mounting
is standard.
Mounting on tilted surface possible (angle
"
α")
Finish color:
Munsell N1.5 for front panel and case
Range of delivery: Manual loader and mounting bracket
Notes: (1) Basic: 10 to 100 to 10
Ω, others should be
specified.
(2) Symbols of resistance bulbs are as follows.
JPt100 ... JIS C 1604-1981
Pt100 ... IEC Pub751-1983
(JPt/Pt changeover is possible with front
key.)
Terminal cover
Terminal
Panel thickness 8mm or less
140
Support
bracket
200min.
When mounting one unit
When mounting "n" units
355
36
Mounting
bracket
72
Panel cutout
(72.2n – 4)
+1
0
No. of units
n
≥ 2
68
+0.7
0
CODE SYMBOLS
α=0° to 90°
OUTLINE DIAGRAM (Unit:mm)
12345678
9
PN D 1
A
B
C
D
E
F
G
W
A
B
1
2
3
1
2
5 -
Description
Process value input signal
1 to 5V DC
4 to 20mA DC
J thermocouple
K thermocouple
E thermocouple
R thermocouple
Resistance bulb, JPt100, 3-wire, 50
°C
span or more
Resistance bulb, Pt100, 3-wire, 50
°C
span or more
Operating method
M type
A-M type
Power supply
24V DC (20 to 30V DC)
100V AC (85 to 132V/47 to 63Hz AC)
200V AC (187 to 264V/47 to 63Hz AC)
Valve position input signal
Voltage input signal (1 to 5V DC)
Resistance input signal (50 to 1000
span) (Note 1)
10mV DC span or
more, with reference
contact compensating
function


Similar Part No. - EDS11-104E

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
EDS11-101E FUJI-EDS11-101E Datasheet
86Kb / 6P
   FC SERIES COMPACT CONTROLLER S(STEP OUTPUT TYPE)
EDS11-102E FUJI-EDS11-102E Datasheet
104Kb / 8P
   FC SERIES COMPACT CONTROLLER S(PROGRAMMABLE, STEP OUTPUT TYPE)
EDS11-103E FUJI-EDS11-103E Datasheet
83Kb / 6P
   FC SERIES MANUAL LOADER(CONTINUOUS OUTPUT TYPE)
EDS11-105E FUJI-EDS11-105E Datasheet
80Kb / 6P
   FC SERIES SETTER (CONTINUOUS OUTPUT TYPE)
EDS11-106E FUJI-EDS11-106E Datasheet
84Kb / 6P
   FC SERIES RATIO SETTER
More results

Similar Description - EDS11-104E

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
EDS11-114B FUJI-EDS11-114B Datasheet
70Kb / 4P
   FC SERIES MANUAL LOADER(STEP OUTPUT TYPE)
EDS11-36B FUJI-EDS11-36B Datasheet
223Kb / 4P
   FC SERIES MANUAL LOADER(STEP OUTPUT)
EDS11-103E FUJI-EDS11-103E Datasheet
83Kb / 6P
   FC SERIES MANUAL LOADER(CONTINUOUS OUTPUT TYPE)
EDSX11-135B FUJI-EDSX11-135B Datasheet
112Kb / 12P
   FC SERIES MANUAL LOADER(CONTINUOUS OUTPUT TYPE)
EDS11-113D FUJI-EDS11-113D Datasheet
85Kb / 6P
   FC SERIES MANUAL LOADER(CONTINUOUS OUTPUT TYPE)
EDS11-34B FUJI-EDS11-34B Datasheet
237Kb / 4P
   FC SERIES MANUAL LOADER(CONTINUOUS OUTPUT)
EDS11-101E FUJI-EDS11-101E Datasheet
86Kb / 6P
   FC SERIES COMPACT CONTROLLER S(STEP OUTPUT TYPE)
EDS11-32G FUJI-EDS11-32G Datasheet
475Kb / 7P
   FC SERIES COMPACT CONTROLLER F(STEP OUTPUT TYPE)
EDS11-37B FUJI-EDS11-37B Datasheet
165Kb / 2P
   FC SERIES SETTER(STEP OUTPUT)
EDS11-102E FUJI-EDS11-102E Datasheet
104Kb / 8P
   FC SERIES COMPACT CONTROLLER S(PROGRAMMABLE, STEP OUTPUT TYPE)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com