Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EDS11-103E Datasheet(PDF) 5 Page - Fuji Electric

Part # EDS11-103E
Description  FC SERIES MANUAL LOADER(CONTINUOUS OUTPUT TYPE)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

EDS11-103E Datasheet(HTML) 5 Page - Fuji Electric

  EDS11-103E Datasheet HTML 1Page - Fuji Electric EDS11-103E Datasheet HTML 2Page - Fuji Electric EDS11-103E Datasheet HTML 3Page - Fuji Electric EDS11-103E Datasheet HTML 4Page - Fuji Electric EDS11-103E Datasheet HTML 5Page - Fuji Electric EDS11-103E Datasheet HTML 6Page - Fuji Electric  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5
Block terminals (M4 screws)
Process value input terminal connections
Process
value
input
DO
(Manual mode)
I+
(PV)
DO
(FLT output)
DI
(Manual mode command)
Instrument power (AC)
11
I–
(SC)
12
M
13
14
SMV
15
AC
FLT
Io
AC
16
31
32
33
34
35
1 to 5V DC
The 5th digit of
code symbols:
A
4 to 20mA DC
The 5th digit of
code symbols:
B
Thermocouple
The 5th digit of
code symbols:
C,D,E,F
Resistance bulb
The 5th digit of
code symbols:
G,W
4 to 20mA DC
with inner DC
power supply
of CC-S
The 5th digit of
code symbols:
B
11
+
31
12
11
12
11
12
11
12
11
12
31
31
60
PC
31
31
+
+
+
+
+
+
+
CONNECTION DIAGRAM
KPV
MV
SC
MI
+
MI
H
L
PC*
PCD
G
Note: * Symbols for AC instrument power are VPO, PCO.
Output: Approx. 24V DC (0.1A max.)
51
52
53
54
55
56
57
58
59
60
61
62
71
72
73
74
75
76
77
78
79
80
81
82
AI1
SC
EXS
VP*
VPD
AI
(External MV point)
AI, AO
Common bus
DI
(Valve position
command)
Instrument power
(24V DC, AC power)
24V power for
DI, DO
+
+
AO
(Compensated
PV signal)
AO
(Control output)
AI, AO
Common bus
AO
(Control output)
Current output
DO
(High alarm)
DO
(Low alarm)
Instrument power
(24V DC, AC power)
24V power for
DI, DO
Earth


Similar Part No. - EDS11-103E

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
EDS11-101E FUJI-EDS11-101E Datasheet
86Kb / 6P
   FC SERIES COMPACT CONTROLLER S(STEP OUTPUT TYPE)
EDS11-102E FUJI-EDS11-102E Datasheet
104Kb / 8P
   FC SERIES COMPACT CONTROLLER S(PROGRAMMABLE, STEP OUTPUT TYPE)
EDS11-104E FUJI-EDS11-104E Datasheet
69Kb / 4P
   FC SERIES MANUAL LOADER(STEP OUTPUT TYPE)
EDS11-105E FUJI-EDS11-105E Datasheet
80Kb / 6P
   FC SERIES SETTER (CONTINUOUS OUTPUT TYPE)
EDS11-106E FUJI-EDS11-106E Datasheet
84Kb / 6P
   FC SERIES RATIO SETTER
More results

Similar Description - EDS11-103E

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
EDSX11-135B FUJI-EDSX11-135B Datasheet
112Kb / 12P
   FC SERIES MANUAL LOADER(CONTINUOUS OUTPUT TYPE)
EDS11-113D FUJI-EDS11-113D Datasheet
85Kb / 6P
   FC SERIES MANUAL LOADER(CONTINUOUS OUTPUT TYPE)
EDS11-34B FUJI-EDS11-34B Datasheet
237Kb / 4P
   FC SERIES MANUAL LOADER(CONTINUOUS OUTPUT)
EDS11-104E FUJI-EDS11-104E Datasheet
69Kb / 4P
   FC SERIES MANUAL LOADER(STEP OUTPUT TYPE)
EDS11-114B FUJI-EDS11-114B Datasheet
70Kb / 4P
   FC SERIES MANUAL LOADER(STEP OUTPUT TYPE)
EDS11-36B FUJI-EDS11-36B Datasheet
223Kb / 4P
   FC SERIES MANUAL LOADER(STEP OUTPUT)
EDS11-115G FUJI-EDS11-115G Datasheet
81Kb / 6P
   FC SERIES SETTER (CONTINUOUS OUTPUT TYPE)
EDS11-105E FUJI-EDS11-105E Datasheet
80Kb / 6P
   FC SERIES SETTER (CONTINUOUS OUTPUT TYPE)
EDSX11-136B FUJI-EDSX11-136B Datasheet
111Kb / 12P
   FC SERIES SETTER(CONTINUOUS OUTPUT TYPE)
EDS11-38C FUJI-EDS11-38C Datasheet
201Kb / 3P
   FC SERIES SETTER(CONTINUOUS OUTPUT)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com