Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TS3002 Datasheet(PDF) 1 Page - Touchstone Semiconductor Inc

Part # TS3002
Description  A 1V/1uA Easy-to-Use Silicon Oscillator/Timer
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOUCHSTONE [Touchstone Semiconductor Inc]
Direct Link  http://www.touchstonesemi.com
Logo TOUCHSTONE - Touchstone Semiconductor Inc

TS3002 Datasheet(HTML) 1 Page - Touchstone Semiconductor Inc

  TS3002 Datasheet HTML 1Page - Touchstone Semiconductor Inc TS3002 Datasheet HTML 2Page - Touchstone Semiconductor Inc TS3002 Datasheet HTML 3Page - Touchstone Semiconductor Inc TS3002 Datasheet HTML 4Page - Touchstone Semiconductor Inc TS3002 Datasheet HTML 5Page - Touchstone Semiconductor Inc TS3002 Datasheet HTML 6Page - Touchstone Semiconductor Inc TS3002 Datasheet HTML 7Page - Touchstone Semiconductor Inc TS3002 Datasheet HTML 8Page - Touchstone Semiconductor Inc TS3002 Datasheet HTML 9Page - Touchstone Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
TS3002
Page 1
© 2012 Touchstone Semiconductor, Inc. All rights reserved.
FEATURES
 Ultra Low Supply Current: 1µA at 25kHz
 Supply Voltage Operation: 0.9V to 1.8V
 Programmable Frequency Range:
o
5.2kHz ≤ FOUT ≤ 90kHz (BOOST = GND)
o
5.2kHz ≤ FOUT ≤ 290kHz (BOOST = VDD)
 FOUT Period Drift: 0.044%/°C
 PWMOUT Duty Cycle Range: 12% to 90%
 Single Resistor and Capacitor Set Output
Frequency
 Output Driver Resistance: 16
0Ω
APPLICATIONS
Portable and Battery-Powered Equipment
Low-Parts-Count Nanopower Oscillator
Compact Nanopower Replacement for Crystal and
Ceramic Oscillators
Nanopower Pulse-width Modulation Control
Nanopower Pulse-position Modulation Control
Nanopower Clock Generation
Nanopower Sequential Timing
DESCRIPTION
The TS3002 is
the industry’s first and only single-
supply CMOS oscillator fully specified to operate at
1V while consuming a 1µA supply current at an
output frequency of 25kHz. This oscillator is compact,
easy-to-use, and versatile. Optimized for ultra-long
life, battery-powered applications, the TS3002 is
Touchstone’s first oscillator in the “NanoWatt
Analog™”
high-performance
analog
integrated
circuits portfolio. The TS3002 can operate from
single-supply voltages from 0.9V to 1.8V.
Requiring only a resistor and a capacitor to set the
output frequency, the TS3002 represents a 66%
reduction in pcb area and a factor-of-10 reduction in
power
consumption
over
other
CMOS-based
integrated circuit oscillators. When compared against
industry-standard
555-timer-based
products,
the
TS3002 offers up to 93% reduction in pcb area and
four orders of magnitude lower power consumption.
The TS3002 is fully specified over the -40°C to +85°C
temperature range and is available in a low-profile, 8-
pin 2x2mm TDFN package with an exposed back-
side paddle.
A 1V/1µA Easy-to-Use Silicon Oscillator/Timer
TYPICAL APPLICATION CIRCUIT
Supply Current - µA
0%
Supply Current Distribution
0.97
5%
10%
15%
20%
25%
30%
35%
0.99
1.01
1.03
The Touchstone Semiconductor logo is a registered
trademark of Touchstone Semiconductor, Incorporated.


Similar Part No. - TS3002

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
TS3002 SILABS-TS3002 Datasheet
1Mb / 13P
   Easy-to-Use Silicon Oscillator/Timer
logo
List of Unclassifed Man...
TS30021 ETC2-TS30021 Datasheet
1Mb / 19P
   High Efficiency 1A/2A/3A Current-Mode Synchronous Buck DC/DC Converter, 2MHz and 470mA LDO
TS30021 ETC2-TS30021 Datasheet
1Mb / 19P
   High Efficiency 1A/2A/3A Current-Mode Synchronous Buck DC/DC Converter, 2MHz and 470mA LDO
TS30021 ETC2-TS30021 Datasheet
1Mb / 19P
   High Efficiency 1A/2A/3A Current-Mode Synchronous Buck DC/DC Converter, 2MHz and 470mA LDO
TS30022 ETC2-TS30022 Datasheet
1Mb / 19P
   High Efficiency 1A/2A/3A Current-Mode Synchronous Buck DC/DC Converter, 2MHz and 470mA LDO
More results

Similar Description - TS3002

ManufacturerPart #DatasheetDescription
logo
Touchstone Semiconducto...
TS3001 TOUCHSTONE-TS3001 Datasheet
746Kb / 10P
   A 1V/1uA Easy-to-Use Resistor-Tuned Silicon Oscillator/Timer
logo
Silicon Laboratories
TS3002 SILABS-TS3002 Datasheet
1Mb / 13P
   Easy-to-Use Silicon Oscillator/Timer
TS3001 SILABS-TS3001 Datasheet
1Mb / 11P
   Easy-to-Use Resistor-Tuned Silicon Oscillator/Timer
logo
Semtech Corporation
SX8122 SEMTECH-SX8122 Datasheet
537Kb / 16P
   1V Motor/LED timer
logo
Generalplus Technology ...
GPES216B2 GENERALPLUS-GPES216B2 Datasheet
423Kb / 14P
   Easy-to-use SOUNDPLUS
GPES220B2 GENERALPLUS-GPES220B2 Datasheet
427Kb / 14P
   Easy-to-use SOUNDPLUS
GPES230B2 GENERALPLUS-GPES230B2 Datasheet
719Kb / 15P
   Easy-to-use SOUNDPLUS
GPES203B GENERALPLUS-GPES203B Datasheet
250Kb / 12P
   Easy-to-use SOUNDPLUS
GPES209B1 GENERALPLUS-GPES209B1 Datasheet
277Kb / 13P
   Easy-to-use SOUNDPLUS
GPES240B2 GENERALPLUS-GPES240B2 Datasheet
390Kb / 14P
   Easy-to-use SOUNDPLUS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com