Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EDS11-98F Datasheet(PDF) 5 Page - Fuji Electric

Part # EDS11-98F
Description  FC SERIES COMPACT CONTROLLER?™?Super (CC-S)(BASIC PID AND FREELY CONFIGURABLE, CONTINUOUS OUTPUT TYPE)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

EDS11-98F Datasheet(HTML) 5 Page - Fuji Electric

  EDS11-98F Datasheet HTML 1Page - Fuji Electric EDS11-98F Datasheet HTML 2Page - Fuji Electric EDS11-98F Datasheet HTML 3Page - Fuji Electric EDS11-98F Datasheet HTML 4Page - Fuji Electric EDS11-98F Datasheet HTML 5Page - Fuji Electric EDS11-98F Datasheet HTML 6Page - Fuji Electric EDS11-98F Datasheet HTML 7Page - Fuji Electric EDS11-98F Datasheet HTML 8Page - Fuji Electric EDS11-98F Datasheet HTML 9Page - Fuji Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
5
VARIOUS CONFIGURATION EXAMPLES
PID control
PID control is carried out by using
only the MAln control block. PID
control by means of an external
set point is also performed.
Basic PID control (fixed configura-
tion)
Basic PID control function is
fixedly defined as standard con-
trol function in the controller
beforehand.
Configuration of
basic PID can be performed
through simple operation on the
front panel keys, where wafer
connection is unnecessary. Com-
putation functions such as square
root, filter, limiter, non linear, etc.
can be made valid or invalid by
simple operation of front panel
keys.
Ambient humidity:
90%RH or less
Enclosure:
Steel case
Enclosure class: Front IP65 (IEC 529)
Rating plate (Name plate):
10(H) x 70(W), white acrylic
Dimensions:
144(H) x 72(W) x 407 (D)mm, IEC 668
(DIN) standards
Mass{weight}:
Approx. 2.9kg
Mounting method:
Flush with indoor panel; vertical mounting
is standard.
Mounting on tilted surface possible
(Angle
α)
Finish color:
Munsell N1.5
Scope of delivery:
Controller and mounting bracket.
Item to be ordered separately:
Communication cable (Type PNZ)
Terminal resistor (Type PNY)
Note: Front scale and temperature range are to be se-
lected and specified from the "STANDARD
FRONT SCALE" and "STANDARD TEMPERATURE
RANGE" stated hereafter, when order being
placed.
CODE SYMBOLS
α=0°to 90°
12345678
9 10 11 12
PN A 3
A
B
C
D
E
F
G
B
C
1
2
3
0
2
0
1
Y
T
R
S
A
A
5 -
Description
Process variable input signal
1 to 5V DC
4 to 20mA DC
J thermocouple
K thermocouple
E thermocouple
R thermocouple
Resistance bulb Pt100
3-wire type, 50
°C span or more
10mV DC span or
more, with refer-
ence junction com-
pensating function
Auxiliary analog input
Four 1 to 5V DC inputs
Two 4 to 20mA DC with 24V DC power
supply plus two 1 to 5V DC inputs
Supply voltage
24V DC (20 to 30V DC)
110V AC (85 to 132V AC) 50/60Hz
220V AC (187 to 264V AC) 50/60Hz
Hard manual back-up unit
Without
With
Comunication interface
Without
T-link
RS-422A
RS-485
Available wafer numbers
24 wafers
48 wafers
PID auto tuning function
With
Filter
External
set point
Process
variable
A.M
R
SH
SL
MH
ML
PH
PL
M
R.A
MV
output
DV
Non-linear
MAIn control block
(MAIn PID)
H
L
P
I
D
Filter
Feed-forward
computation
A.M
DV
Non-linear
MV input
External MV
command
PV tracking
command
External
External
set point
Process
variable
Feed-forward
input
R
SH
SL
MH
H
P
I
D
ML
M
R.A
MV
output
L


Similar Part No. - EDS11-98F

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
EDS11-90B FUJI-EDS11-90B Datasheet
277Kb / 4P
   DIGITAL TEMPERATURE CONTROLLER
EDS11-91H FUJI-EDS11-91H Datasheet
92Kb / 6P
   FC SERIES COMPACT CONTROLLER S(CONTINUOUS OUTPUT TYPE)
EDS11-93G FUJI-EDS11-93G Datasheet
121Kb / 8P
   FC SERIES COMPACT CONTROLLER S(PROGRAMMABLE, CONTINUOUS OUTPUT TYPE)
More results

Similar Description - EDS11-98F

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
EDS11-118C FUJI-EDS11-118C Datasheet
111Kb / 10P
   FC SERIES COMPACT CONTROLLER?™?Super (CC-S)(BASIC PID AND FREELY CONFIGURABLE, STEP OUTPUT TYPE)
EDS11-91H FUJI-EDS11-91H Datasheet
92Kb / 6P
   FC SERIES COMPACT CONTROLLER S(CONTINUOUS OUTPUT TYPE)
EDS11-93G FUJI-EDS11-93G Datasheet
121Kb / 8P
   FC SERIES COMPACT CONTROLLER S(PROGRAMMABLE, CONTINUOUS OUTPUT TYPE)
EDS11-31F FUJI-EDS11-31F Datasheet
532Kb / 7P
   FC SERIES COMPACT CONTROLLER F(CONTINUOUS OUTPUT)
EDS11-101E FUJI-EDS11-101E Datasheet
86Kb / 6P
   FC SERIES COMPACT CONTROLLER S(STEP OUTPUT TYPE)
EDSX11-132E FUJI-EDSX11-132E Datasheet
120Kb / 12P
   Digital Controller COMPACT CONTROLLER M [CC-M] (PROGRAMMABLE CONTINUOUS OUTPUT TYPE)
EDS11-132B FUJI-EDS11-132B Datasheet
142Kb / 12P
   Digital Controller COMPACT CONTROLLER M [CC-M](PROGRAMMABLE CONTINUOUS OUTPUT TYPE)
EDS11-161 FUJI-EDS11-161 Datasheet
160Kb / 12P
   Digital Controller COMPACT CONTROLLER M [CC-M](FIXED FUNCTION/CONTINUOUS OUTPUT TYPE)
EDS11-102E FUJI-EDS11-102E Datasheet
104Kb / 8P
   FC SERIES COMPACT CONTROLLER S(PROGRAMMABLE, STEP OUTPUT TYPE)
logo
SELEC Controls Pvt. Ltd
TC518 SELEC-TC518 Datasheet
707Kb / 2P
   Basic PID Temperature Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com