Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EDS10-79C Datasheet(PDF) 11 Page - Fuji Electric

Part # EDS10-79C
Description  PAPERLESS RECORDER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

EDS10-79C Datasheet(HTML) 11 Page - Fuji Electric

Back Button EDS10-79C Datasheet HTML 4Page - Fuji Electric EDS10-79C Datasheet HTML 5Page - Fuji Electric EDS10-79C Datasheet HTML 6Page - Fuji Electric EDS10-79C Datasheet HTML 7Page - Fuji Electric EDS10-79C Datasheet HTML 8Page - Fuji Electric EDS10-79C Datasheet HTML 9Page - Fuji Electric EDS10-79C Datasheet HTML 10Page - Fuji Electric EDS10-79C Datasheet HTML 11Page - Fuji Electric EDS10-79C Datasheet HTML 12Page - Fuji Electric  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
11
SELECTINGINPUTTYPE
The input type is the same every 2 channels.
The input type of channel 2, 4, 6, 8, 11, 13, 15, 17, 20, 22, 24, 26, 29, 31, 33 and 35 can only be set in the same category
of previous channel.
Note, however, that input type can be arbitrarily selected only for channels 9, 18, 27 and 36 irrespective of the type
allocated to other channels.
The following input types are available.
Details
Input type
Thermocouple, 50mV
Resistance bulb
Pt100, JPt100, Ni100, Pt50 and Cu50
K, E, J, T, R, S, B, N, W, L, U, and PN thermocouples, 50mV
500mV
500mV
5V
1 to 5V, 0 to 5V
Exampleofchannelinputtypeselection(for18pointsinput)
Input type
Description
Input type
Channel 1
K thermocouple
Thermocouple,
50mV
The type of thermocouple can be arbitrarily selected
for each channel.
Channel 2
T thermocouple
Channel 3
1-5V
5V
Channel 4
0-5V
Channel 5
Channel 6
Channel 7
Channel 8
Channel 9
Channel 10
Channel 11
Channel 12
Channel 13
Channel 14
Channel 15
Channel 16
Channel 17
Channel 18
Pt100
Resistance bulb
The type of resistance bulb can be arbitrarily selected
for each channel.
JPt100
500mV
500mV
500mV
J thermocouple
Thermocouple, 50mV
Input type can be arbitrarily selected for channel 9.
K thermocouple
50mV
Thermocouple,
50mV
The input type of the thermocouple and 50mV is the
same.
Skip
1-5V
5V
Skip and other channel can arbitrarily be selected
irrespective of the input type.
Pt100
Skip
Resistance bulb
Other channels
500mV
500mV
Thermocouple, 50mV
Input type can be arbitrarily selected for channel 18.
50mV
Note 1) Windows2000/XP, Excel, and Internet Explorer are the trademarks or registered trademarks of Microsoft Corpora-
tion in the U.S.
Note 2) CompactFlash is the trademark or registered trademark of Sandisk Corporation.
Note 3) Modbus is the trademark or registered trademark of AEG Schneider Automation International.
Note 4) The PC98 Series are the trademark or registered trademark of NEC Corporation.
Note 5) Netscape is the trademark or registered trademark of Netscape Communications Corp.
Note 6) Firefox is the trade mark of Mozilla Corporation.


Similar Part No. - EDS10-79C

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
EDS10-72B FUJI-EDS10-72B Datasheet
99Kb / 4P
   ALARM SETTER WITH DIGITAL DISPLAY
EDS10-73D FUJI-EDS10-73D Datasheet
712Kb / 8P
   AC POWER MONITOR(SD Memory Card Type)
EDS10-74J FUJI-EDS10-74J Datasheet
988Kb / 12P
   PAPERLESS RECORDER
EDS10-75J FUJI-EDS10-75J Datasheet
772Kb / 12P
   PAPERLESS RECORDER
EDS10-77E FUJI-EDS10-77E Datasheet
606Kb / 8P
   PAPERLESS RECORDER
More results

Similar Description - EDS10-79C

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
TR30 MSYSTEM-TR30 Datasheet
489Kb / 8P
   Paperless Recorder TR30 Series PAPERLESS RECORDER
logo
Fuji Electric
EDS10-75J FUJI-EDS10-75J Datasheet
772Kb / 12P
   PAPERLESS RECORDER
EDS10-77E FUJI-EDS10-77E Datasheet
606Kb / 8P
   PAPERLESS RECORDER
EDS10-74J FUJI-EDS10-74J Datasheet
988Kb / 12P
   PAPERLESS RECORDER
logo
TT Electronics.
DS6000 TTELEC-DS6000 Datasheet
349Kb / 3P
   Paperless Graphic Recorder
logo
M-System Co.,Ltd.
73VR1100 MSYSTEM-73VR1100 Datasheet
986Kb / 18P
   Paperless Recording System
73VR2102 MSYSTEM-73VR2102 Datasheet
389Kb / 18P
   Paperless Recording System
71VR1 MSYSTEM-71VR1 Datasheet
242Kb / 7P
   Paperless Recording System
73VR3100 MSYSTEM-73VR3100 Datasheet
384Kb / 14P
   Paperless Recording System
logo
TT Electronics.
DS7001 TTELEC-DS7001 Datasheet
369Kb / 3P
   Nanodac Recorder
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com